Part Number Hot Search : 
919HD 2SC20 P1345 2SB926 FQU7N20 H1N60U SRF2020 UAA3540
Product Description
Full Text Search
 

To Download VS-26MT80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vs-26mt.., vs-36mt.. series www.vishay.com vishay semiconductors revision: 22-jan-14 1 document number: 93565 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 three phase bridge (power modules), 25 a to 35 a features ? universal, 3 way terminals: push-on, wrap around or solder ? high thermal conductivity package, electrically insulated case ? center hole fixing ? excellent power/volume ratio ? ul e300359 approved ? gold plated terminals solderable using lead (pb)-free solder; solder alloy sn/ag/cu (sac305); solder temperature 260 c to 275 c ? designed and qualified for industrial and consumer level ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 description a range of extremely compact, encapsulated three phase bridge rectifiers offering efficient and reliable operation. they are intended for use in genera l purpose and instrumentation applications. ? ? electrical specifications product summary i o 25 a to 35 a v rrm 100 v to 1600 v package d-63 circuit three phase bridge d-63 major ratings and characteristics symbol characteristics 26mt 36mt units i o 25 35 a t c 70 60 c i fsm 50 hz 360 475 a 60 hz 375 500 i 2 t 50 hz 635 1130 a 2 s 60 hz 580 1030 v rrm 100 to 1600 v t j - 55 to 150 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j maximum ma vs-26mt.., vs-36mt.. 10 100 150 2 20 200 275 40 400 500 60 600 725 80 800 900 100 1000 1100 120 1200 1300 140 1400 1500 160 1600 1700
vs-26mt.., vs-36mt.. series www.vishay.com vishay semiconductors revision: 22-jan-14 2 document number: 93565 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 1 - current ratings characteristics fig. 2 - forward voltage drop characteristics forward conduction parameter symbol test conditions values units 26mt 36mt maximum dc output current at t c i o 120 rect. conduction angle 25 35 a 70 60 c maximum peak, one-cycle ? non-repetitive forward current i fsm t = 10 ms no voltage ? reapplied initial ? t j = t j maximum 360 475 a t = 8.3 ms 375 500 t = 10 ms 100 % v rrm ? reapplied 300 400 t = 8.3 ms 314 420 maximum i 2 t for fusing i 2 t t = 10 ms no voltage ? reapplied 635 1130 a 2 s t = 8.3 ms 580 1030 t = 10 ms 100 % v rrm ? reapplied 450 800 t = 8.3 ms 410 730 maximum i 2 ? t for fusing i 2 ? ti 2 t for time t x = i 2 ? t x ? t x ; 0.1 ? t x ? 10 ms, v rrm = 0 v 6360 11 300 a 2 ? s low level of threshold voltage v f(to)1 (16.7 % x ? x i f(av) < i < ? x i f(av) ), t j maximum 0.88 0.86 v high level of threshold voltage v f(to)2 ( i > ? x i f(av) ), t j maximum 1.13 1.03 low level forward slope resistance r t1 (16.7 % x ? x i f(av) < i < ? x i f(av) ), t j maximum 7.9 6.3 m ? high level forward slope resistance r t2 ( i > ? x i f(av) ), t j maximum 5.2 5.0 maximum forward voltage drop v fm t j = 25 c, i fm = 40 apk - per single junction 1.26 1.19 v maximum dc reverse current i rrm t j = 25 c, per junction at rated v rrm 100 a rms isolation voltage v ins t j = 25 c, all terminal shorted; f = 50 hz, t = 1 s 2700 v thermal - mechanical specifications parameter symbol test conditions values units 26mt 36mt maximum junction and storage ? temperature range t j , t stg - 55 to 150 c maximum thermal resistance, ? junction to case r thjc dc operation per bridge ? (based on total power loss of bridge) 1.42 1.35 k/w maximum thermal resistance, ? case to heatsink r thcs mounting surface, smooth, flat and greased 0.2 0.2 approximate weight 20 g mounting torque 10 % bridge to heatsink with screw m4 2.0 nm 030 maximum allowable case temperature (c) total output current (a) 5 101520 60 8 0 100 120 140 160 26mt.. series 120 (rect.) 25 ~ + - 1 1.0 1.5 2.0 2.5 3.0 3.5 4.0 10 1000 instantaneous forward current (a) instantaneous forward voltage (v) 26mt.. series t j = 25 c t j = 150 c per j u nction 100 0 0.5
vs-26mt.., vs-36mt.. series www.vishay.com vishay semiconductors revision: 22-jan-14 3 document number: 93565 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - total power loss characteristics fig. 4 - maximum non-re petitive surge current fig. 5 - maximum non-re petitive surge current fig. 6 - current ra tings characteristics fig. 7 - forward voltage drop characteristics 0 5 10 20 25 total output current (a) maximum total power loss (w) 0 10 20 30 40 55 26mt.. series t j = 150 c 50 45 35 25 15 5 120 (rect.) 0 25 50 100 150 maximum allowable ambient temperature (c) maximum total power loss (w) 0 10 20 30 40 55 50 45 35 25 15 5 1 k/ w 75 125 10 k/ w 7 k/ w 5 k/ w 4 k/ w 3 k/ w 2 k/ w r thsa = 0.7 k/ w - r 1 10 100 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) 8 0 120 160 200 240 2 8 0 300 320 at any rated load condition and w ith rated v rrm applied follo w ing s u rge. at 60 hz 0.00 8 3 s at 50 hz 0.0100 s initial t j = 150 c 26mt.. series 260 220 1 8 0 140 100 0.01 0.1 1 pulse drain duration (s) peak half sine wave forward current (a) 8 0 120 160 200 240 320 360 400 maxim u m non-repetiti v e s u rge c u rrent v ers u s p u lse train d u ration. n o v oltage reapplied rated v rrm reapplied initial t j = 150 c 26mt.. series 2 8 0 040 maximum allowable case temperature (c) total output current (a) 5 10 15 25 50 70 90 110 130 150 36mt.. series 120 (rect.) 35 20 30 ~ + - 1 1.0 1.5 2.0 2.5 3.0 3.5 4.0 10 1000 instantaneous forward current (a) instantaneous forward voltage (v) 36mt.. series t j = 25 c t j = 150 c per j u nction 100 0 0.5
vs-26mt.., vs-36mt.. series www.vishay.com vishay semiconductors revision: 22-jan-14 4 document number: 93565 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 8 - total power loss characteristics fig. 9 - maximum non-re petitive surge current fig. 10 - maximum non- repetitive surge current fig. 11 - thermal impedance z thjc characteristics 0 5 15 25 35 total output current (a) maximum total power loss (w) 0 10 20 40 60 8 0 70 50 30 120 (rect.) 10 20 30 36mt.. series t j = 150 c 0 25 50 100 150 maximum allowable ambient temperature (c) maximum total power loss (w) 0 10 20 30 50 8 0 70 60 40 1 k/ w 75 125 10 k/ w 7 k/ w 5 k/ w 4 k/ w 3 k/ w 2 k/ w r thsa = 0.7 k/ w - r 1 10 100 number of equal amplitude half cycle current pulses (n) peak half sine wave forward current (a) 100 200 300 400 450 at any rated load condition and w ith rated v rrm applied follo w ing s u rge. at 60 hz 0.00 8 3 s at 50 hz 0.0100 s initial t j = 150 c 36mt.. series 350 250 150 0.01 0.1 1 pulse drain duration (s) peak half sine wave forward current (a) 100 150 200 250 300 400 450 500 maxim u m non-repetiti v e s u rge c u rrent v ers u s p u lse train d u ration. n o v oltage reapplied rated v rrm reapplied initial t j = 150 c 36mt.. series 350 0.01 0.1 1 10 0.001 0.01 0.1 1 10 square wave pulse duration (s) z thjc - transient thermal impedance (k/w) 26mt.. series per b ridge . . 100 0.001 steady state v al u e: r thjc = 1.42 k/ w (dc operation)
vs-26mt.., vs-36mt.. series www.vishay.com vishay semiconductors revision: 22-jan-14 5 document number: 93565 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 12 - thermal impedance z thjc characteristics ordering information table circuit configuration 0.01 0.1 1 10 0.001 0.01 0.1 1 10 square wave pulse duration (s) z thjc - transient thermal impedance (k/w) 36mt.. series per b ridge . . 100 0.001 steady state v al u e: r thjc = 1.35 k/ w (dc operation) 26 = 25 a (average) 36 = 35 a (average) 1 - current rating code 2 - basic part number - vishay semiconductors product 3 4 - voltage code x 10 = v rrm device code 1 3 4 2 36 vs- mt 160 ~ + - links to related documents dimensions www.vishay.com/doc?95251
outline dimensions www.vishay.com vishay semiconductors revision: 03-feb-14 1 document number: 95251 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 d-63 dimensions in millimeters (inches) 24 0.5 (0.950 0.02) 28.5 0.15 (1.12 0.006) 22 1 (0.87 0.004) 16.0 0.3 (0.63 0.012) 24 0.5 (0.950 0.02) 6.35 0.05 (0.25 0.002) 12.25 (0.482) max. ? 5.2 (0.20) ac3 ac2 ac1 0.8 0.1 (0.03 0.0039) 10 0.3 (0.39 0.01) not to scale
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VS-26MT80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X