Part Number Hot Search : 
SMC30CA XR2003 DBCCDM15 10164 ON0353 C5451 P6KE250A 6OPZV420
Product Description
Full Text Search
 

To Download VO2223A-X001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 81924 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.2, 11-jan-11 1 power phototriac vo2223a vishay semiconductors description the vo2223a is an optically couple phototriac driving a power triac in a dip-8 package. it provides a 5300 v of input to output isolation. features ? maximum trigger current (i ft ): 10 ma ? isolation test voltage 5300 v rms ? peak off-state voltage 600 v ? load current 1 a rms ? dv/dt of 210 v/s ? dip-8 package ? pure tin leads ? compliant to rohs directive 2002/95/ec applications ? home appliances (air conditioners, microwave ovens, washing machines, pers onal hygiene systems, refrigerators, fan heaters, inductive heating cooker, water heaters, etc.) ? industrial equipments agency approvals ? ul - e52744 system code h ? cul - e52744 system code h ? vde - din en60747-5-2 (vde 0884) notes (1) stresses in excess of the absolute maximum ratings can cause permanent damage to the device. functional operation of the device is not implied at these or any other conditions in excess of those give n in the operational sections of this document. exposure to abs olute maximum ratings for extended periods of the time can adversely affect reliability. (2) refer to wave profile for soldering conditions for thro ugh hole devices. (3) total power dissipa tion value is based on 2s2p pcb. 1 2 3 4 5 6 8 21081-4 v de pin function 1 led cathode 2 led anode 3 led cathode 4 led cathode 5 triac gate 6 triac t1 8 triac t2 21081-3 i179012-3 ordering information vo2223a-x00# part number package option agency certified/package trigger, current i ft (ma) ul, cul 10 dip-8 vo2223a vde 10 dip-8 VO2223A-X001 absolute maximum ratings (1) (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit input led continuous forward current i f 50 ma led reverse voltage v r 5v output repetitive peak off-state voltage sine wave, 50 hz to 60 hz, gate open v drm 600 v on-state rms current i t(rms) 1a peak non-repetitive surge current (50 hz, peak) i tsm 10 a coupler total power dissipation (3) p diss 1.2 w ambient temperature range t amb - 40 to + 85 c storage temperature range t stg - 40 to + 125 c soldering temperature (2) t 10 s max. t sld 260 c isolation test voltage for 1 s v iso 5300 v rms 7.62 mm dip-#
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 81924 2 rev. 1.2, 11-jan-11 vo2223a vishay semiconductors power phototriac absolute maximum rating curves fig. 1 - power dissipation vs. te mperature fig. 2 - allowable load current vs. ambient temperature note ? the allowable load current wa s calculated out under a given operating conditions an d only for reference: led power: q e = 0.015 w, ba (4-layer) = 30 c/w note ? minimum and maximum values are testing requirements. typical valu es are characteristics of the device and are the result of en gineering evaluations. typical values are for information only and are not part of the testing requirements. fig. 3 - dv/dt test circuit 0 20 40 60 80 - 40 t a - ambient temperature (c) 21296 led power (mw) 120 - 20 100 80 60 40 20 0 0 0.2 0.4 0.6 0.8 1.0 1.2 - 40 - 20 0 20 40 60 80 100 ambient temperature (c) load current (a) 21354 electrical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit input led trigger current v t = 6 v i ft 10 ma input reverse current v r = 5 v i r 10 a led forward voltage i f = 10 ma v f 0.9 1.4 v output peak on-state voltage i tm = 1 a v tm 1.7 v peak off-state current v drm = 600 v, t a = 110 c i drm 100 a holding current r l = 100 i h 25 ma critical rate of rise of off-state voltage v in = 400 v rms (fig. 3) dv/dt 210 v/s critical rate of rise of commutating voltage v in = 240 v rms , i t = 1 a rms (fig. 3) dv/dt (c) 0.7 v/s + - v cc r in 120 dv/dt (c) dv/dt 0 v 5 v, v cc 21575 ac r l v in m on r l r test v in c test
document number: 81924 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.2, 11-jan-11 3 vo2223a power phototriac vishay semiconductors note ? this phototriac coupler is suitable for safe electrical insulati on only within the safety rati ngs. compliance with safety ra tings shall be ensured by means of protective circuits. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 4 - forward current vs. forward voltage fig. 5 - reverse voltage vs. temperature safety and insulation ratings parameter test condition symbol min. typ. max. unit climatic classification iec 68 part 1 40/85/21 pollution degr ee din vde 0109 2 tracking resistance (comparative trac king index) insulation group iiia cti 175 highest allowable overvoltage transient overvoltage v iotm 8000 v peak maximum working insulation voltage recurring peak voltage v iorm 890 v peak insulation resistance at 25 c v io = 500 v r is 10 12 insulation resistance at t s v io = 500 v r is 10 9 insulation resistance at 100 c v io = 500 v r is 10 11 partial discharge test voltage method b, v pd = v iorm x 1.6 v pd 1424 v peak safety limiting values - maximum values allowed in the event of a failure case temperature t si 165 c input current i si 150 ma output power p so 2000 mw minimum external air gap (clearance distance) measured from input terminals to output termin als, shortest distance through air 7mm minimum external tracking (creepage distance) measured from input terminals to output termin als, shortest distance path along body 7mm v f - forward voltage (v) i f - forward current (ma) 1 10 100 0.8 1 1.2 1.4 1.6 - 40 c 85 c 55 c 25 c 0 c t amb - temperature (c) v r - reverse voltage (v) 40 45 50 55 - 40 - 15 10 35 60 85
www.vishay.com for technical questions, contact: optocoupleranswe rs@vishay.com document number: 81924 4 rev. 1.2, 11-jan-11 vo2223a vishay semiconductors power phototriac fig. 6 - on-state curr ent vs. on-state voltage fig. 7 - off-state leakage current vs. voltage fig. 8 - normalized trigger input current vs. temperature fig. 9 - trigger input current vs. turn-on time fig. 10 - normalized holding current vs. temperature fig. 11 - trigger current vs. trigger pulse width v tm - peak on-state voltage (v) i tm - peak on-state current (a) 21909 - 1.8 - 1.2 - 0.6 0 0.6 1.2 1.8 - 1.8 - 1.2 - 0.6 0 0.6 1.2 1.8 s upply voltage (v) off- s tate leakage current (na) 0 0.1 1 10 100 1000 10 000 100 000 0 100 200 300 400 500 600 - 40 c 85 c 55 c 25 c 0 c t amb - temperature (c) i ft - trigger current (ma) 0.5 0.7 0.9 1.1 1.3 1.5 - 40 - 15 10 35 60 85 turn-on time (s) i ft - trigger current (ma) 21912 10 20 30 40 50 110100 t amb - temperature (c) holding current (ma) 0 0.5 1.0 1.5 2.0 2.5 - 40 - 15 10 35 60 85 trigger pulse width (s) trigger input current (ma) 21914 3.0 3.5 4.0 4.5 5.0 5.5 20 40 60 80 100
document number: 81924 for technical questions, contact: optocoupleranswe rs@vishay.com www.vishay.com rev. 1.2, 11-jan-11 5 vo2223a power phototriac vishay semiconductors fig. 12 - trigger current vs. v load package dimensions in millimeters package marking v load (v) i ft - trigger current (ma) 21915 1 2 3 4 5 0 100 200 300 400 500 600 i178006-1 pin one id 6.48 6.81 9.63 9.91 0.76 1.14 4 typ. 2.54 typ. 10 3 to 9 7.62 typ. 0.46 0.56 0.2 0.3 2.79 3.30 3.30 3.81 0.51 0.89 5.84 6.35 4 3 2 1 0.79 1.27 5 6 8 iso method a 21764-49 vo2223a v yww h 68
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of VO2223A-X001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X