Part Number Hot Search : 
0200A DCO48DMW X3215 SG2626T 625ETT RT9206PS P1300ZB BD249A
Product Description
Full Text Search
 

To Download UWT1V221MNL1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors 1 voltage capacitance 105c marking 105c marking (3 to 8 5.4 ) (8 10, 10 10 ) a2p 10 16v plastic platform 0.3 max. l (l 0.3) +0.1 0.2 d 0.5 b 0.2 c 0.2 0.5 max. a 0.2 a 0.2 e h h positive negative 1 voltage capacitance trade mark lot no. a2p 100 35v plastic platform 0.3 max. l 0.5 pressure relief vent 1. voltage mark for 6.3v is 6v . in case of marking for 3 units, v for rated voltage is omitted. 2. in case of marking for 3 units. lot no is expressed by a digit (month code). 3 apply to 6.3 5.8, 6.3 7.7 d 0.5 b 0.2 c 0.2 0.5 max. a 0.2 a 0.2 e positive negative lot no. 2 3 u 1 w 2 t 3 1 4 c 5 1 6 0 7 0 8 m 9 c 10 l 11 1 12 g 13 b 14 configuration package code size code capacitance tolerance ( 20%) rated capacitance (10f) rated voltage (16v) series name type d 3 4 to 10 code 2 1 d 3 to 8 (5.4l) 6.3 to 10 (l 5.8) code gb gs d 3 to 8 (l 7.7) 8 to 10 (l = 10) code cl nl a b c e l h 3 5.4 1.5 3.3 3.3 0.8 5.4 0.5 to 0.8 4 5.4 1.8 4.3 4.3 1.0 5.4 0.5 to 0.8 5 5.4 2.1 5.3 5.3 1.3 5.4 0.5 to 0.8 6.3 5.4 2.4 6.6 6.6 2.2 5.4 0.5 to 0.8 6.3 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 5.4 3.3 8.3 8.3 2.3 5.4 0.5 to 0.8 8 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 d l (mm) wt series chip type, wide temperature range chip type operating over wide temperature range of to 55 to +105 c . designed for surface mounting on high density pc board. applicable to automatic mounting machine fed with carrier tape. compliant to the rohs directive (2011/65/eu). chip type type numbering system (example : 16v 10 f) specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking performance characteristics item 55 to +105c 4 to 50v 0.1 to 1500f 20% at 120hz, 20 c after 2 minutes' application of rated voltage, leakage current is not more than 0.01cv or 3 (a) , whichever is greater. black print on the case top. measurement frequency : 120hz at 20 c measurement frequency : 120hz the specifications listed at right shall be met when the capacitors are restored to 20 c after the rated voltage is applied for 1000 hours at 105 c. after storing the capacitors under no load at 105c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20c, they shall meet the specified values for the endurance characteristics listed above. resistance to soldering heat the capacitors are kept on a hot plate for 30 seconds, which is maintained at 250 c. the capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20 c. rated voltage (v) tan (max.) 4 0.40 6.3 0.30 10 0.24 16 0.20 25 0.16 35 0.14 50 0.14 z 25 c / z+20c z 40 c / z+20c rated voltage (v) impedance ratio zt / z20 (max.) 4 7 15 6.3 4 8 10 3 8 16 2 4 25 2 4 35 2 3 50 2 3 wt capacitance change leakage current tan within 25% of the initial capacitance value for capacitors of 3mm unit, and 16v or less . within 20% of the initial capacitance value for capacitors of 25v or more. 200% or less than the initial specified value less than or equal to the initial specified value capacitance change leakage current tan within 10% of the initial capacitance value less than or equal to the initial specified value less than or equal to the initial specified value dimension table in next page. smaller zt low impeadance wf long life ut wz high temperature reflow cat.8100c
aluminum electrolytic capacitors wt series dimensions 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 0r1 r22 r33 r47 010 2r2 3r3 4r7 100 220 330 470 101 151 221 331 471 681 102 152 4 5.4 5 5.4 5 5.4 6.3 5.4 6.3 5.8 8 5.4 6.3 7.7 8 10 8 10 8 10 10 10 22 30 36 60 86 102 (91) 105 210 210 230 310 0g v 4 0j 6.3 1a 10 1c 16 1e 25 1v 35 1h 50 4 5.4 5 5.4 5 5.4 6.3 5.4 6.3 5.8 8 5.4 6.3 7.7 8 10 8 10 8 10 10 10 5 5.4 5 5.4 6.3 5.4 6.3 5.4 6.3 5.8 6.3 7.7 8 10 8 10 10 10 10 10 4 5.4 (3) 5 5.4 6.3 5.4 6.3 5.4 6.3 5.4 6.3 7.7 6.3 7.7 8 10 8 10 10 10 4 5.4 (3) 5 5.4 6.3 5.4 6.3 5.4 8 5.4 6.3 7.7 8 10 8 10 8 10 10 10 3 5.4 3 5.4 4 5.4 5 5.4 6.3 5.4 8 5.4 6.3 5.8 6.3 7.7 8 10 8 10 10 10 4 5.4 (3) 4 5.4 (3) 4 5.4 (3) 4 5.4 (3) 4 5.4 (3) 4 5.4 (3) 4 5.4 5 5.4 6.3 5.4 8 5.4 6.3 7.7 6.3 7.7 8 10 10 10 10 10 case size d l (mm) 22 30 36 60 86 102 (91) 105 210 210 230 310 27 35 46 60 86 105 195 210 310 310 18 (14) 30 40 50 60 95 105 195 230 310 13 (10) 23 38 48 66 (59) 91 140 155 190 300 7.5 9 15 25 42 59 (52) 63 84 155 190 300 1.0 2.6 3.2 3.8 6.3 (5.9) 11 (9) 14 19 30 51 (45) 60 63 140 180 220 code cap. (f) rated ripple rated ripple current (marms) at 105 c 120hz ( ) is also available with 3mm upon request. in such a case, will be put at 12th digit of type numbering system. size 6.3 5.8 is available for capacitors marked. " " in such a case, will be put at 12th digit of type numbering system. 6 2 taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please select ux(p.158), uj(p.164) series if high c/v products are reqired. please refer to page 3 for the minimum order quantity. frequency coefficient of rated ripple current coefficient frequency 50 hz 120 hz 300 hz 1 khz 10 khz or more 0.70 1.00 1.17 1.36 1.50 cat.8100c


▲Up To Search▲   

 
Price & Availability of UWT1V221MNL1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X