Part Number Hot Search : 
MF646 BJ5259 2302A 300A1 MN4516BS 10A03 M62499FP SI4435DY
Product Description
Full Text Search
 

To Download UNR9110G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transistors with built-in resistor 1 publication date: july 2007 sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). unr911xg series silicon pnp epitaxial planar type for digital circuits features ? costs can be reduced through downsizing of the equipment and reduction of the number of parts. ? ss-mini type package, allowing automatic insertion through tape packing. resistance by part number marking symbol (r 1 )(r 2 ) ? UNR9110G 6l 47 k ?? ? unr9111g 6a 10 k ? 10 k ? ? unr9112g 6b 22 k ? 22 k ? ? unr9113g 6c 47 k ? 47 k ? ? unr9114g 6d 10 k ? 47 k ? ? unr9115g 6e 10 k ?? ? unr9116g 6f 4.7 k ?? ? unr9117g 6h 22 k ?? ? unr9118g 6i 0.51 k ? 5.1 k ? ? unr9119g 6k 1 k ? 10 k ? ? unr911ag 6x 100 k ? 100 k ? ? unr911bg 6y 100 k ?? ? unr911cg 6z ? 47 k ? ? unr911dg 6m 47 k ? 10 k ? ? unr911eg 6n 47 k ? 22 k ? ? unr911fg 6o 4.7 k ? 10 k ? ? unr911hg 6p 2.2 k ? 10 k ? ? unr911lg 6q 4.7 k ? 4.7 k ? ? unr911mg ei 2.2 k ? 47 k ? ? unr911ng ew 4.7 k ? 47 k ? ? unr911tg ey 22 k ? 47 k ? ? unr911vg fc 2.2 k ? 2.2 k ? absolute maximum ratings t a = 25 c parameter symbol rating unit collector-base voltage (emitter open) v cbo ? 50 v collector-emitter voltage (base open) v ceo ? 50 v collector current i c ? 100 ma total power dissipation p t 125 mw junction temperature t j 125 c storage temperature t stg ? 55 to + 125 c b r 1 r 2 c e package ? code ssmini3-f3 ? pin name 1: base 2: emitter 3: collector internal connection maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://panasonic.net/sc/en
2 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec).  electrical characteristics t a = 25 c 3 c parameter symbol conditions min typ max unit collector-base voltage (emitter open) v cbo i c = ? 10 a, i e = 0 ? 50 v collector-emitter voltage (base open) v ceo i c = ? 2 ma, i b = 0 ? 50 v collector-base cutoff current (emitter open) i cbo v cb = ? 50 v, i e = 0 ? 0.1 a collector-base cutoff current (emitter open) i ceo v ce = ? 50 v, i b = 0 ? 0.5 a emitter-base UNR9110G/9115g/ i ebo v eb = ? 6 v, i c = 0 ? 0.01 ma cutoff current 9116g/9117g/911bg (collector unr9113g/911ag ? 0.1 open) unr9112g/9114g/911dg/ ? 0.2 911eg/911mg/911ng/911tg unr9111g ? 0.5 unr911fg/911hg ? 1.0 unr9119g ? 1.5 unr9118g/911cg/911lg/911vg ? 2.0 forward unr911vg h fe v ce = ? 10 v, i c = ? 5 ma 6 20  current unr9118g/911lg 20 transfer unr9119g/911dg/911fg/911hg 30 ratio unr9111g 35 unr9112g/911eg 60 unr9113g/9114g/ 80 911ag/911cg/911mg unr911ng/911tg 80 400 UNR9110G/9115g/ 160 460 9116g/9117g/911bg collector-emitter saturation voltage v ce(sat) i c = ? 10 ma, i b = ? 0.3 ma ? 0.25 v unr911vg i c = ? 10 ma, i b = ? 1.5 ma output voltage high-level v oh v cc = ? 5 v, v b = ? 0.5 v, r l = 1 k ? 4.9 v output voltage low-level v ol v cc = ? 5 v, v b = ? 2.5 v, r l = 1 k ? 0.2 v unr9113g/911bg v cc = ? 5 v, v b = ? 3.5 v, r l = 1 k  unr911dg v cc = ? 5 v, v b = ? 10 v, r l = 1 k  unr911eg v cc = ? 5 v, v b = ? 6 v, r l = 1 k  unr911ag v cc = ? 5 v, v b = ? 5 v, r l = 1 k  transition frequency f t v cb = ? 10 v, i e = 1 ma, f = 200 mhz 80 mhz unr9113g v cb = ? 10 v, i e = 1 ma, f = 200 mhz 150 unr911ag v cb = ? 10 v, i e = 2 ma, f = 200 mhz 80 unr911cg v cb = ? 10 v, i e = 2 ma, f = 200 mhz 150 input unr9118g r 1 ? 30% 0.51 + 30% k  resistance unr9119g 1.0 unr911hg/911mg/911vg 2.2 unr9116g/911fg/911lg/911ng 4.7 unr9111g/9114g/9115g 10 unr9112g/9117g/911tg 22 UNR9110G/9113g/911dg/911eg 47 unr911ag/911bg 100
3 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec).  electrical characteristics (continued) t a = 25 c 3 c characteristics charts of UNR9110G i c  v ce v ce(sat)  i c h fe  i c common characteristics chart p t  t a 0 0 160 40 120 80 150 125 100 75 50 25 ambient temperature t a ( 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 120 ? 100 ? 0 ? 0 ? 40 ? 20 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = 10 = 2 ? 2 11 2 ? 30 4 30 11 1 / 2 004 11 01 11/11 00 010 012 114 01 021 02 11 01 022 02 11 04 11 03 04 0 11/11 10 111/112/113/11 0 10 12 11 10 214 20 11 3 4 030
4 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9111g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 40 0 120 10 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2
5 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9112g i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9113g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2
6 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr9114g i c  v ce v ce(sat)  i c h fe  i c 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 ? 1 ? 10 ?10 2 = ? 02 = 2
7 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9115g i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9116g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 40 ? 120 ? 0 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2
8 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr9117g i c  v ce v ce(sat)  i c h fe  i c 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 120 ? 100 ? 0 ? 0 ? 40 ? 20 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2
9 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr9118g i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr9119g i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 240 ? 200 ? 10 ? 120 ? 0 ? 40 = 2 = ? 10 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ? 0 ? 0 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 40 0 120 10 ? 10 ? 10 2 ? 10 3 = ? 10 = 2 ? 2 0 ? 10 ? 1 4 3 2 1 ? 1 ? 10 ? 10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ? 10 ? 2 ? 10 ? 1 ? 10 ? 1 ? 1 ? 10 ? 10 2 ? 1 ? 10 ? 10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 240 ? 200 ? 10 ? 120 ? 0 ? 40 = 2 = ? 10 ? 04 ? 03 ? 0 ? 0 ? 0 ? 0 ? 0 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 40 0 120 10 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2
10 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr911ag i c  v ce v ce(sat)  i c h fe  i c 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 = 2 = ? 0 ? 03 ? 02 ? 01 ? 04 0 ? 20 ? 40 ? 0 ? 0 ? 100 0 ? 2 ? 4 ? ? ? 10 ?10 ?2 ?10 ?1 ? 10 ? 1 ? 1 ? 10 ?10 2 / = 10 2 ? 2 = ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 0 20 0 100 10 200 = ? 10 2 ? 2 = 0 1 10 ? 10 ? 20 ? 30 ? 40 = 1 = 2 ? 1 ? 10 ?10 2 ?10 3 ? 04 ? 0 ? 12 ? 1 = ? = 2 ? 1 ? 10 ?10 2 ?10 ?1 ? 1 ? 10 ?10 2 = ? 02 = 2
11 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr911bg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr911cg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o t a = 2 0 ? 20 ? 40 ? 0 ? 0 ? 100 0 ? 2 ? 4 ? ? ? 10 = ? 0 ? 03 ? 02 ? 01 ? 04 ?10 ?2 ?10 ?1 ? 10 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 / = 10 ? 2 = 2 ?10 ?1 ? 1 ? 10 ?10 2 ?10 3 0 400 = ? 10 100 200 300 2 ? 2 = 0 1 10 ? 10 ? 20 ? 30 ? 40 = 1 = 2 ?10 ?2 ?10 ?1 ? 1 ? 10 ? 04 ? 0 ? 12 ? 1 = ? = 2 ?10 ?1 ?10 2 ?10 ?1 ? 1 ? 10 ?10 2 = ? 02 = 2 ? 1 ? 10 = 2 0 ? 120 ? 0 ? 40 0 ? 2 ? 4 ? ? ? 10 = ? 10 ? 03 ? 02 ? 01 ? 04 ? 0 ? 0 ? 0 ? 0 ? 0 ?10 ?1 ?10 ?2 ? 1 ? 1 ? 10 ?10 2 / = 10 ? 2 = 2 0 40 0 120 10 200 240 = ? 10 ? 1 ? 10 ?10 2 ?10 3 2 ? 2 =
12 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr911dg i c  v ce v ce(sat)  i c h fe  i c 0 ? 10 ? 20 ? 30 ? 40 = 1 = 2 1 10 10 2 ? 1 ?10 2 0 ? 04 ? 0 = ? = 2 ? 10 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 = ? 02 = 2 ? 1 ? 10 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 0 ? 0 ? 40 ? 30 ? 20 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 40 0 120 10 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 1 ? 10 ?10 2 ?10 3 ?10 4 ? 40 ? 3 ? 30 ? 2 ? 20 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2
13 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr911eg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr911fg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 0 ? 0 ? 40 ? 30 ? 20 ? 10 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 100 200 300 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 ? 1 ? 1 ? 10 ?10 2 ?10 3 ?10 4 ? 40 ? 3 ? 30 ? 2 ? 20 = ? = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 240 ? 200 ? 10 ? 120 ? 0 ? 40 = 2 = ? 10 ? 0 ? 0 ? 0 ? 0 ? 01 ? 02 ? 03 ? 04 ? 0 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 / = 10 = 2 ? 2 0 ? 1 40 0 120 10 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2
14 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb v in  i o characteristics charts of unr911hg i c  v ce v ce(sat)  i c h fe  i c 0 ?10 ?1 4 3 2 1 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ?10 2 ?10 3 ?10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? ? 120 ? 100 ? 0 ? 0 ? 40 ? 20 = 2 = ? 0 ? 03 ? 04 ? 02 ? 01 ?10 ?2 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 ? 10 ?10 2 ?10 3 / = 10 = 2 ? 2 0 ?10 ?1 240 200 10 120 0 40 ? 1 ? 10 ?10 2 = ? 10 = 2 ? 2 0 ? 1 4 3 2 1 ? 10 ?10 2 = 1 = 0 = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2
15 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr911lg i c  v ce v ce(sat)  i c h fe  i c characteristics charts of unr911mg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb v in  i o 0 0 ?12 ? 2 ?10 ?4 ?8 ?6 ? 240 ? 200 ? 10 ? 120 ? 0 ? 40 = 2 = ? 10 ? 02 ? 04 ? 0 ? 0 ?10 ?2 ? 1 ?10 ?1 ? 1 ? 10 ?10 2 ? 10 ?10 2 ?10 3 / = 10 = 2 ? 2 0 ? 1 240 200 10 120 0 40 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2 0 ? 1 4 3 2 1 ? 10 ?10 2 = 1 = 0 = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 0 ? 12 ? 2 ? 10 ? 4 ? ? 240 200 10 120 0 40 = 2 = ? 10 ? 02 ? 01 ? 03 ? 04 ? 0 ? 0 ? 0 ? 0 ? 0 ?10 ?3 ? 1 ?10 ?2 ?10 ?1 ? 1 ? 10 ? 10 ?10 2 ?10 3 / = 10 = 2 ? 2 0 ? 1 100 200 300 00 400 ? 10 ?10 2 ?10 3 = ? 10 = 2 ? 2
16 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). c ob  v cb i o  v in v in  i o c ob  v cb i o  v in v in  i o characteristics charts of unr911ng i c  v ce v ce(sat)  i c h fe  i c 0 ?10 ?1 10 4 2 ? 1 ? 10 ?10 2 = 1 = 0 = 2 ? 1 ? 04 ? 10 ? 10 2 ? 10 3 ? 10 4 ? 14 ? 12 ? 10 ? 0 ? 0 = ? = 2 ?10 ?2 ?10 ?1 ?10 ?1 ? 1 ? 10 ?10 2 ? 1 ? 10 ?10 2 = ? 02 = 2 0 ? 12 ? 2 ? 10 ? 4 ? ? 0 ? 0 ? 10 ? 100 ? 200 = 2 = ? 10 ? 03 ? 02 ? 01 ? 04 ? 0 ? 0 ? 0 ? 0 ? 0 ? 1 ? 10 ?10 2 ?10 3 ?10 ?2 ?10 ?1 ? 10 ? 1 / = 10 2 ? 2 = 0 300 20 200 10 100 0 1 10 ?10 2 ?10 3 = ? 10 2 ? 2 = 0 4 3 2 1 1 10 10 2 = 1 = 0 = 2 1 10 10 2 10 3 10 4 ? 04 ? 0 ? 0 ? 10 ? 12 ? 14 ? 1 = ? = 2 10 ? 2 10 ? 1 ? 1 ? 10 10 2 10 ? 1 ? 1 ? 10 10 2 = ? 02 = 2
17 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). characteristics charts of unr911tg characteristics charts of unr911vg i c  v ce v ce(sat)  i c h fe  i c c ob  v cb i o  v in v in  i o i c  v ce v ce(sat)  i c h fe  i c ? 10 ? 100 ? 0 0 0 ? ? 10 ? 0 ? 0 ? 0 ? 0 ? 04 ? 03 ? 02 ? 01 = 2 = ? 10 ? 0 10 ? 2 ? 1 10 ? 1 ? 10 ? 1 10 2 ? 10 10 2 10 3 2 ? 2 = / = 10 0 100 300 200 10 0 20 10 ? 1 ? 1 ? 10 10 2 10 3 = = 10 2 ? 2 0 ? 1 4 3 2 1 ? 10 10 2 10 ? 2 ? 10 ? 1 10 ? 1 ? 02 10 2 10 3 10 4 ? 0 ? 12 = ? = 2 10 ? 1 10 ? 2 ? 1 ? 10 10 2 10 ? 1 ? 1 ? 10 10 2 = 02 = 2 0 ? 10 ? ? ? 4 ? 2 ? 12 0 ? 12 ? 2 ? 10 ? 4 ? ? = 2 = ? 10 ? 03 ? 02 ? 01 ? 04 ? 0 ? 0 ? 0 ? 0 ? 0 ? 1 ? 10 10 2 10 3 10 ? 2 10 ? 1 ? 10 ? 1 / = 10 2 ? 2 = 0 12 10 4 2 1 10 10 2 = ? 10 2 ? 2 =
18 unr911xg series sjh00222aed this product complies with the rohs directive (eu 2002/95/ec). i o  v in v in  i o ? 04 ? 14 ? 12 ? 10 ? 0 ? 0 ? 1 ? 10 10 2 10 3 10 4 = ? = 2 10 ? 2 10 ? 1 ? 1 ? 10 10 2 10 ? 1 ? 1 ? 10 10 2 = ? 02 = 2
ssmini3-f3 unit: mm 1.00 0.05 (0.50) (0.50) 1.60 +0.05 ? 0.03 0.26 +0.05 ? 0.02 12 3 0.85 +0.05 ? 0.03 1.60 0.05 0.70 +0.05 ? 0.03 0 to 0.10 (5 ) (0.45) 0.13 +0.05 ? 0.02 0.375 0.05 (5 ) t h i s p r o d u c t c o m p l i e s w i t h t h e r o h s d i r e c t i v e ( e u 2 0 0 2 / 9 5 / e c ) .
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd.


▲Up To Search▲   

 
Price & Availability of UNR9110G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X