Part Number Hot Search : 
MAX17129 H16245 EMC1201 23721 DS309BNC XXX3XX 472J400 2SC3840
Product Description
Full Text Search
 

To Download TMS10124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.tracopower.com page 1 of 6 features compact ac/dc power supply modules fully encapsulated plastic package universal input 85C264 vac, 50/60 hz high effciency low ripple and noise overload protection emi meets en 55022, class b and fcc, level b 3 package styles available: C for pcb mount with solder pins C for chassis mount with faston-tabs C for chassis mount with screw terminals 3-year product warranty the tms series switching power supplies offers high power density in a low profle package. this makes these modules the best choice for all space critical appli - cations. a further feature is the easy installation provided by fexible connection systems (solderpins, terminalblock, faston tabs). emc specifcations and compliance with international safety standards qualify the product for worldwide use. smd construction and industrial quality grade compo - nents guarantee a high reliability of these power modules. order code output power output 1 output 2 pcb-mounting chassis mounting chassis mounting with solder pins with faston tabs with screw terminals tms 06105 5 vdc/1200 ma tms 06112 12 vdc/500 ma tms 06115 6 watt 15 vdc/400 ma tms 06124 24 vdc/250 ma tms 06212 +12 vdc/250 ma C12 vdc/250 ma tms 06215 +15 vdc/200 ma C15 vdc/200 ma tms 10105 tms 10105f 5 vdc/2000 ma tms 10112 tms 10112f 12 vdc/900 ma tms 10115 tms 10115f 10 watt 15 vdc/700 ma tms 10124 tms 10124f 24 vdc/450 ma tms 10212 tms 10212f +12 vdc/450 ma C12 vdc/450 ma tms 10215 tms 10215f +15 vdc/350 ma C15 vdc/350 ma tms 15105 tms 15105f tms 15105c 5 vdc/3000 ma tms 15112 tms 15112f tms 15112c 12 vdc/1300 ma tms 15115 tms 15115f tms 15115c 15 watt 15 vdc/1000 ma tms 15124 tms 15124f tms 15124c 24 vdc/650 ma tms 15212 tms 15212f tms 15212c +12 vdc/ 650 ma C12 vdc/650 ma tms 15215 tms 15215f tms 15215c +15 vdc/ 500 ma C15 vdc/500 ma tms 25105 tms 25105f tms 25105c 5 vdc/4600 ma tms 25112 tms 25112f tms 25112c 12 vdc/2000 ma tms 25115 tms 25115f tms 25115c 25 watt* 15 vdc/1600 ma tms 25124 tms 25124f tms 25124c 24 vdc/1000 ma tms 25212 tms 25212f tms 25212c +12 vdc/1000 ma C12 vdc/1000 ma tms 25215 tms 25215f tms 25215c +15 vdc/800 ma C15 vdc/800 ma models * 10 % power reduction at 115 vac operation c b scheme ac/dc power modules tms series, 6 to 25 watt
http://www.tracopower.com page 2 of 6 ac/dc power modules tms series 6 to 25 watt input specifications input voltage range 85 C 264 vac (110C375 vdc) input frequency 47 C 63 hz external fuse (required) 1 a slow blow type (recommendation) output specifications voltage set accuracy 2 % regulation C input variation 0.4 % max. C load variation (10C90%) single output models: 1 % max. dual output models: 2 % typ./5 % max. (symmetric load) ripple and noise (20mhz bandwidth) 100 mv pp typ. overload protection by current limit at >130 % inom. foldback, automatic recovery (long therm short circuit operation may cause damage to the unit) general specifications temperature ranges C operating C25c to +60c ambient temp. max. C case temperature +90c max. C storage (non operating) C25c to +105c derating 5 vout models: 2.5 %/k above +40c all other models: 5 %/k above +50c temperature coefficient 0.02 %/c efficiency 78 % typ. humidity (non condensing) 85 % rel max. switching frequency 100 khz typ. hold-up time C vin = 115 vac 20 ms typ. C vin = 230 vac 100 ms typ. i/o isolation voltage 3000 vac leakage current 0.3 ma rms typ./230 vac/50 hz emi/rfi conducted en 55022, level b, fcc part 15 level b emc compliance C electrostatic discharge esd iec/en 61000-4-2 level 3 6 kv/8 kv C rf field susceptibility iec/en 61000-4-3 10 v/m C electrical fast transients/bursts on mainsline iec/en 61000-4-4 level 3 2 kv C surge iec/en 61000-4-5 level 3 1 kv/2 kv safety standards ul 60950-1, iec/en 60950-1 safety approvals C ul/cul 60950 -1 www.ul.com -> certifications -> file e141988 C cb report (iec 60950-1, 2nd edition) www.tracopower.com/products/tms06-cb.pdf www.tracopower.com/products/tms10-cb.pdf www.tracopower.com/products/tms15-cb.pdf www.tracopower.com/products/tms25-cb.pdf environmental compliance C reach www.tracopower.com/products/tms-reach.pdf C rohs rohs directive 2011/65/eu casing material celanex (ul 94v-0 rated) reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) >250000 h all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated.
http://www.tracopower.com page 3 of 6 outline dimensions ac/dc power modules tms series 6 to 25 watt tms 6 tms 10 tms 15 a 50 (1.97) 55 (2.17) 64 (2.52) b 42 (1.65) 47 (1.85) 54 (2.13) c 40 (1.57) 45 (1.77) 45 (1.77) d 20 (0.79) 24 (0.94) 24 (0.94) f 15.5 (0.61) 17.5 (0.69) 17.5 (0.69) pin out pin single dual 1 Cv out Cv out 2 no pin common 3 +v out +v out 4 ac in ac in 5 ac in ac in 6 fg fg pin out fg = feld ground weight tms 6: 45 g (1.6 oz ) tms 10: 75 g (2.7 oz) tms 15: 95 g (3.4 oz) tms 25: 135 g (4.8 oz) pcb-mounting with solder pins tms 6/10/15 models pin diameter ? 1.0 0.1 (0.04 0.004) tms 25 w models pin diameter ? 1.0 0.1 (0.04 0.004) 10 (0 .39) a b (0 .39) 10 cd 7 (0 .2 8) 32 1 45 6 bottom view ff 10 (0 .39) (0 .39) 10 17 .5 (0 .69) (0 .69) 17 .5 28 (1 .1 0) 7 (0 .2 8) 51 (2 .0 1) 76 (2 .9 9) 66 (2 .6 0) 32 1 4 56 bottom view
http://www.tracopower.com page 4 of 6 ac/dc power modules tms series 6 to 25 watt outline dimensions chassis mounting with faston- abs tms 10/15-f models faston no 187 / 4.75 x 0.51mm (0.187 x 0.02) tms 25-f models faston no 187/4.75 x 0.51mm (0.187 x 0.02) weight tms 10-f: 80 g (2.8 oz) tms 15-f: 100 g (3.5 oz) tms 25-f: 150 g (5.3 oz) 3.5 ( 0.14 ) a 8.1 (0.32) 45 (1.77) b c d 4.5 ( 0.18 ) 20 (0.79) 22.5 (089) 4.5 ( 0.18 ) 3 2 1 4 5 6 top view + 0.04 C 0.02 24 + 1.0 C 0.5 ( 0.94 ) (1.14 ) 51 (2.01) 96 (3.78) 86 (3.39) 76 ( 2.9 9 ) 6 6.1 (2.70) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 8.1 (0.32) 4.5 ( 0.18 ) 4.5 ( 0.18 ) 5.5 (0.22) (0.22) 5.5 40 (1.57) + 0.04 C 0.02 29 + 1.0 C 0.5 3 2 1 4 5 6 top view tms 10 tms 15 a 75 (2.95) 84 (3.31) b 65 (2.56) 74 (2.91) c 55 (2.17) 64 (2.52) d 47.6 (1.87) 55.1 (2.17) pin out pin single dual 1 Cv out Cv out 2 no tab common 3 +v out +v out 4 ac in ac in 5 ac in ac in 6 fg fg pin out fg = feld ground
http://www.tracopower.com page 5 of 6 outline dimensions ac/dc power modules tms series 6 to 25 watt chassis mounting with screw terminals tms 15-c models tms 25-c models input and output screw terminal block: gmkds 1.5/3-7.62 (phoenix) weight tms 15-c: 105 g (3.7 oz) tms 25-c: 165 g (5.8 oz) pin single dual 1 Cv out Cv out 2 no function common 3 +v out +v out 4 ac in ac in 5 ac in ac in 6 fg fg pin out fg = feld ground 3.5 ( 0.14 ) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 84 ( 3.31) 74 ( 2.91) 64 (2.52) 6 5 4 45 (1.77) 4.5 ( 0.18 ) 4.5 ( 0.18 ) 36 (1.42 ) 26.5 (1.0 4 ) 1 2 3 top view 51 (2.01) 96 (3.78) 86 (3.39) 76 ( 2.9 9 ) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 3.5 ( 0.14 ) 7. 5 (0.3) 7. 5 (0.3) 36 (1.42 ) 29.5 (1.16 ) 1 2 3 6 5 4 top view input and output screw terminal block: gmkds 1.5/3-7.62 (phoenix) dimensions in[mm], () = inches tolerances = 0.5mm (0.02)
page 6 of 6 mounting kit for: faston tabs version screw terminals version tms 10 models tms-dm10 --- tms 15 models tms-dm15 tms-dm15c tms 25 models tms-dm25 tms-dm25c order code mounting kit contains mounting plate, clip and screws din rail clip mounting plate ac/dc power modules tms series 6 to 25 watt specifcations can be changed any time without notice. re v. 0 8/12 din-rail mount jenatschstrasse 1 ch-8002 zurich switzerland t el. +41 43 311 45 11 fax +41 43 311 45 45 info@traco.ch www .tracopower .com


▲Up To Search▲   

 
Price & Availability of TMS10124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X