Part Number Hot Search : 
DG44406 LBXLENP EMA109 3HDMI YABMLA SN67020 15KP40C 225003
Product Description
Full Text Search
 

To Download TEN404813WIR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.tracopower.com page 1 of 4 dc/dc converters ten 40wir series, 40 watt features 2 x 1 metal package ultra wide 4:1 input voltage range 9C36, 18C75, 43C160 vdc en 50155 approval for railway applications thermal shock and vibration resistant according en 61373 high effciency up to 92% no minimum load required operating temperature range C40c to +85c under voltage lock-out circuit remote on/off output voltage adjustable lead free design, rohs compliant 3-year product warranty the ten 40wir series is a family of high performance 40 watt dc/dc converter modules featuring ultra wide 4:1 input voltage ranges in a 2 x 1 package with industry-standard footprint. input voltages up to 160 vdc, excellent emc char - acteristics and en 50155 approval make this product the best choice for many demanding applications in railroad and transportation systems. further standard features include remote on/off, over voltage protection, under voltage lockout and short circuit protection. low input current characteristics at minimal load make these converters also the ideal solution for battery-operated systems. typical applications are in wireless networks, telecom/datacom, industry control systems and measure - ment equipments. order code input voltage range output voltage output current max. effciency typ. ten 40-2410wir 3.3 vdc 10000 ma 90 % ten 40-2411wir 5.0 vdc 8000 ma 91 % ten 40-2412wir 9 C 36 vdc 12 vdc 3333 ma 91 % ten 40-2413wir (24 vdc nominal) 15 vdc 2666 ma 91 % ten 40-2415wir 24 vdc 1666 ma 91 % ten 40-2422wir 12 vdc 1666 ma 90 % ten 40-2423wir 15 vdc 1333 ma 90 % ten 40-4810wir 3.3 vdc 10000 ma 90 % ten 40-4811wir 5.0 vdc 8000 ma 91 % ten 40-4812wir 18 C 75 vdc 12 vdc 3333 ma 92 % ten 40-4813wir (48 vdc nominal) 15 vdc 2666 ma 92 % ten 40-4815wir 24 vdc 1666 ma 91 % ten 40-4822wir 12 vdc 1666 ma 90 % ten 40-4823wir 15 vdc 1333 ma 90 % ten 40-7210wir 3.3 vdc 10000 ma 88 % ten 40-7211wir 5.0 vdc 8000 ma 89 % ten 40-7212wir 43 C 160 vdc 12 vdc 3333 ma 90 % ten 40-7213wir (110 vdc nominal) 15 vdc 2666 ma 90 % ten 40-7215wir 24 vdc 1666 ma 90 % ten 40-7222wir 12 vdc 1666 ma 89 % ten 40-7223wir 15 vdc 1333 ma 89 % models cb scheme ul 60 95 0- 1u l 60 95 0- 1 pending
http://www.tracopower.com page 2 of 4 all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. dc/dc converters ten 40wir series 40 watt input specifications input current (no load) 24 vin models: 15 ma typ. 48 vin models: 10 ma typ. 110 vin models: 6 ma typ. start-up voltage 24 vin models: < 9.0 vdc 48 vin models: < 18 vdc 110 vin models: < 43 vdc under voltage shut down (lock-out circuit) 24 vin models: 8.0 vdc typ. 48 vin models: 16 vdc typ. 110 vin models: 40 vdc typ. surge voltage (1 sec.) 24 vin models: 50 v max. 48 vin models: 100 v max. 110 vin models: 170 v max. reflected ripple current 20 map-p typ. conducted noise en 55022 class a with external components see: application note esd (electrostatic discharge) en 61000-4-2, air 8 kv, contact 6 kv, perf. criteria a radiated immunity en 61000-4-3, 10 v/m, perf. criteria a fast transient / surge (with external input capacitor) en 61000-4-4, 2 kv, perf. criteria a en 61000-4-5, 2 kv perf. criteria a C external input capacitor 24 & 48 vin models: nippon chemi-con ky 220 f, 100 v, esr 48 mohm 110 vin models: ruby-con bxf 68 f, 200 v, 3pcs in parallel. conducted immunity en 61000-4-6, 10 vrms, perf. criteria a output specifications voltage set accuracy 1 % voltage adjustment range (single output models only) 15 & 24 vdc models: +20%, -10% other models: 10 % regulation C input variation vin min. to vin max. 0.2 % max. C load variation 0 C 100 % single output models: 0.5 % max. dual output models: 1 % max. C load cross variation 25 % / 100 % 5 % max . minimum load not required temperature coefficient 0.02 %/k ripple and noise (20 mhz bandwidth, 3.3 & 5.0 vdc models: 75 mvp-p max. measured with 1 f/ 50 v mlcc) 24 vdc models: 150 mvp-p max. other models: 100 mvp-p max. start up time C power on 60 ms typ. (constant resistive load) C remote on 60 ms typ. transient response (25% load step change) 250 s typ. short circuit protection indefinite (automatic recovery) over load protection 150 % of iout max. typ. over voltage protection (only single output models) 3.3 vdc models: 3.9 v 5 vdc models: 6.2 v 12 vdc models: 15 v 15 vdc models: 20 v 24 vdc models: 31 v
http://www.tracopower.com page 3 of 4 all specifcations valid at nominal input voltage, full load and +25c after warm-up time unless otherwise stated. dc/dc converters ten 40wir series 40 watt output specifications capacitive load (max. values) 3.3 vdc models: 26600 f 5.0 vdc models: 20000 f 12 vdc models: 3900 f 15 vdc models: 2600 f 24 vdc models: 13 0 0 f 12 vdc models: 2600 f (each output) 15 vdc models: 1600 f (each output) general specifications temperature ranges C operating C40c to +85c (with derating) C casing temperature +105c max. C storage C55c to +125c power derating C natural convection 2.5 %/k above 60c C natural convection with heat sink (optional) 2.8 %/k above 65c thermal impedance C natural convection 10.8 k/w C natural convection with heat sink (optional) 10.3 k/w humidity (non condensing) 5 C 95 % rel. h isolation voltage (60 sec.) C input / output 160 0 vdc isolation resistance C input / output >10000 m ohm isolation capacitance C input / output 1500 pf max. switching frequency 250 khz typ. (pulse width modulation pwm) thermal shock, mechanical shock & vibration en 61373, mil-std-810f C test conditions www.tracopower.com/products/mil810.pdf safety standards ul/cul 60950-1, iec/en 60950-1, en 50155 safety approvals C ul/cul (entry pending) www.ul.com -> certifications -> file e188913 remote on/off C on: 3.0 ... 12 vdc or open circuit C off: 0 ... 1.2 vdc or short circuit pin 2 and pin 6 C off idle current: 3.0 ma reliability, calculated mtbf (mil-hdbk-217f, at +25c, ground benign) 370000 h environmental compliance C reach www.tracopower.com/products/ten40wir-reach.pdf C rohs rohs directive 2002/95/ec application note: www.tracopower.com/products/ten40wir-application.pdf output voltage adjustment (for single output models only) rd trim +vout ru trim - vout trim up trim down nominal output voltage at open trim input ru, rd for adjustment to be adviced
page 4 of 4 physical specifications casing material copper baseplate material non conductive fr4 potting material silicon (ul94v-0 rated) weight 21.5 g ( 0.76 oz ) soldering temperature max. +265c / 10 sec. dc/dc converters ten 40wir series 40 watt outline dimensions re v. 01/12 specifcations can be changed any time without notice. 56.0 (2.2) max. 14.5 (0.57) 16.8 (0.66) max. conver ter heat-sink thermal pad clamp note: before attaching the heatsink, the product label on converter has to be removed for optimal performance. for volume orders we can supply the converters with heatsink already mounted. please contact us for a relative quotation. order code: ten-hs1 (cont.: heat-sink, thermal pad, 2 clamps) material: aluminum finish: anodic treatment (black) weight: 17g (0.60oz) without converter thermal impedance after assembling: 10.3 k/w pin single dual 1 +vin (vcc) +vin (vcc) 2 Cvin (gnd) Cvin (gnd) 3 remote on/off 4 +vout +vout 5 Cvout common 6 trim Cvout pin-out dimensions in [mm], () = inch pin diameter: 1.0 0.1 (0.04 0.004) pin pitch tolerances: 0.25 (0.01) case tolerances: 0.5 (0.02) 10.2 5.1 50.8 (2.0) (0.4) (0.2) bottom view 1 4 3 2 6 45.72 5 (1.8) 2.54 (0.1) 7.62 (0.3) 17.78 (0.7) 10.16 (0.4) 20.32 (0.8) 25.4 (1.0) 2.54 (0.1) 2.54 (0.1) dimensions in mm, () = inch heat-sink (option) jenatschstrasse 1 ch-8002 zurich switzerland t el. +41 43 311 45 11 fax +41 43 311 45 45 info@traco.ch www .tracopower .com


▲Up To Search▲   

 
Price & Availability of TEN404813WIR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X