Part Number Hot Search : 
VSYTSF FA221 VJ1210Y8 FIN1025 T8502 FIN1025 12030 61005
Product Description
Full Text Search
 

To Download TC7W241FUTE12LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tc7w241fu 2009-09-30 1 toshiba cmos digital integrat ed ci rcuit silicon monolithic tc7w241fu non-inverted, 3-state outputs the tc7w241fu is a high speed c 2 mos dual bus buffers fabricated with silicon gate c 2 mos technology. it achieves the high speed op eration similar to equivalent lsttl while maintaining the c 2 mos low power dissipation. it is a non-inverting 3-state buffer has one active-high and one active-low output enable. all inputs are equipped with prot ection circuits against static discharge or transi ent excess voltage. features ? high speed: t pd = 10 ns (typ.) at v cc = 5 v ? low power dissipation: i cc = 2 a (max) at ta = 25c ? high noise immunity: v nih = v nil = 28% v cc (min) ? output drive capability: 15 lsttl loads ? symmetrical output impedance: |i oh | = i ol = 6 ma (min) ? balanced propagation delays: t plh ? t phl ? wide operating voltage range: v cc (opr) = 2 to 6 v absolute maximum ratings (ta = 25c) characteristics symbol rating unit supply voltage range v cc ? 0.5 to 7 v dc input voltage v in ?0.5 to v cc + 0.5 v dc output voltage v out ?0.5 to v cc + 0.5 v input diode current i ik 20 ma output diode current i ok 20 ma dc output current i out 35 ma dc v cc /ground current i cc 37.5 ma power dissipation p d 300 mw storage temperature range t stg ? 65 to 150 c lead temperature (10 s) t l 260 c note: using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this pr oduct to decrease in the reliability significantly even if the operating conditions (i.e. operat ing temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. please design the appropriate reliability upon reviewing the toshiba semiconductor reliability handbook (?handling precautions?/?derating concept and methods?) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). weight: 0.02 g (typ.)
tc7w241fu 2009-09-30 2 marking pin configuration (top view) logic diagram truth table inputs output g g a y l h l l l h h h h l x z x: don?t care z: high impedance operating ranges characteristics symbol rating unit supply voltage v cc 2 to 6 v input voltage v in 0 to v cc v output voltage v out 0 to v cc v operating temperature range t opr ?40 to 85 c 0 to 1000 (v cc = 2.0 v) 0 to 500 (v cc = 4.5 v) input rise and fall time t r , t f 0 to 400 (v cc = 6.0 v) ns lot no. part no. 7 w 2 4 1 a2 5 y1 6 v cc 8 g 7 1 g 2 a1 3 y2 4 gnd g a1 y1 en a2 y2 g en
tc7w241fu 2009-09-30 3 electrical characteristics dc electrical characteristics ta = 25c ta = ? 40 to 85c characteristics symbol test condition v cc (v) min typ. max min max unit 2.0 1.5 ? ? 1.5 ? 4.5 3.15 ? ? 3.15 ? high level v ih ? 6.0 4.2 ? ? 4.2 ? 2.0 ? ? 0.5 ? 0.5 4.5 ? ? 1.35 ? 1.35 input voltage low level v il ? 6.0 ? ? 1.8 ? 1.8 v 2.0 1.9 2.0 ? 1.9 ? 4.5 4.4 4.5 ? 4.4 ? i oh = ? 20 a 6.0 5.9 6.0 ? 5.9 ? i oh = ? 6 ma 4.5 4.18 4.31 ? 4.13 ? high level v oh v in = v ih or v il i oh = ? 7.8 ma 6.0 5.68 5.80 ? 5.63 ? 2.0 ? 0 0.1 ? 0.1 4.5 ? 0 0.1 ? 0.1 i ol = 20 a 6.0 ? 0 0.1 ? 0.1 i ol = 6 ma 4.5 ? 0.17 0.26 ? 0.33 output voltage low level v ol v in = v ih or v il i ol = 7.8 ma 6.0 ? 0.18 0.26 ? 0.33 v 3-state output off-state current i oz v in = v ih or v il v out = v cc or gnd 6.0 ? ? 0.5 ? 5.0 a input leakage current i in v in = v cc or gnd 6.0 ? ? 0.1 ? 1.0 a quiescent supply current i cc v in = v cc or gnd 6.0 ? ? 2.0 ? 20.0 a
tc7w241fu 2009-09-30 4 ac electrical characteristics (input t r = t f = 6 ns) ta = 25c ta = ? 40 to 85c characteristics symbol test condition c l v cc (v) min typ. max min max unit 2.0 ? 25 60 ? 75 4.5 ? 7 12 ? 15 output transition time t tlh t thl ? 50 6.0 ? 6 10 ? 13 ns 2.0 ? 36 90 ? 115 4.5 ? 12 18 ? 23 50 6.0 ? 10 15 ? 20 ns 2.0 ? 51 130 ? 165 4.5 ? 17 26 ? 33 propagation delay time t plh t phl ? 150 6.0 ? 14 22 ? 28 ns 2.0 ? 48 125 ? 155 4.5 ? 16 25 ? 31 50 6.0 ? 14 21 ? 26 ns 2.0 ? 63 165 ? 205 4.5 ? 21 33 ? 41 output enable time t pzl t pzh r l = 1 k 150 6.0 ? 18 28 ? 35 ns 2.0 ? 32 125 ? 155 4.5 ? 15 25 ? 31 output disable time t plz t phz r l = 1 k 50 6.0 ? 14 21 ? 26 ns input capacitance c in ? ? ? ? 5 10 ? 10 pf output capacitance c out ? ? ? ? 10 ? ? ? pf power dissipation capacitance c pd (note) ? ? ? 33 ? ? ? pf note: c pd is defined as the value of internal equivalent capa citance which is calculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr) = c pd ? v cc ? f in + i cc /2 (per gate)
tc7w241fu 2009-09-30 5 package dimensions weight: 0.02 g (typ.)
tc7w241fu 2009-09-30 6 restrictions on product use ? toshiba corporation, and its subsidiaries and affiliates (collectively ?toshiba?), reserve the right to make changes to the in formation in this document, and related hardware, software a nd systems (collectively ?product?) without notice. ? this document and any information herein may not be reproduc ed without prior written permission from toshiba. even with toshiba?s written permission, reproduc tion is permissible only if reproducti on is without alteration/omission. ? though toshiba works continually to improve product?s quality a nd reliability, product can malfunction or fail. customers are responsible for complying with safety standards and for prov iding adequate designs and safeguards for their hardware, software and systems which minimize risk and avoid sit uations in which a malfunction or failure of product could cause loss of human life, b odily injury or damage to property, including data loss or corruption. before customers use the product, create designs including the product, or incorporate the product into their own app lications, customers must also refer to and comply with (a) the latest versions of all relevant toshiba information, including without limitation, this document, the specificati ons, the data sheets and application notes for product and the precautions and conditions set forth in the ?toshiba semiconductor reliability handbook? and (b) the instructio ns for the application with which the product will be used with or for. customers are solely responsible for all aspects of their own product design or applications, including but not lim ited to (a) determining the appropriateness of the use of this product in such des ign or applications; (b) evaluating and dete rmining the applicability of any information contained in this document, or in charts, dia grams, programs, algorithms, sample application circuits, or any other referenced document s; and (c) validating all operating paramete rs for such designs and applications. toshiba assumes no liability for customers? product design or applications. ? product is intended for use in general el ectronics applications (e.g., computers, personal equipment, office equipment, measur ing equipment, industrial robots and home electroni cs appliances) or for specif ic applications as expre ssly stated in this document . product is neither intended nor warranted for use in equipment or systems that require extraordinarily high levels of quality a nd/or reliability and/or a malfunction or failure of which may cause loss of human life, bodily injury, serious property damage or se rious public impact (?unintended use?). unintended use includes, without limitation, equipment used in nuclear facilities, equipment used in the aerospace industry, medical equipment, equi pment used for automobiles, trains, ships and other transportation, traffic signalin g equipment, equipment used to control combustions or explosions, safety dev ices, elevators and escalators, devices related to el ectric power, and equipment used in finance-related fi elds. do not use product for unintended us e unless specifically permitted in thi s document. ? do not disassemble, analyze, reverse-engineer, alter, modify, translate or copy product, whether in whole or in part. ? product shall not be used for or incorporated into any products or systems whose manufacture, use, or sale is prohibited under any applicable laws or regulations. ? the information contained herein is pres ented only as guidance for product use. no re sponsibility is assumed by toshiba for an y infringement of patents or any other intellectual property rights of third parties that may result from the use of product. no license to any intellectual property right is granted by this document, whether express or implied, by estoppel or otherwise. ? absent a written signed agreement, except as provid ed in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, toshiba (1) assumes no liability whatsoever, including without limitation, indirect, co nsequential, special, or incidental damages or loss, including without limitation, loss of profit s, loss of opportunities, business interruption and loss of data, and (2) disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness for a particular purpose, accuracy of information, or noninfringement. ? do not use or otherwise make available product or related software or technology for any military purposes, including without limitation, for the design, development, use, stockpil ing or manufacturing of nucl ear, chemical, or biological weapons or missile technolog y products (mass destruction weapons). product and related softwa re and technology may be contro lled under the japanese foreign exchange and foreign trade law and the u.s. export administration r egulations. export and re-export of product or related softw are or technology are strictly prohibit ed except in compliance with all app licable export laws and regulations. ? please contact your toshiba sales representative for details as to environmental matters such as the rohs compatibility of pro duct. please use product in compliance with all applicable laws and regula tions that regulate the inclus ion or use of controlled subs tances, including without limitation, the eu rohs directive. toshiba assumes no liability for damages or losses occurring as a result o f noncompliance with applicable laws and regulations.


▲Up To Search▲   

 
Price & Availability of TC7W241FUTE12LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X