Part Number Hot Search : 
RJK501 2SC4463 C9014 00N04 CAT4004 CD401 CAT28 TOP256
Product Description
Full Text Search
 

To Download TAJS105K010RNJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  107 capacitance code pf code: 1st two digits represent significant figures 3rd digit represents multiplier (number of zeros to follow) m tolerance k=10% m=20% 010 rated dc voltage 002=2.5vdc 004=4vdc 006=6.3vdc 010=10vdc 016=16vdc 020=20vdc 025=25vdc 035=35vdc 050=50vdc r packaging r = pure tin 7" reel s = pure tin 13" reel a = gold plating 7" reel b = gold plating 13" reel taj series low profile ? general purpose smt chip tantalum series ? cv range: 0.10-1000f / 2.5-50v ? 10 case sizes in low profile option available case dimensions: millimeters (inches) code eia eia l0.20 w+0.20 (0.008) h max. w 1 0.20 a+0.30 (0.012) s min. code metric (0.008) -0.10 (0.004) (0.008) -0.20 (0.008) f 2312 6032-20 6.00 (0.236) 3.20 (0.126) 2.00 (0.079) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) h 1210 3528-15 3.50 (0.138) 2.80 (0.110) 1.50 (0.059) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) k 1206 3216-10 3.20 (0.126) 1.60 (0.063) 1.00 (0.039) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) p 0805 2012-15 2.05 (0.081) 1.35 (0.053) 1.50 (0.059) 1.00 0.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) r 0805 2012-12 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) 1.00 0.10 0.50 (0.020) 0.85 (0.033) (0.0390.004) s 1206 3216-12 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t 1210 3528-12 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) w 2312 6032-15 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) x 2917 7343-15 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) y 2917 7343-20 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w 1 dimension applies to the termination width for a dimensional area only. technical data: all technical data relate to an ambient temperature of +25c capacitance range: 0.10 f to 1000 f capacitance tolerance: 10%; 20% rated voltage (v r ) +85c: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125c: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85c: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125c: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55c to +125c reliability: 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level termination finished: sn plating (standard), gold and snpb plating upon request for aec-q200 availability, please contact avx technical specifications how to order for part marking see page 151 lead-free compatible component nj specification suffix nj = standard suffix additional characters may be added for special requirements v = dry pack option (selected codes only) taj type c case size see table above june 2013  23
24  june 2013 taj series low profile capacitance rated voltage dc (v r ) to 85c f code 2.5v (e) 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 0.10 104 r/s r/s s 0.15 154 r/s r r/s s 0.22 224 r/s r r/s p/r/s 0.33 334 r/s r r/s p/r (m) /s/t 0.47 474 r/s r/s r/s/t s/t 0.68 684 r/s r/s/t r/s p/s/t 1.0 105 r/s r/s/t r/s/t p/r/s p/s/t w 1.5 155 r/s r/s r/s p/r/s/t p/s/t t w 2.2 225 r/s r/s r/s r/s/t p/r/s/t t t 3.3 335 r/s r/s r/s/t r/s/t t t/w w y 4.7 475 r r/s r/s/t r/s/t k/p/s/t t t/w w y 6.8 685 r r/s/t r/s/t p/r/s/t s/t t w y y 10 106 r/s r/s/t p/r/s/t k/p/r (m) /s/t t/w w w x/y 15 156 r r/s/t k/p/r/s/t s/t/w t (m) /w w y y 22 226 p/r k/p/r/s/t k/p (m) /s/t/w t/w w w/y y y 33 336 k/p/s k/p (m) /s/t/w t/w w w/y x/y y 47 476 p (m) /s t/w t/w h/w/y w/x/y x/y y 68 686 t t/w w w/y f/x/y y 100 107 t/w t (m) /w w/y w/x/y f (m) /y 150 157 t (m) /w w/y w/x/y f/x (m) /y y (m) 220 227 w/y w/x/y f/x/y y 330 337 w (m) /y f/x/y y 470 477 f/y y y 680 687 y y (m) 1000 108 y (m) capacitance and voltage range, vr (voltage code) range (letter denotes case size) released codes (m tolerance only) engineering samples - please contact manufacturer *codes under development - subject to change note: voltage ratings are minimum values. avx reserves the right to supply higher ratings in the same case size, to the same r eliability standards.
june 2013  25 rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz 2.5 volt @ 85oc (1.7 volt @ 125oc) tajr475*002#nj r 4.7 2.5 0.5 6 20 1 tajr685*002#nj r 6.8 2.5 0.5 6 20 1 tajr106*002#nj r 10 2.5 0.5 8 4.5 1 tajs106*002#nj s 10 2.5 0.5 6 8 1 tajr156*002#nj r 15 2.5 0.5 8 4.1 1 tajp226*002#nj p 22 2.5 0.5 8 3.5 1 tajr226*002#nj r 22 2.5 0.5 8 3.8 1 tajk336*002#nj k 33 2.5 0.8 8 1.7 1 tajp336*002#nj p 33 2.5 0.7 8 3.5 1 tajs336*002#nj s 33 2.5 0.7 8 1.5 1 tajp476 m 002#nj p 47 2.5 1.2 12 3.2 1 tajs476*002#nj s 47 2.5 1.2 8 1.6 1 tajt686*002#nj t 68 2.5 1.4 8 1.5 1 tajt107*002#nj t 100 2.5 2.5 15 1.3 1 tajw107*002#nj w 100 2.5 2.5 8 0.4 1 tajt157 m 002#nj t 150 2.5 3.8 18 1.2 1 tajw157*002#nj w 150 2.5 3.8 8 0.3 1 tajw227*002#nj w 220 2.5 5.5 8 0.3 1 tajy227*002#nj y 220 2.5 5.5 8 0.3 1 1) tajw337 m 002#nj w 330 2.5 8.2 12 0.3 1 tajy337*002#nj y 330 2.5 8.2 8 0.3 1 1) tajf477*002#nj f 470 2.5 11.8 12 0.3 1 tajy477*002#nj y 470 2.5 11 12 0.2 1 1) tajy687*002#nj y 680 2.5 17 12 0.2 1 1) tajy108 m 002#nj y 1000 2.5 25 30 0.2 1 1) 4 volt @ 85oc (2.7 volt @ 125oc) tajr225*004#nj r 2.2 4 0.5 6 25 1 tajs225*004#nj s 2.2 4 0.5 6 25 1 tajr335*004#nj r 3.3 4 0.5 6 20 1 tajs335*004#nj s 3.3 4 0.5 6 18 1 tajr475*004#nj r 4.7 4 0.5 6 12 1 tajs475*004#nj s 4.7 4 0.5 6 10 1 tajr685*004#nj r 6.8 4 0.5 6 5.2 1 tajs685*004#nj s 6.8 4 0.5 6 8 1 tajt685*004#nj t 6.8 4 0.5 6 6 1 tajr106*004#nj r 10 4 0.5 6 7 1 tajs106*004#nj s 10 4 0.5 6 6 1 tajt106*004#nj t 10 4 0.5 6 5 1 tajr156*004#nj r 15 4 0.6 8 4 1 tajs156*004#nj s 15 4 0.6 8 4 1 tajt156*004#nj t 15 4 0.6 6 2 1 tajk226*004#nj k 22 4 0.9 8 1.8 1 tajp226*004#nj p 22 4 0.9 8 4 1 tajr226*004#nj r 22 4 0.9 8 3.8 1 tajs226*004#nj s 22 4 0.9 8 3.5 1 tajt226*004#nj t 22 4 0.9 6 1.9 1 tajk336*004#nj k 33 4 1.3 10 1.7 1 tajp336 m 004#nj p 33 4 1.3 8 2.8 1 tajs336*004#nj s 33 4 1.3 8 1.7 1 tajt336*004#nj t 33 4 1.3 6 1.7 1 tajw336*004#nj w 33 4 1.3 6 0.6 1 tajt476*004#nj t 47 4 1.9 10 1.6 1 tajw476*004#nj w 47 4 1.9 6 0.5 1 tajt686*004#nj t 68 4 2.7 15 1.5 1 tajw686*004#nj w 68 4 2.7 6 0.4 1 tajt107 m 004#nj t 100 4 4 14 1.4 1 tajw107*004#nj w 100 4 4 6 0.4 1 tajw157*004#nj w 150 4 6 6 0.5 1 tajy157*004#nj y 150 4 6 6 0.4 1 1) tajw227*004#nj w 220 4 8.8 8 0.3 1 tajx227*004#nj x 220 4 8.8 8 0.9 1 1) tajy227*004#nj y 220 4 8.8 8 0.3 1 1) tajf337*004#nj f 330 4 13.2 10 0.3 1 tajx337*004#nj x 330 4 13.2 8 0.3 1 1) taj series low profile ratings & part number reference rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajy337*004#nj y 330 4 13.2 12 0.4 1 1) tajy477*004#nj y 470 4 18.8 14 0.4 1 1) tajy687 m 004#nj y 680 4 27.2 25 0.2 1 1) 6.3 volt @ 85oc (4 volt @ 125oc) tajr155*006#nj r 1.5 6.3 0.5 6 25 1 tajs155*006#nj s 1.5 6.3 0.5 6 25 1 tajr225*006#nj r 2.2 6.3 0.5 6 20 1 tajs225*006#nj s 2.2 6.3 0.5 6 18 1 tajr335*006#nj r 3.3 6.3 0.5 6 12 1 tajs335*006#nj s 3.3 6.3 0.5 6 9 1 tajr475*006#nj r 4.7 6.3 0.5 6 7 1 tajs475*006#nj s 4.7 6.3 0.5 6 7.5 1 tajt475*006#nj t 4.7 6.3 0.5 6 6 1 tajr685*006#nj r 6.8 6.3 0.5 8 7 1 tajs685*006#nj s 6.8 6.3 0.5 6 2.6 1 tajt685*006#nj t 6.8 6.3 0.5 6 5 1 tajp106*006#nj p 10 6.3 0.6 8 6 1 tajr106*006#nj r 10 6.3 0.6 8 6 1 tajs106*006#nj s 10 6.3 0.6 8 4 1 tajt106*006#nj t 10 6.3 0.6 6 4 1 tajk156*006#nj k 15 6.3 0.9 6 2 1 tajp156*006#nj p 15 6.3 0.9 8 3.5 1 tajr156*006#nj r 15 6.3 0.9 8 4.1 1 tajs156*006#nj s 15 6.3 0.9 8 3.5 1 tajt156*006#nj t 15 6.3 0.9 6 3.5 1 tajk226*006#nj k 22 6.3 1.3 10 1.8 1 tajp226 m 006#nj p 22 6.3 1.3 8 3.3 1 tajs226*006#nj s 22 6.3 1.3 10 1.8 1 tajt226*006#nj t 22 6.3 1.4 8 2.5 1 tajw226*006#nj w 22 6.3 1.3 6 0.6 1 tajt336*006#nj t 33 6.3 2.1 10 2.5 1 tajw336*006#nj w 33 6.3 2 6 0.5 1 tajt476*006#nj t 47 6.3 2.8 10 1.6 1 tajw476*006#nj w 47 6.3 2.8 6 0.5 1 tajw686*006#nj w 68 6.3 4.3 6 1.5 1 tajw107*006#nj w 100 6.3 6.3 6 0.9 1 tajy107*006#nj y 100 6.3 6.3 6 0.7 1 1) tajw157*006#nj w 150 6.3 9 8 0.3 1 tajx157*006#nj x 150 6.3 9 6 0.4 1 1) tajy157*006#nj y 150 6.3 9.5 6 0.4 1 1) tajf227*006#nj f 220 6.3 13.2 10 0.3 1 tajx227*006#nj x 220 6.3 13.2 8 0.3 1 1) tajy227*006#nj y 220 6.3 13.9 8 0.7 1 1) tajy337*006#nj y 330 6.3 20.8 12 0.4 1 1) tajy477*006#nj y 470 6.3 28.2 20 0.2 1 1) 10 volt @ 85oc (7 volt @ 125oc) tajr105*010#nj r 1 10 0.5 4 25 1 tajs105*010#nj s 1 10 0.5 4 25 1 tajr155*010#nj r 1.5 10 0.5 6 20 1 tajs155*010#nj s 1.5 10 0.5 6 20 1 tajr225*010#nj r 2.2 10 0.5 6 15 1 tajs225*010#nj s 2.2 10 0.5 6 12 1 tajr335*010#nj r 3.3 10 0.5 6 8 1 tajs335*010#nj s 3.3 10 0.5 6 8 1 tajt335*010#nj t 3.3 10 0.5 6 6 1 tajr475*010#nj r 4.7 10 0.5 6 9 1 tajs475*010#nj s 4.7 10 0.5 6 5 1 tajt475*010#nj t 4.7 10 0.5 6 5 1 tajp685*010#nj p 6.8 10 0.6 6 5 1 tajr685*010#nj r 6.8 10 0.7 6 5.2 1 tajs685*010#nj s 6.8 10 0.7 6 4 1 tajt685*010#nj t 6.8 10 0.7 6 4 1 tajk106*010#nj k 10 10 1 6 2.2 1 tajp106*010#nj p 10 10 1 8 6 1 tajr106 m 010#nj r 10 10 1 20 6 1 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
26  june 2013 taj series low profile ratings & part number reference rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajs106*010#nj s 10 10 1 8 3 1 tajt106*010#nj t 10 10 1 6 3 1 tajs156*010#nj s 15 10 1.5 6 2 1 tajt156*010#nj t 15 10 1.5 8 2.8 1 tajw156*010#nj w 15 10 1.5 6 0.7 1 tajt226*010#nj t 22 10 2.2 8 2.2 1 tajw226*010#nj w 22 10 2.2 6 0.6 1 tajw336*010#nj w 33 10 3.3 6 1.6 1 tajh476*006#nj h 47 10 4.7 8 1.0 1 tajw476*010#nj w 47 10 4.7 6 1.4 1 tajy476*010#nj y 47 10 4.7 6 0.5 1 1) tajw686*010#nj w 68 10 6.8 6 1.2 1 tajy686*010#nj y 68 10 6.8 6 0.9 1 1) tajw107*010#nj w 100 10 10 6 0.4 1 tajx107*010#nj x 100 10 10 8 0.9 1 1) tajy107*010#nj y 100 10 10 6 0.9 1 1) tajf157*010#nj f 150 10 15 10 0.3 1 tajx157 m 010#nj x 150 10 15 6 0.3 1 1) tajy157*010#nj y 150 10 15 6 1.2 1 1) tajy227*010#nj y 220 10 22 10 0.5 1 1) 16 volt @ 85oc (10 volt @ 125oc) tajr684*016#nj r 0.68 16 0.5 4 25 1 tajs684*016#nj s 0.68 16 0.5 4 25 1 tajr105*016#nj r 1 16 0.5 4 20 1 tajs105*016#nj s 1 16 0.5 4 15 1 tajt105*016#nj t 1 16 0.5 4 5 1 tajr155*016#nj r 1.5 16 0.5 6 10 1 tajs155*016#nj s 1.5 16 0.5 6 12 1 tajr225*016#nj r 2.2 16 0.5 6 6.5 1 tajs225*016#nj s 2.2 16 0.5 6 6 1 tajt225*016#nj t 2.2 16 0.5 6 6.5 1 tajr335*016#nj r 3.3 16 0.5 8 5 1 tajs335*016#nj s 3.3 16 0.5 6 5 1 tajt335*016#nj t 3.3 16 0.5 6 5 1 tajk475*016#nj k 4.7 16 0.8 6 3.1 1 tajp475*016#nj p 4.7 16 0.8 8 5 1 tajs475*016#nj s 4.7 16 0.8 8 4 1 tajt475*016#nj t 4.7 16 0.8 6 3.1 1 tajs685*016#nj s 6.8 16 1.1 8 2.4 1 tajt685*016#nj t 6.8 16 1.1 6 3.5 1 tajt106*016#nj t 10 16 1.6 8 2.2 1 tajw106*016#nj w 10 16 1.6 6 2 1 tajt156 m 016#nj t 15 16 2.4 6 2 1 tajw156*016#nj w 15 16 2.4 6 0.7 1 tajw226*016#nj w 22 16 3.5 6 1.6 1 tajw336*016#nj w 33 16 5.3 6 1.5 1 tajy336*016#nj y 33 16 5.3 6 0.9 1 1) tajw476*016#nj w 47 16 7.5 6 0.4 1 tajx476*016#nj x 47 16 7.5 6 0.75 1 1) tajy476*016#nj y 47 16 7.5 6 0.7 1 1) tajf686*016#nj f 68 16 10.9 10 0.4 1 tajx686*016#nj x 68 16 10.9 8 0.6 1 1) tajy686*016#nj y 68 16 10.9 6 0.9 1 1) tajf107 m 016#nj f 100 16 16 10 0.4 1 tajy107*016#nj y 100 16 16 8 0.9 1 1) tajy157 m 016#nj y 150 16 24 15 0.3 1 1) 20 volt @ 85oc (13 volt @ 125oc) tajr104*020#nj r 0.1 20 0.5 4 25 1 tajs104*020#nj s 0.1 20 0.5 4 25 1 tajr154*020#nj r 0.15 20 0.5 4 25 1 tajs154*020#nj s 0.15 20 0.5 4 25 1 tajr224*020#nj r 0.22 20 0.5 4 25 1 tajs224*020#nj s 0.22 20 0.5 4 25 1 tajr334*020#nj r 0.33 20 0.5 4 25 1 tajs334*020#nj s 0.33 20 0.5 4 25 1 rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajr474*020#nj r 0.47 20 0.5 4 25 1 tajs474*020#nj s 0.47 20 0.5 4 25 1 tajr684*020#nj r 0.68 20 0.5 4 20 1 tajs684*020#nj s 0.68 20 0.5 4 25 1 tajt684*020#nj t 0.68 20 0.5 4 15 1 tajr105*020#nj r 1 20 0.5 4 20 1 tajs105*020#nj s 1 20 0.5 4 12 1 tajt105*020#nj t 1 20 0.5 4 9 1 tajp155*020#nj p 1.5 20 0.5 6 9.6 1 tajr155*020#nj r 1.5 20 0.5 6 9.6 1 tajs155*020#nj s 1.5 20 0.5 6 5.4 1 tajt155*020#nj t 1.5 20 0.5 6 6.5 1 tajp225*020#nj p 2.2 20 0.5 6 8.3 1 tajr225*020#nj r 2.2 20 0.5 6 6 1 tajs225*020#nj s 2.2 20 0.5 6 4.5 1 tajt225*020#nj t 2.2 20 0.5 6 6 1 tajt335*020#nj t 3.3 20 0.7 6 3 1 tajt475*020#nj t 4.7 20 0.9 6 3.1 1 tajt685*020#nj t 6.8 20 1.4 6 2.6 1 tajw106*020#nj w 10 20 2 6 1.9 1 tajw156*020#nj w 15 20 3 6 1.7 1 tajw226*020#nj w 22 20 4.4 6 1.6 1 tajy226*020#nj y 22 20 4.4 6 0.9 1 1) tajx336*020#nj x 33 20 6.6 6 0.5 1 1) tajy336*020#nj y 33 20 6.6 6 0.6 1 1) tajx476*020#nj x 47 20 9.4 6 0.4 1 1) tajy476*020#nj y 47 20 9.4 6 0.9 1 1) tajy686*020#nj y 68 20 13.6 6 0.9 1 1) 25 volt @ 85oc (17 volt @ 125oc) tajr154*025#nj r 0.15 25 0.5 4 24 1 tajr224*025#nj r 0.22 25 0.5 4 21 1 tajr334*025#nj r 0.33 25 0.5 4 17 1 tajr474*025#nj r 0.47 25 0.5 4 15 1 tajs474*025#nj s 0.47 25 0.5 4 9 1 tajr684*025#nj r 0.68 25 0.5 4 13 1 tajs684*025#nj s 0.68 25 0.5 4 8 1 tajp105*025#nj p 1 25 0.5 4 11 1 tajr105*025#nj r 1 25 0.5 4 8 1 tajs105*025#nj s 1 25 0.5 4 8 1 tajp155*025#nj p 1.5 25 0.5 6 9.6 1 tajs155*025#nj s 1.5 25 0.5 6 5.4 1 tajt155*025#nj t 1.5 25 0.5 6 5 1 tajt225*025#nj t 2.2 25 0.6 6 4.5 1 tajt335*025#nj t 3.3 25 0.8 6 3.5 1 tajw335*025#nj w 3.3 25 0.8 6 1.6 1 tajt475*025#nj t 4.7 25 1.2 6 3.1 1 tajw475*025#nj w 4.7 25 1.2 6 1.2 1 tajw685*025#nj w 6.8 25 1.7 6 2 1 tajw106*025#nj w 10 25 2.5 6 1.8 1 tajy156*025#nj y 15 25 3.8 6 1 1 1) tajy226*025#nj y 22 25 5.5 6 0.8 1 1) tajy336*025#nj y 33 25 8.3 6 0.5 1 1) tajy476*025#nj y 47 25 11.8 6 0.9 1 1) 35 volt @ 85oc (23 volt @ 125oc) tajr104*035#nj r 0.1 35 0.5 4 29 1 tajs104*035#nj s 0.1 35 0.5 4 24 1 tajr154*035#nj r 0.15 35 0.5 4 24 1 tajs154*035#nj s 0.15 35 0.5 4 21 1 tajr224*035#nj r 0.22 35 0.5 4 21 1 tajs224*035#nj s 0.22 35 0.5 4 18 1 tajr334*035#nj r 0.33 35 0.5 4 17 1 tajs334*035#nj s 0.33 35 0.5 4 15 1 tajr474*035#nj r 0.47 35 0.5 4 15 1 tajs474*035#nj s 0.47 35 0.5 4 12 1 tajt474*035#nj t 0.47 35 0.5 4 10 1 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.
june 2013  27 taj series low profile ratings & part number reference rated dcl df esr avx case cap voltage (a) % max. () msl part no. size (f) (v) max. max. @100khz tajp684*035#nj p 0.68 35 0.5 4 13 1 tajs684*035#nj s 0.68 35 0.5 4 8 1 tajt684*035#nj t 0.68 35 0.5 4 8 1 tajp105*035#nj p 1 35 0.5 4 11 1 tajs105*035#nj s 1 35 0.5 4 7.5 1 tajt105*035#nj t 1 35 5 4 6.5 1 tajt155*035#nj t 1.5 35 0.5 6 5.2 1 tajt225*035#nj t 2.2 35 0.8 6 4.2 1 tajw335*035#nj w 3.3 35 1.2 6 1.6 1 tajw475*035#nj w 4.7 35 1.6 6 2.2 1 tajy685*035#nj y 6.8 35 2.3 6 0.9 1 1) tajx106*035#nj x 10 35 3.5 6 0.7 1 1) tajy106*035#nj y 10 35 3.5 6 1 1 1) tajy156*035#nj y 15 35 5.3 6 0.6 1 1) tajy226*035#nj y 22 35 7.7 6 0.5 1 1) 50 volt @ 85oc (33 volt @ 125oc) tajs104*050#nj s 0.1 50 0.5 4 19 1 tajs154*050#nj s 0.15 50 0.5 4 16 1 tajp224*050#nj p 0.22 50 0.5 4 17 1 tajr224*050#nj r 0.22 50 0.5 4 17 1 tajs224*050#nj s 0.22 50 0.5 4 13 1 tajp334*050#nj p 0.33 50 0.5 4 17 1 tajr334 m 050#nj r 0.33 50 0.5 4 17 1 tajs334*050#nj s 0.33 50 0.5 4 11 1 tajt334*050#nj t 0.33 50 0.5 4 11 1 tajs474*050#nj s 0.47 50 0.5 4 9.5 1 tajt474*050#nj t 0.47 50 0.5 4 9.5 1 tajw105*050#nj w 1 50 0.5 6 4.4 1 tajw155*050#nj w 1.5 50 0.8 6 3.1 1 tajy335*050#nj y 3.3 50 1.7 4 1.5 1 1) tajy475*050#nj y 4.7 50 2.4 6 1.2 1 1) tajy685*050#nj y 6.8 50 3.4 6 0.9 1 1) 1 1) dry pack option (see how to order) recommended for reduction of stress during soldering. dry pack parts should be treated as msl 3. moisture sensitivity level (msl) is defined according to j-std-020. all technical data relates to an ambient temperature of +25c. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. for typical weight and composition see page 144. note: avx reserves the right to supply a higher voltage rating or tighter tolerance part in the same case size, to the same reliability standards.


▲Up To Search▲   

 
Price & Availability of TAJS105K010RNJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X