Part Number Hot Search : 
24C02A 3843A ANTX1N66 LS4148 MAX5584 IRFB4321 MOS3CL UDZS33B
Product Description
Full Text Search
 

To Download SF10A400HPR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-d0o016-001 1 SF10A400HPR ultrafast recovery rectifier 400v, 10a ultrafast dual rectifiers features ? low forward voltage drop and leakage current ? ultrafast reverse recovery time (trr<30ns) ? low power loss and high efficiency ? dual common anode rectifier construction ? full lead (pb)-free and rohs compliant device applications ? switching power supply ? power inverters ? free-wheeling diode ? power conversion system ? motor drives description the SF10A400HPR is an ultrafast rectifier. it has a low forward voltage drop and reverse recovery time (trr<30ns). the device is intended for use as a free wheeling, clamping rectifier in a variety of switching power supplies and other power switching applications. ordering information device marking code package packaging SF10A400HPR SF10A400HPR to-220f-3l tube marking information auk = manufacture logo ? = control code of manufacture ymdd = date code marking -. y = year code -. m = monthly code -. dd = daily code SF10A400HPR= specific device code product characteristics i f(av) 2 x 5a v rrm 400v v fm @ tj=125 1.2v t rr 30ns to-220f-3l 1 2 3 pin 1, 3 : cathode pin 2: anode 1 3 2
ksd-d0o016-001 2 absolute maximum ratings (limiting values) characteristic symbol value unit maximum repetitive reverse voltage maximum working peak reverse voltage maximum dc blocking voltage v rrm v rwm v r 400 v maximum average forward rectified current per diode i f(av) 5 a total device 10 peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode i fsm 100 a storage temperature range t stg -45 to +150 maximum operating junction temperature t j 150 thermal characteristics characteristic symbol value unit maximum thermal resistance junction to case per diode r th(j-c) 5 /w total device 4.6 electrical characteristics characteristic symbol test condition min. typ. max. unit peak forward voltage drop v fm (1) i fm = 5a t j =25 - - 1.40 v t j =125 - - 1.20 v reverse leakage current i rm (1) v r = v rrm t j =25 - - 20 ua t j =125 - - 200 ua reverse recovery time t rr i f = 1a, di/dt =-100 a/us - - 30 ns junction capacitance c j v r = 4v dc , f=1mhz - 50 - pf note : (1) pulse test : t p 380 ? , duty cycle 2% sf10a400hp r
ksd-d0o016-001 3 electrical characteristic curves ? fig. 3 p f - i o (per diode) fig. 2 i r - v r (per diode) fig. 4 c t - v r (per diode) fig. 5 i fsm ? number of cycle (per diode) fig. 6 i o derating - t c (total) fig.1 i f - v f (per diode) sf10a400hp r p d
ksd-d0o016-001 4 outline dimension sf10a400hp r
ksd-d0o016-001 5 sf10a400hp r the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipm ents without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SF10A400HPR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X