Part Number Hot Search : 
WP63IT SPI35N10 18D220K ER801A AAT863 20F1T IRF5852 00C10
Product Description
Full Text Search
 

To Download SCB15P15A-3AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  series scb snap switch pushbuttons www.nkk.com c131 indicators accessories supplement tactiles keylocks rotaries c pushbuttons illuminated pb slides programmable toggles rockers touch tilt poles 1 spdt 2 dpdt typical switch ordering example round red cap with black shroud dpdt on-(on) circuit description for typical ordering example scb25p15a-4ca colors caps shrouds a black a b white b c red C f green C g blue C h gray h circuits 5 on (on) 6 on on ( ) = momentary bushings p plastic (with momentary only) s steel 2 scb p 5 a 4 ca terminals a .187 (4.75mm) quick connect * b .250 (6.35mm) quick connect note: contact factory for availability of screw lug and solder lug models. * available in americas only caps & shrouds for momentary 3 .520 (13.2mm) diameter cap for momentary & alternate action 4 round cap & shroud (at454 & at455) 5 rectangular cap & shroud (at452 & at453) general specifications electrical capacity resistive load: 15a & 1 ? 2 hp @ 125 or 250v ac for high capacity models lamp load: 5a @ 125v ac other ratings contact resistance: 15 milliohms maximum insulation resistance: 100 megohms minimum @ 500v dc dielectric strength: 1,000v ac minimum between contacts for 1 minute minimum; 1,500v ac minimum between contacts & case for 1 minute minimum mechanical life: 1,000,000 operations minimum electrical life: 50,000 operations minimum travel: pretravel .047 (1.19mm); overtravel .040 (1.01mm); differential .011 (0.27mm) operating temp range: C40c through +85c (C40f through +185f) materials & finishes caps & shrouds: polycarbonate with glossy fnish or pbt plunger: polyacetal or brass with nickel plating bushing: steel with zinc plating or glass fber reinforced polyamide case: polyester movable & stationary contacts: silver alloy terminals: brass with silver plating standards & certifications ul: internal snap switch is ul recognized. csa: internal snap switch is csa certifed. 15 rating 15 15a 15a rating plastic bushing .187 (4.75mm) quick connect terminals note: standard hardware is provided with caps. see bushing detail for more information.
series scb snap switch pushbuttons www.nkk.com c132 indicators accessories supplement tactiles keylocks rotaries c pushbuttons illuminated pb slides programmable rockers touch tilt toggles a (10.0) .394 bushings terminals plastic (for momentary only) .187 (4.75mm) quick connect p a b steel s maximum effective panel thickness: momentary: .177 (4.5mm) without shroud .157 (4.0mm) with shroud alternate action: .354 (9.0mm) standard hardware provided with caps cap option 3: at504m knurled face nut, at508 lockwasher, at527m hex mounting nut cap options 4 & 5: at508 lockwasher & at527m hex mounting nut a = 11.2mm momentary 15.5mm alternate action maximum effective panel thickness: .165 (4.2mm) without shroud .157 (4.0mm) with shroud .250 (6.35mm) quick connect (6.35) .250 (4.06) .160 (8.38) .330 (10.54) .415 thk = (0.81) .032 (4.75) .187 (3.18) .125 (10.16) .400 (9.78) .385 thk = (0.5) .020 (12.5) dia .492 (11.5) .453 (1.5) .060 (12.5) dia .492 (11.5) .453 (1.5) .060 plunger position ( ) = momentary connected terminals throw & schematics pole model normal down normal down note: terminal numbers are actually on the switch. sp scb15 scb16 on on (on) on 1-2 1-3 spdt dp scb25 scb26 on on (on) on 1-2 1-2 1-3 1-3 sp with 2 switches poles & circuits 1 3 2 1 3 2 1 3 2 keyway keyway
series scb snap switch pushbuttons www.nkk.com c133 indicators accessories supplement tactiles keylocks rotaries c pushbuttons illuminated pb slides programmable toggles rockers touch tilt (10.3) .406 (22.23) .875 (22.1) .870 (7.85) max .309 no 3 nc 2 (0.5) ty p .020 (5.84) .230 (13.97) .550 (1.02) .040 com 1 (21.2) .835 (0.6) .024 (12.0) .472 (2.0) .079 m 12 p1 shown with (4.0) panel .157 (24.0) dia .945 (17.7) dia .697 (11.2) .441 (21.6) .850 (10.3) .406 m12 p1 no 3 nc 2 (0.5) ty p .020 (5.84) .230 (4.5) .177 com 1 (13.97) .550 (22.23) .875 (7.85) max .309 (1.02) .040 (14.2) .559 (11.0) .433 (13.2) dia .520 keyway c l c l (14.0) .551 (15.4) .606 (21.0) .827 (20.7) .815 keyway (12.0) .472 (2.0) .079 (10.3) .406 m12 p1 (0.81) ty p .032 shown with (4.0) panel .157 (26.2) 1.031 (19.4) .764 (14.35) .565 (8.08) .318 (22.23) .875 com 1 (21.6) .850 (7.85) max .309 (48.1) 1.893 nc 2 no 3 (1.02) .040 typical switch dimensions .520 (13.2mm) dia. cap ? .187 (4.75mm) quick connect rectangular cap & shroud ? .250 (6.35mm) quick connect scb25p15a-4ca scb26s15b-5ca round cap & shroud ? .187 (4.75mm) quick connect scb15s15a-3c (28.0) 1.102 (10.16) .400 (18.0) .709 (4.75) .187 (3.18) .125 (28.83) 1.135 (10.16) .400 (9.78) .385 (4.75) ty p .187 (28.83) 1.135 (3.18) .125 (9.78) .385 (10.16) .400 (28.2) 1.110 (20.32) .800 (27.0) 1.063 (6.35) ty p .250 (28.83) 1.135 (20.32) .800 (27.0) 1.063 (4.06) .160 (8.38) .330 (10.54) .415 (28.4) 1.118


▲Up To Search▲   

 
Price & Availability of SCB15P15A-3AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X