Part Number Hot Search : 
1N4751 ESAD25MC AD7346B 2SK35 08N60 Y2832 W78C354 PA24A
Product Description
Full Text Search
 

To Download SBU101101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbu101 series 100w open frame switching power supplies f or i.t .e. description: wide operating v oltage 90 to 260 vac,47 to 63 hz internal emi filtersingle output input connector mates with molex housing 09-50-3031 and molex 2478 series crimp terminal output connector mates with molex housing 09-50-3131 and molex 2478 series crimp terminal input surge current, over v oltage and over l oad protection over v oltage protection (crowbar design) active p ower f actor correction size: 3"x5"x1.18" class i 2 year warranty f ea tur es: saf ety a ppr o vals : c b p r o d u c t s a f e t y b a u a r t g e p r u f t t y p e a p p r o v e d the sbu101 series of compact, open frame constructed, ac/dc switching mode power supplies provide 100 w atts of continuous output power .they are suited for use in based systems, por table equipments and many other applications. all models meet fcc p ar t-15 class b and cispr -22 class b emission limits and are designed to comply with nd nd ul/c-ul(ul 60950-1 :2 edition ),tuv/bauar t(en 60950-1 :2 edition ) and new ce requirements. all units are 100% burned in and tested. 0 i i l i r h e f f r e g - i reg - o o v p o c p t t r t h o l d ts 2 vp -p i l k i i h i r l 0 . 5 1 tc - 0 . 0 4 0 . 0 4 v i n = 9 0 t o 2 6 0 v a c io =f ul l lo ad , vi n= 11 5v ac vi n= 23 0v ac w v a a a a a output power range e f f i c i e n c y li ne r eg ul at io n lo ad r eg ul at io n ov er v ol ta ge p ro te ct io n ti me of tr an si en t re sp on se h o l d - u p t i m e s a f e t y g r o u n d l e a k a g e c u r r e n t t e m p e r a t u r e c o e f f i c i e n t % % s % % % ma m s 63 47 se e ra ti ng ch ar t 44 50 88 10 0 3 0. 75 0. 5 0. 5 l o w l i n e i n r u s h c u r r e n t hz 5 fin po vo io 100 85 80 70 132 150 110 112 high lin e in rush cur rent i n p u t f r e q u e n c y output voltage range output current range input current (low line) input current (high line) io =f ul l lo ad , vi n= 23 0v ac io =f ul l lo ad , 25 c ,c oo l st ar t, vi n= 11 5v ac io =f ul l lo ad , 25 c ,c oo l st ar t, vi n= 23 0v ac io =f ul l lo ad , vi n= 11 0v ac io =f ul l lo ad ov er c ur re nt p ro te ct io n i o = f u l l l o a d t o h a l f l o a d , v i n = 1 0 0 v a c s t a r t u p t i m e io =f ul l lo ad , vi n= 10 0v ac r i p p l e & n o i s e ( p e a k t o p e a k ) fu ll l oa d, v in =9 0v ac 1 % io =f ul l lo ad , vi n= 24 0v ac se e ra ti ng ch ar t m s 16 4 %/ c io =f ul l lo ad , vi n= 23 0v ac al l ou tp ut pf p o w e r f a c t o r c o r r e c t i o n i o = f u l l l o a d , v i n = 9 0 ~ 2 6 0 v a c 0.95 0.97 1.0 1.6 0.8 * electrical char acteristics: s y m . p a r a m e t e r t est conditions m i n . t y p . m a x . u n i t s a f e t y a p p r o v a l s i n p u t v o l t a g e r a n g e v in 260 9 0 240 v ac 10 0 v ac o p e r a t e v o l t a g e r a n g e note: the ripple & noise which is under 3.3vdc at 2% max * en vir onmental : s y m . p a r a m e t e r m i n . t y p . m a x . u n i t t e s t condi tions tstg s t o r a g e t e m p e r a t u r e -40 c toper o p e r a t i n g t e m p e r a t u r e 0 70 85 50 c hr stora ge hu midit y 75 % 0 h o % o p e r a t i n g h u m i d i t y 9 5 0 pd derat e lin early from 100% load at 5 0 c t o 50% load at 7 0 c hrs mtbf o p e r a t i n g t e m p e r a t u r e a t 2 5 c , c a l c u l a t e d p e r m i l - h d b k - 2 1 7 f 0.1m
o u t p u t v o l t ag e a n d c u r re n t r a t i n g c h a r t ( s i n g l e o u t p u t ) : saf ety specifica tions: p a r a m e t e r t e s t condit ions m i n . t y p . m a x . u n i t d i e l e c t r i c w i t h s t a n d i n g v o l t a g e f o r p r i m a r y t o s e c o n d a r y prima ry to se conda ry 4242 vdc prima ry to gr ound 2121 t e s t v o l t a g e = 5 0 0 v d c 50 m vin=2 20vac b class s y m . vps vpg ri s c i s p r fcc isola tion resis tance e m i r e q u i r e m e n t s f o r c i s p r - 2 2 vin=1 10vac vdc b class d i e l e c t r i c w i t h s t a n d i n g v o l t a g e f o r p r i m a r y t o g r o u n d e m i r e q u i r e m e n t s f o r f c c p a r t - 1 5 100w open frame switching power supplies f or i.t .e. sbu101 series n o t e : 1 . d i m e n s i o n s a r e s h o w n i n i n c h e s o r m m . 2 . w e i g h t : 3 4 5 g s a p p r o x . 3 . i n p u t c o n n e c t o r m a t e s w i t h m o l e x h o u s i n g 0 9 - 5 0 - 3 0 3 1 a n d m o l e x 2 4 7 8 s e r i e s c r i m p t e r m i n a l . 4 . o u t p u t c o n n e c t o r m a t e s w i t h m o l e x h o u s i n g 0 9 - 5 0 - 3 1 3 1 a n d m o l e x 2 4 7 8 s e r i e s c r i m p t e r m i n a l . m e c h a n i c a l s p e c i f i c a t i o n s : p i n c h a r t s b u 1 0 1 - 1 x x - 1 3 p i n o u t o u t o u t o u t o u t o u t r t n r t n r t n r t n r t n r t n 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 p i n m o d e l m o d e l n u m b e r o u t p u t v o l t a g e o u t p u t c u r r e n t t o t a l r e g u l a t i o n s b u 1 0 1 - 1 0 5 s b u 1 0 1 - 1 0 4 s b u 1 0 1 - 1 0 3 s b u 1 0 1 - 1 0 2 s b u 1 0 1 - 1 0 1 1 1 ~ 1 3 9 ~ 1 1 6 ~ 9 5 ~ 6 3 ~ 5 v d c v d c v d c v d c v d c 9 . 0 9 ~ 7 . 6 9 1 1 . 1 1 ~ 9 . 0 9 1 3 . 3 3 ~ 8 . 8 8 1 4 . 0 0 ~ 1 1 . 6 6 1 8 . 0 0 ~ 1 0 . 8 0 a a a a a 3 % 5 % 5 % 5 % 5 % 1 0 0 w 1 0 0 w 8 0 w 7 0 w 5 4 w s b u 1 0 1 - 1 0 6 1 3 ~ 1 6 v d c 7 . 6 9 ~ 6 . 2 5 a 3 % 1 0 0 w s b u 1 0 1 - 1 0 7 1 6 ~ 2 1 v d c 6 . 2 5 ~ 4 . 7 6 a 3 % 1 0 0 w s b u 1 0 1 - 1 0 8 2 1 ~ 2 7 v d c 4 . 7 6 ~ 3 . 7 0 a 2 % 1 0 0 w s b u 1 0 1 - 1 0 9 2 7 ~ 3 3 v d c 3 . 7 0 ~ 3 . 0 3 a 2 % 1 0 0 w s b u 1 0 1 - 1 1 0 3 3 ~ 4 0 v d c 3 . 0 3 ~ 2 . 5 0 a 2 % 1 0 0 w s b u 1 0 1 - 1 1 1 4 0 ~ 5 0 v d c 2 . 5 0 ~ 2 . 0 0 a 2 % 1 0 0 w o u t p u t p o w e r m a x im u m n / c


▲Up To Search▲   

 
Price & Availability of SBU101101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X