Part Number Hot Search : 
FA7613CP BQ270 N1FXXAA2 HER308 3D25UM KRC660E L60S800 THC63
Product Description
Full Text Search
 

To Download SACB70 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount transient voltage suppressors (tvs) revision september 25, 2013 1 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. sacb series 5.0 to 50 v 500w low capacitance socay electronics co., ltd. www.socay.com the sacb series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. uni-directional u glass passivated chip u 500w peak pulse power capability with a 10/1000 s waveform, repetitive rate (duty cycle): 0.01% u low leakage u excellent clamping capability u very fast response time u rohs compliant tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. parameter symbol value unit peak pulse power dissipation with a 10/1000 s waveform (1) p ppm 500 watts peak pulse current with a 10/1000 s waveform.(fig.2) (1) i pp see next table amps power dissipation on infinite heat sink at t l =75 c (fig.2) p m(av) 3.0 watt operating junction and storage temperature range t j , t stg -55 to +150 c notes: 1. non-repetitive current pulse , per fig. 3 and derated above ta= 25 c per fig. 2 breakdown voltage v br @i t =1.0ma (v) part number device marking code reverse stand-off voltage v rwm (v) min maximum reverse leakage i r @v rwm ( a) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum junction capacitance @0v (pf) working inverse blocking voltage v wib (v) inverse blocking leakage current i ib @v wib (ma) peak inverse voltage v pib (v) sacb5.0 sad 5.0 7.60 300 10.0 44.0 45 75 1 100 sacb6.0 sae 6.0 7.90 300 11.2 41.0 45 75 1 100 sacb7.0 saf 7.0 8.33 300 12.6 38.0 45 75 1 100 sacb8.0 sag 8.0 8.89 100 13.4 36.0 45 75 1 100 sacb8.5 sah 8.5 9.44 50 14.0 34.0 45 75 1 100 sacb10 sak 10.0 11.10 5 16.3 29.0 45 75 1 100 sacb12 sal 12.0 13.30 5 19.0 25.0 45 75 1 100 sacb15 sam 15.0 16.67 5 23.6 20.0 45 75 1 100 sacb18 san 18.0 20.00 5 28.8 15.0 45 75 1 100 sacb22 sap 22.0 24.40 5 35.4 14.0 45 75 1 100 sacb26 saq 26.0 28.90 5 42.3 11.1 45 75 1 100 sacb30 sar 30.0 33.30 5 48.6 10.0 45 75 1 100 sacb36 sas 36.0 40.00 5 60.0 8.6 45 75 1 100 sacb45 sat 45.0 50.00 5 77.0 6.8 45 150 1 200 sacb50 sau 50.0 55.50 5 88.0 5.8 45 150 1 200 electrical characteristics (t a =25 unless otherwise noted) maximum ratings (t a =25 unless otherwise noted) applications description features
surface mount transient voltage suppressors (tvs) revision september 25, 2013 2 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. sacb series 5.0 to 50 v 500w low capacitance socay electronics co., ltd. www.socay.com figure 1 - pe a k pulse power r a ting curve figure 3 - pulse w a veform ratings and characteristic curves ( t a =25 c unless otherwise noted ) figure 4 C ac line protection application figure 2 - pulse der a ting curve 150 100 50 0 i ppm - peak pulse current, % i rsm t r =10 sec peak value ippm half value i ppm (i ppm /2) t c 10/1000 sec. waveform as de ? ned by r.e.a 0 1.0 2.0 3.0 4.0 t j =25 c pulse width(td) is de ? ned as the point where the peak current decays to 50% of i ppm t - time (ms) t d - pulse width ( s ) p ppm - peak pulse power (kw) 1 0 0 0.1 1 0.1 1 10 100 1000 10000 10 td 0.5 p pk impulse exponential td td=7tp half sine p pk td square current waveforms p pk 0 25 50 75 100 125 150 175 100 80 60 40 20 0 t l - lead temperature( c) percentage of rated powe r ( i pp ) peak power (single pulse) tj=initial temperature power dissipation low capacitance tvs application note: device must be used with two units in parallel, opposite in polarity as shown in circuit for ac signal line protection.
surface mount transient voltage suppressors (tvs) revision september 25, 2013 3 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. sacb series 5.0 to 50 v 500w low capacitance socay electronics co., ltd. www.socay.com temperature cycle jesd22-a104 weight 0.015 ounce, 0.4 gram pressure cooker jesd22-a102 case jedec do-204ac (do-15) molded plastic over glass passivated junction high temp. storage jesd22-a103 polarity color band denotes cathode except bipolar htrb jesd22-a108 terminal matte tin-plated leads, solderable per jesd22-b102d thermal shock jesd22-a106 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 280 c inches millimeters dimensions min max min max a 0.077 0.087 1.960 2.200 b 0.171 0.191 4.350 4.850 c 0.130 0.155 3.300 3.940 d 0.084 0.096 2.130 2.440 e 0.030 0.060 0.750 1.520 f - 0.008 - 0.203 g 0.201 0.216 5.100 5.500 h 0.006 0.012 0.152 0.305 i 0.089 - 2.260 - j 0.085 - 2.160 - k - 0.107 - 2.740 l 0.085 - 2.160 - physical specifications environmental specifications dimensions soldering parameters do -214aa (smb) cathode band ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time
surface mount transient voltage suppressors (tvs) revision september 25, 2013 4 / 4 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. sacb series 5.0 to 50 v 500w low capacitance socay electronics co., ltd. www.socay.com part number component package quantity packaging option packaging specification sacbxxx do-214aa(smb) 500 tape & reel -12mm/7 tape eia std rs-481 part numbering part marking packaging tape and reel s pecifications socay logo marking code cathode band direction of feed 0.49 (12.4) 0.512(13.0) arbor hole diameter 7.0 (177.8) dimensions are in inches (and millimeters) 0. 36 (9.2) 0. 157 (4.0) 0.059 (1.5) diameter 0. 315 (8.0) cover tape 0. 472 (12.0) sacb v r voltage series


▲Up To Search▲   

 
Price & Availability of SACB70

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X