Part Number Hot Search : 
9018H ER802 LHY3333 MT90863 2N700 155AE LHY3333 74HCT37
Product Description
Full Text Search
 

To Download PC6101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gbpc6005 thru gbpc610 vishay semiconductors formerly general semiconductor document number 88613 www.vishay.com 19-feb-02 1 glass passivated single-phase bridge rectifier reverse voltage 50 and 1000 v forward current 6.0 a hole for #6 screw 0.158 (4.01) 0.142 (3.61) dia. 0.128 (3.25) 0.048 (1.22) 0.200 (5.08) 0.160 (4.06) 0.750 (19.05) min. 0.040 (1.02) typ. 0.094 (2.4) x 45 degrees 0.445 (11.30) 0.405 (10.29) 0.630 (16.00) 0.590 (14.98) ac ac polarity shown on side of case: positive lead by beveled corner 0.445 (11.30) 0.405 (10.29) 0.630 (16.00) 0.590 (14.98) dia. 0.042(1.07) 0.038(0.96) maximum ratings & thermal characteristics ratings at 25? ambient temperature unless otherwise specified. gbpc gbpc gbpc gbpc gbpc gbpc gbpc parameter symbols 6005 601 602 604 606 608 610 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms bridge input voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward t c =50? (1, 2) 6.0 rectified output current at t a =40? (3) i f(av) 3.0 a peak forward surge current single sine-wave superimposed on rated load i fsm 175 a (jedec method) rating for fusing (t<8.3ms) i 2 t 127 a 2 sec typical thermal resistance per leg (1) r ja 22 r jc 7.3 ?/w operating junction and storage temperature range t j, t stg -55 to +150 ? electrical characteristics ratings at 25? ambient temperature unless otherwise specified. maximum instantaneous forward voltage drop per leg at 3.0 a v f 1.0 v maximum dc reverse current at rated t a = 25? 5.0 dc blocking voltage per leg t a =125? i r 500 a typical junction capacitance per leg at 4.0v, 1mhz c j 186 90 pf notes: (1) bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw (2) unit mounted on 5.5 x 6.0 x 0.11" thick (14 x 15 x 0.3cm) al. plate (3) unit mounted on p.c.b. at 0.375" (9.5mm) lead length with 0.5 x 0.5" (12 x 12mm) copper pads dimensions in inches and (millimeters) features ?plastic package has underwriters laboratory flammability classification 94v-0 ?this series is ul listed under the recognized component index, file number e54214 ?glass passivated chip junction ?high case dielectric with standing voltage of 1500 v rms ?typical i r less than 0.5 a ?high forward surge current capability ?ideal for printed circuit boards ?high temperature soldering guaranteed: 260?/10 seconds at 5lbs. (2.3kg) tension mechanical data case: molded plastic body over passivated junctions terminals: plated leads solderable per mil-std-750, method 2026 mounting position: any (note 1) mounting torque: 5.0 in. - lb. max. weight: 0.1 oz., 2.8 g packaging codes/options: 1/100 ea. per bulk box case style gbpc
gbpc6005 thru gbpc610 vishay semiconductors formerly general semiconductor www.vishay.com document number 88613 2 19-feb-02 ratings and characteristic curves (t a = 25? unless otherwise noted) temperature ( c) fig. 1 ?derating curve output rectified current average forward output current (a) fig. 3 ?typical forward characteristics per leg instantaneous forward voltage (v) instantaneous forward current (a) percent of rated peak reverse voltage (%) instantaneous reverse current ( a) fig. 4 ?typical reverse leakage characteristics per leg fig. 6 ?typical transient thermal impedance per leg number of cycles at 60 h z t, heating time (sec.) fig. 2 ?maximum non-repetitive peak forward surge current per leg peak forward surge current (a) reverse voltage (v) junction capacitance, pf transient thermal impedance ( c/w) fig. 5 ?typical junction capacitance per leg 0 50 100 150 0 2.0 4.0 6.0 8.0 case temperature, t c heatsink mounting 5.5 x 6.0 x 0.11" thk (14 x 15 x 0.3cm) al. plate 60 h z resistive or inductive load ambient temperature, t a p.c.b. mounting 0.375" (9.5mm) lead length 1 10 100 50 75 100 125 150 175 200 1.0 cycle t j = t j max. single half sine-wave (jedec method) 10 0.4 1.0 1.8 0.01 0.1 1 100 0.6 0.8 1.2 1.6 1.4 t j = 25 c pulse width = 300 s 1% duty cycle 0 20 40 60 80 100 0.1 1 10 100 500 0.1 1 10 100 10 100 1,000 50 - 400v 600 - 1000v t j = 25 c f = 1.0mh z vsig = 50mvp-p 0.01 0.1 1 10 100 0.1 1 10 100 t a = 125 c t j = 25 c t j = 100 c


▲Up To Search▲   

 
Price & Availability of PC6101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X