Part Number Hot Search : 
EGN045MK AS5C2568 TFS170N 2SD1706 NDL7910P BSS119 BBP624 ER1604CT
Product Description
Full Text Search
 

To Download P6SMB440A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount transient voltage suppressors (tvs) revision september 25, 2013 1 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com the p6smb series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. uni-directional bi-directional agency agency file number e341027 u for surface mounted applications in order to optimize board space u low leakage u uni and bidirectional unit u glass passivated junction u low inductance u excellent clamping capability u 600w peak power capability at 10 1000 s waveform repetition rate (duty cycle):0.01% u fast response time: typically less than 1.0ps from 0 volts to v br min u typical i r less than 5 a above 12v. u high temperature soldering: 260 c/40 seconds at terminals u typical maximum temperature coefficient v br = 0.1% v br @25 c t u plastic package has underwriters laboratory flammability 94v-0 u matte tin lead C free plated u halogen free and rohs compliant u typical failure mode is short from over-specified voltage or current u whisker test is conducted based on jedec jesd201a per its table 4a and 4c u iec-61000-4-2 esd 15kv(air), 8kv (contact) u esd protection of data lines in accordance with iec 61000-4-2 (iec801-2) u eft protection of data lines in accordance with iec 61000-4-4 (iec801-4) tvs devices are ideal for the protection of i/o interfaces, v cc bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications. parameter symbol value unit peak pulse power dissipation with a 10/1000 s waveform (fig.1)(note 1), (note 2) p ppm 600 watts peak pulse current with a 10/1000 s waveform.(note1,fig.3) i pp see next table amps power dissipation on infinite heat sink at t l =75 c p m(av) 5.0 watt peak forward surge current, 8.3ms single half sine wave (note 3) i fsm 100 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 4) v f 3.5/5.0 voltage operating junction and storage temperature range. t j , t stg -55 to +150 c notes: 1. non-repetitive current pulse, per fig. 3 and derated above t a = 25 c per fig. 2. 2. mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum. 4. v f < 3.5v for v br < 200v and v f < 6.5v for v br > 201v. functional diagr am agency approvals applications maximum ratings (t a =25 unless otherwise noted) description features bi-directional uni-direction cathode anode
surface mount transient voltage suppressors (tvs) revision september 25, 2013 2 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com part number marking breakdown voltage v br (v) @i t uni bi uni bi reverse stand-off voltage v rwm (v) min max test current i t (ma) maximum clamping voltage v c @i pp (v) maximum peak pulse current i pp (a) maximum reverse leakage i r @v rwm ( a ) p6smb6.8a p6smb6.8ca 6v8a 6v8c 5.8 6.46 7.14 10 10.5 57.14 1000 p6smb7.5a p6smb7.5ca 7v5a 7v5c 6.4 7.13 7.88 10 11.3 53.10 500 p6smb8.2a p6smb8.2ca 8v2a 8v2c 7.0 7.79 8.61 10 12.1 49.59 200 p6smb9.1a p6smb9.1ca 9v1a 9v1c 7.8 8.65 9.56 1 1 13.4 44.78 50 p6smb10a p6smb10ca 10a 10c 8.6 9.50 10.50 1 14.5 41.38 10 p6smb11a p6smb11ca 11a 11c 9.4 10.45 11.55 1 15.6 38.46 5 p6smb12a p6smb12ca 12a 12c 10.2 11.40 12.60 1 1 16.7 35.93 5 p6smb13a p6smb13ca 13a 13c 11.1 12.35 13.65 1 18.2 32.97 5 p6smb15a p6smb15ca 15a 15c 12.8 14.25 15.75 1 1 21.2 28.30 5 p6smb16a p6smb16ca 16a 16c 13.6 15.20 16.80 1 22.5 26.67 5 p6smb18a p6smb18ca 18a 18c 15.3 17.10 18.90 1 1 25.2 23.81 5 p6smb20a p6smb20ca 20a 20c 17.1 19.00 21.00 1 27.7 21.66 5 p6smb22a p6smb22ca 22a 22c 18.8 20.90 23.10 1 1 30.6 19.61 5 p6smb24a p6smb24ca 24a 24c 20.5 22.80 25.20 1 33.2 18.07 5 p6smb27a p6smb27ca 27a 27c 23.1 25.65 28.35 1 1 37.5 16.00 5 p6smb30a p6smb30ca 30a 30c 25.6 28.50 31.50 1 41.4 14.49 5 p6smb33a p6smb33ca 33a 33c 28.2 31.35 34.65 1 1 45.7 13.13 5 p6smb36a p6smb36ca 36a 36c 30.8 34.20 37.80 1 49.9 12.02 5 p6smb39a p6smb39ca 39a 39c 33.3 37.05 40.95 1 1 53.9 11.13 5 p6smb43a p6smb43ca 43a 43c 36.8 40.85 45.15 1 59.3 1012 5 p6smb47a p6smb47ca 47a 47c 40.2 44.65 49.35 1 1 64.8 9.26 5 p6smb51a p6smb51ca 51a 51c 43.6 48.45 53.55 1 70.1 8.56 5 p6smb56a p6smb56ca 56a 56c 47.8 53.20 58.80 1 1 77.0 7.79 5 p6smb62a p6smb62ca 62a 62c 53.0 58.90 65.10 1 85.0 7.06 5 p6smb68a p6smb68ca 68a 68c 58.1 64.60 71.40 1 1 92.0 6.52 5 p6smb75a p6smb75ca 75a 75c 64.1 71.25 78.75 1 103.0 5.83 5 p6smb82a p6smb82ca 82a 82c 70.1 77.90 86.10 1 1 113.0 5.31 5 p6smb91a p6smb91ca 91a 91c 77.8 86.45 95.55 1 125.0 4.80 5 p6smb100a p6smb100ca 100a 100c 85.5 95.00 105.00 1 1 137.0 4.38 5 p6smb110a p6smb110ca 110a 110c 94.0 104.50 115.50 1 152.0 3.95 5 p6smb120a p6smb120ca 120a 120c 102.0 114.00 126.00 1 1 165.0 3.64 5 p6smb130a p6smb130ca 130a 130c 111.0 123.50 136.50 1 179.0 3.35 5 p6smb150a p6smb150ca 150a 150c 128.0 142.50 157.50 1 1 207.0 2.90 5 p6smb160a p6smb160ca 160a 160c 136.0 152.00 168.00 1 219.0 2.74 5 p6smb170a p6smb170ca 170a 170c 145.0 161.50 178.50 1 1 234.0 2.56 5 p6smb180a p6smb180ca 180a 180c 154.0 171.00 189.00 1 246.0 2.44 5 p6smb200a p6smb200ca 200a 200c 171.0 190.00 210.00 1 1 274.0 2.19 5 p6smb220a p6smb220ca 220a 220c 185.0 209.00 231.00 1 328.0 1.83 5 p6smb250a p6smb250ca 250a 250c 214.0 237.50 262.50 1 1 344.0 1.74 5 p6smb300a p6smb300ca 300a 300c 256.0 285.00 315.00 1 414.0 1.45 5 p6smb350a p6smb350ca 350a 350c 299.3 332.50 367.50 1 1 482.0 1.24 5 p6smb380a p6smb380ca 380a 380c 324.9 361.00 399.00 1 524.4 1.14 5 p6smb400a p6smb400ca 400a 400c 342.0 380.00 420.00 1 1 552.0 1.09 5 P6SMB440A p6smb440ca 440a 440c 376.2 418.00 462.00 1 607.2 0.99 5 p6smb500a p6smb500ca 500a 500c 427.5 475.00 525.00 1 1 690.0 0.87 5 p6smb520a p6smb520ca 520a 520c 444.6 494.00 546.00 1 717.6 0.84 5 p6smb550a p6smb550ca 550a 550c 470.3 522.50 577.50 1 1 759.0 0.79 5 p6smb600a p6smb600ca 600a 600c 513.0 570.00 630.00 1 828.0 0.72 5 note: 1. suffix 'a ' denotes 5% tolerance device. without 'a' denotes 10% tolerance device 2. add suffix 'c 'or ' ca ' after part number to specify bi-directional devices 3. for bi-directional devices having v r of 10 volts and under, the i r limit is double electrical characteristics (t a =25 unless otherwise noted)
surface mount transient voltage suppressors (tvs) revision september 25, 2013 3 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com figure 1 - pe a k pulse power r a ting curve figure 3 - pulse w a veform ratings and characteristic curves ( t a =25 c unless otherwise noted ) figure 4 - typic a l junction c a p a cit a nce 0 25 50 75 100 125 150 175 100 80 60 40 20 0 t a -ambient temperature( c) peak pulse power (p pp ) or current ( i pp ) derating in percentage % figure 5 - steady state power derating curve figure 2 - pulse der a ting curve figure 6 - maximum non - repetitive surge current 150 100 50 0 i ppm - peak pulse cur rent, % i rsm t r =10 sec peak value ippm half value i ppm (i ppm /2) t c 10/1000 sec. waveform as de ? ned by r.e.a 0 1.0 2.0 3.0 4.0 t j =25 c pulse width(td) is de ? ned as the point where the peak current decays to 50% of i ppm t - time (ms) 5.0 0 25 50 75 100 125 150 175 200 4.0 3.0 2.0 1.0 0.0 t l - lead temperature( c) p m(av) , steady state power dissipation (w ) t d - pulse width ( s ) p ppm - peak pulse power (kw) 10 0.1 1 0.1 1 10 100 1000 10000 10 number of cycles at 60hz i fsm - peak forward surge current (a) 1 10 100 60 40 20 0 80 100 t j =t j max. 8.3 ms single half sine - wave 1.0 10.0 100.0 1000.0 10000 1000 100 1 v br -reverse breakdown voltage (v) cj (pf) 10 tj=25 c f=1.0mhz vsig=50mvp-p bi - directional @zero bins un i - directional @zero bins un i - directional @v rwm b i - directional @v rwm
surface mount transient voltage suppressors (tvs) revision september 25, 2013 4 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com temperature cycle jesd22-a104 weight 0.003 ounce, 0.093 gram pressure cooker jesd22-a102 case jedec do-214aa molded plastic over glass passivated junction high temp. storage jesd22-a103 polarity color band denotes cathode except bipolar htrb jesd22-a108 terminal matte tin-plated leads, solderable per jesd22-b102d thermal shock jesd22-a106 reflow condition lead C free assembly -temperature min (t s(min) ) 150 c -temperature max (t s(max) ) 200 c pre heat - time (min to max) (t s ) 60 -180 seconds average ramp up rate ( liquidus temp t l ) to peak 3 c/second max t s(max) to tl - ramp-up rate 3 c/second max - temperature (t l ) (liquidus) 217 c reflow - time (min to max) (t s ) 60 -150 seconds peak temperature (t p ) 260 +0/-5 c time within 5 c of actual peak temperature (t p ) 20 -40 seconds ramp-down rate 6 c/second max time 25 c to peak temperature (t p ) 8 minutes max do not exceed 280 c ramp-down preheat critical zone t l to t p time to peak temperature (t 25 to peak) t p t l t s(max) t s(min) 25 temperature ramp-up time i - v curve characteristics physical specificat ions environmental specifications soldering parameters
surface mount transient voltage suppressors (tvs) revision september 25, 2013 5 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com inches millimeters dimensions min max min max a 0.077 0.087 1.960 2.200 b 0.171 0.191 4.350 4.850 c 0.130 0.155 3.300 3.940 d 0.084 0.096 2.130 2.440 e 0.030 0.060 0.750 1.520 f - 0.008 - 0.203 g 0.201 0.216 5.100 5.500 h 0.006 0.012 0.152 0.305 i 0.089 - 2.260 - j 0.085 - 2.160 - k - 0.107 - 2.740 l 0.085 - 2.160 - p6smb ca 5% v br voltage tolerance bi-directional v r voltage series dimensions part numbering part marking do -214aa (smb) cathode band socay logo marking code cathode band
surface mount transient voltage suppressors (tvs) revision september 25, 2013 6 / 6 @ socay electronics co., ltd. 2013 specifications are subject to change without notice. please refer to www.socay.com for current information. p6smb series 6.8 to 600 v 600w socay electronics co., ltd. www.socay.com part number component package quantity packaging option packaging specification p6smbxxxxx do-214aa 500 tape & reel -12mm/7 tape eia std rs-481 packaging tape and reel s pecifications direction of feed 0.49 (12.4) 0.512(13.0) arbor hole diameter 7.0 (177.8) dimensions are in inches (and millimeters) 0. 36 (9.2) 0. 157 (4.0) 0.059 (1.5) diameter 0. 315 (8.0) cover tape 0. 472 (12.0)


▲Up To Search▲   

 
Price & Availability of P6SMB440A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X