Part Number Hot Search : 
01D05 HE83R142 D2495 1N6279 ML62212 SS2H10 42S1640 472ML
Product Description
Full Text Search
 

To Download P6SMB39CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  case: jedec do - -201 molded plastic. terminals: axial leads, solderable per mil-std-750, method 2026. polarity: color and denotes cthode excep b ipolar. mounting position: any. peak pulse power dissipation on 10/1000  s wavefor m. (note 1 , note 2, fig. 1) p ppm minimum 6 00 watts peak pulse current on 10/1000  s waveform . (note 1 , fig. 3 ) i pp m se e tabl e a mps steady state power dissipation at t l =75   lead length .375  (9.5mm) . ( note 2, fig. 5) p m(av) 5.0 watts peak forward surge current  8.3ms single half sine-wave superimposed on rated load . ( jedec method) (note 3 , fig. 6) i fsm 100 amps operating junction and storage temperature range . t j ,t stg - 6 5 t o +150  f eatures m echanical d ata d evices f or b ipolar a pplication for surface mounted applications in order to optimize board space. low profile package. built-in strain relief. glass passivated junction. low inductance. excellent clamping capability. repetition rate (duty cycle): 0.01%. fast response time: typically less than 1.0ps from 0 v olt to v b r for u nidirectional types. typical i r less than 1a above 10v. high temperature soldering: 260c/10 seconds at terminals. p m sm b /do-214a a case: jedec do - 214a a . molded plastic over glass passivated junction. terminal: solder plated, solderable per mil-std-750, method 2026. polarity: color band denote s cathode except bidirectional. standard packaging: 12mm tape (eia std rs-481). weight: 0.00 3 ounce, 0.0 93 grams. for b idirectional use ca suffix for type p6s m b 6.8ca thr ough type p6s m b 550ca ; e lectrical characteristics apply in both directions. ratings at 25  ambient temperature unless otherwise specified. n 2 . transient voltage suppressors p6 sm b series rating symbol value unit notes:  1. non-repetitive current pulse, per fig. 3 and derated above t a = 25  per fig. 2 . 2. mounted on 5.0mm x 5.0mm (0.03mm thick) copper pads to each terminal . 3. 8.3ms single half sine-wave, or equivalent square wave, duty cycl e=4pu lses per minute maximum. m aximum r atings a nd c haracteristics all specifications are subject to change without notice. product specification 1 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 1 rev 7
t s t1 d t d1 d l cathode band item min. max. min. max. l 4.06 4.57 0.160 0.180 d 3.30 3.94 0.130 0.155 d1 1.95 2.20 0.077 0.086 t 5.21 5.59 0.205 0.220 t1 0.76 1.52 0.030 0.060 d - 0.203 - 0.008 s 2.13 2.4 4 0.084 0 .09 6 t 0.152 0.305 0.006 0.012 millimeters inches smb/do-214aa p ackage d imensions part number device marking code reverse s tand-of f voltage breakdown voltage @i t breakdown voltage @i t test current maximum clamping voltage @i pp peak pulse current reverse leakage @v rwm uni-polar bi-polar uni bi v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) i r (a) p6smb6.8a p6smb6.8ca 6v8a 6v8c 5.80 6.45 7.14 10 10.5 58.1 1000 p6smb7.5a p6smb7.5ca 7v5a 7v5c 6.40 7.13 7.88 10 11.3 54.0 500 p6smb8.2a p6smb8.2ca 8v2a 8v2c 7.02 7.79 8.61 10 12.1 50.4 200 p6smb9.1a p6smb9.1ca 9v1a 9v1c 7.78 8.65 9.55 1 13.4 45.5 50 p6smb10a p6smb10ca 10a 10c 8.55 9.50 10.50 1 14.5 42.1 10 p6smb11a p6smb11ca 11a 11c 9.40 10.50 11.60 1 15.6 39.1 5 p6smb12a p6smb12ca 12a 12c 10.20 11.40 12.60 1 16.7 36.5 5 p6smb13a p6smb13ca 13a 13c 11.10 12.40 13.70 1 18.2 33.5 1 p6smb15a p6smb15ca 15a 15c 12.80 14.30 15.80 1 21.2 28.8 1 p6smb16a p6smb16ca 16a 16c 13.60 15.20 16.80 1 22.5 27.1 1 p6smb18a p6smb18ca 18a 18c 15.30 17.10 18.90 1 25.5 24.2 1 p6smb20a p6smb20ca 20a 20c 17.10 19.00 21.00 1 27.7 22.0 1 p6smb22a p6smb22ca 22a 22c 18.80 20.90 23.10 1 30.6 19.9 1 p6smb24a p6smb24ca 24a 24c 20.50 22.80 25.20 1 33.2 18.4 1 p6smb27a p6smb27ca 27a 27c 23.10 25.70 28.40 1 37.5 16.3 1 s pecifications product specification 2 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 2 rev 7
p6smb30a p6smb30ca 30a 30c 25.60 28.50 31.50 1 c 41.4 14.7 1 p6smb33a p6smb33ca 33a 33c 28.20 31.40 34.70 1 45.7 13.3 1 p6smb36a p6smb36ca 36a 36c 30.80 34.20 37.80 1 49.9 12.2 1 p6smb39a P6SMB39CA 39a 39c 33.30 37.10 41.00 1 53.9 11.3 1 p6smb43a p6smb43ca 43a 43c 36.80 40.90 45.20 1 59.3 10.3 1 p6smb47a p6smb47ca 47a 47c 40.20 44.70 49.40 1 64.8 9.4 1 p6smb51a p6smb51ca 51a 51c 43.60 48.50 53.60 1 70.1 8.7 1 p6smb56a p6smb56ca 56a 56c 47.80 53.20 58.80 1 77.0 7.9 1 p6smb62a p6smb62ca 62a 62c 53.00 58.90 65.10 1 85.0 7.2 1 p6smb68a p6smb68ca 68a 68c 58.10 64.60 71.40 1 92.0 6.6 1 p6smb75a p6smb75ca 75a 75c 64.10 71.30 78.80 1 103.0 5.9 1 p6smb82a p6smb82ca 82a 82c 70.10 77.90 86.10 1 113.0 5.4 1 p6smb91a p6smb91ca 91a 91c 77.80 86.50 95.50 1 125.0 4.9 1 p6smb100a p6smb100ca 100a 100c 85.50 95.00 105.00 1 137.0 4.5 1 p6smb110a p6smb110ca 110a 110c 94.00 105.00 116.00 1 152.0 4.0 1 p6smb120a p6smb120ca 120a 120c 102.00 114.00 126.00 1 165.0 3.7 1 p6smb130a p6smb130ca 130a 130c 111.00 124.00 137.00 1 179.0 3.4 1 p6smb150a p6smb150ca 150a 150c 128.00 143.00 158.00 1 207.0 2.9 1 p6smb160a p6smb160ca 160a 160c 136.00 152.00 168.00 1 219.0 2.8 1 p6smb170a p6smb170ca 170a 170c 145.00 162.00 179.00 1 234.0 2.6 1 p6smb180a p6smb180ca 180a 180c 154.00 171.00 189.00 1 246.0 2.5 1 p6smb200a p6smb200ca 200a 200c 171.00 190.00 210.00 1 274.0 2.2 1 p6smb220a p6smb220ca 220a 220c 185.00 209.00 231.00 1 328.0 1.9 1 p6smb250a p6smb250ca 250a 250c 214.00 237.00 263.00 1 344.0 1.8 1 p6smb300a p6smb300ca 300a 300c 256.00 285.00 315.00 1 414.0 1.5 1 p6smb350a p6smb350ca 350a 350c 300.00 332.00 368.00 1 482.0 1.3 1 p6smb400a p6smb400ca 400a 400c 342.00 380.00 420.00 1 548.0 1.1 1 p6smb440a p6smb440ca 440a 440c 376.00 418.00 462.00 1 602.0 1.0 1 p6smb480a p6smb480ca 480a 480c 408.00 456.00 504.00 1 658.0 0.9 1 p6smb510a p6smb510ca 510a 510c 434.00 485.00 535.00 1 698.0 0.9 1 p6smb530a p6smb530ca 530a 530c 477.00 503.50 556.50 1 725.0 0.8 1 p6smb540a p6smb540ca 540a 540c 486.00 513.00 567.00 1 740.0 0.8 1 p6smb550a p6smb550ca 550a 550c 495.00 522.50 577.50 1 760.0 0.8 1  


  



 

 
! " 
 
! " "
  
 #  $  
!  
 

 


%

 & '!%( !%( '! !  & )*   !+ )*   (,+ )* ! " )(*   )* !  )(* !  )-(* note: for bidirectional type having v rwm of 10 volts and less,the i r limit doubles. product specification 3 of 3 4008-318-123 sales@twtysemi.com http://www.twtysemi.com 3 rev 7


▲Up To Search▲   

 
Price & Availability of P6SMB39CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X