Part Number Hot Search : 
PA3240 351307 P6KE43C R05P05D 16N60N ATM4823A S9801 30CPF
Product Description
Full Text Search
 

To Download P6SMB39CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  transient voltage suppressors p6smb series speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electronic s circuit prote ct io n system
page:1 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6smb series features mechanical characteristics rating symbol value units peak pulse power dissipation by 10x1000s test waveform (fig.1)(note 1) p ppm 600 watts steady state power dissipation on ini? nite heat sink at tl=75oc (fig. 5) p d 5 watts peak forward surge current, 8.3ms single half sine wave unidirectional only (note 2) i fsm 100 amps maximum instantaneous forward voltage at 25a for unidirectional only (note 3) v f 3.5/5.0 v operating junction and storage temperature range. t j , t stg -55c to 150c c typical thermal resistance junction to lead r ujl 20 c/w typical thermal resistance junction to ambient r uja 100 c/w notes: 1. non-repetitive current pulse , per fig. 3 and derated above ta = 25c per fig. 2. 2. mounted on copper pad area of 0.2x0.2 (5.0 x 5.0mm) to each terminal. 3. measured on 8.3ms single half sine wave or equivalent square wave for unidirectional device only, duty cycle=4 per minute maximum. 4. vf<3.5v for vbr < 200v and vf<5.0v for vbr > 201v. 1. halogen-free 2. rohs compliant 3. typical maximum temperature coef ?cient 4. v br = 0.1% x v br @25c x t 5. glass passivated chip junction in do-214aa package 6. 600w peak pulse capadility at 101000s waveform, repetition rate(duty cycles):0.01% 7. fast response time:typically less than 1.0ps from 0 volts to bv min 8. excellent clamping capability 9. low incremental surge resistance 10 typical ir less than 5a above 12v 11. high temperature soldering guaranteed: 260c/40 seconds / 0.375, 12. (9.5mm) lead length, 5lbs., (2.3kg) tension 13. plastic package has underwriters laboratory fammability classi?cation 94v-0 tvs devices are ideal for the protection of i/o interfaces,vcc bus and other vulnerable circuits used in telecom, computer , industrial and consumer electronic applications. uni bi uni bi anode cathode applications circuit prote ct io n system
transient voltage suppressors - p6smb series page:2 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. electriacl characteristics type number reverse stand- off voltage breakdown voltage@i t test current maximum clamping voltage@i pp peak pulse current reverse leakage @v rwm (uni) (bi) v rwm (v) v br min. (v) v br max. (v) i t (ma) v c (v) i pp (a) ir(a) p6smb6.8a p6smb6.8ca 5.80 6.40 7.25 10 9.2 65.2 800 p6smb7.5a p6smb7.5ca 6.40 7.22 8.30 10 10.3 58.3 800 p6smb8.2a p6smb8.2ca 7.02 7.78 8.95 10 12.0 50.0 200 p6smb9.1a p6smb9.1ca 7.78 8.33 9.58 1 12.9 46.6 100 p6smb10a p6smb10ca 8.55 9.44 10.82 1 13.6 44.1 50 p6smb11a p6smb11ca 9.40 10.00 11.50 1 18.2 33.0 5 p6smb12a p6smb12ca 10.20 11.10 12.80 1 19.9 30.2 5 p6smb13a p6smb13ca 11.10 12.20 14.00 1 21.5 27.9 5 p6smb15a p6smb15ca 12.80 14.40 16.50 1 24.4 24.6 5 p6smb16a p6smb16ca 13.60 15.60 17.90 1 26.0 23.1 5 p6smb18a p6smb18ca 15.30 16.70 19.20 1 29.2 20.5 5 p6smb20a p6smb20ca 17.10 18.90 21.70 1 32.4 18.5 5 p6smb22a p6smb22ca 18.80 20.00 23.30 1 35.5 16.9 5 p6smb24a p6smb24ca 20.50 22.20 25.50 1 38.9 15.2 5 p6smb27a p6smb27ca 23.10 24.40 28.00 1 42.1 14.2 5 p6smb30a p6smb30ca 25.60 28.90 33.20 1 48.4 12.4 5 p6smb33a p6smb33ca 28.20 31.10 35.80 1 53.3 11.3 5 p6smb36a p6smb36ca 20.80 33.30 38.30 1 58.1 10.3 5 p6smb39a P6SMB39CA 33.30 36.70 42.20 1 64.5 9.3 5 p6smb43a p6smb43ca 36.80 40.00 46.00 1 69.4 8.6 5 p6smb47a p6smb47ca 40.20 44.40 51.10 1 72.7 8.3 5 p6smb51a p6smb51ca 43.60 47.80 54.90 1 82.4 7.3 5 p6smb56a p6smb56ca 47.80 50.00 57.50 1 87.1 6.9 5 p6smb62a p6smb62ca 53.00 56.70 65.20 1 96.8 6.2 5 p6smb68a p6smb68ca 58.10 64.40 74.10 1 103.0 5.8 5 p6smb75a p6smb75ca 64.10 71.10 81.80 1 121.0 4.9 5 p6smb82a p6smb82ca 70.10 77.80 89.50 1 137.0 4.4 5 p6smb91a p6smb91ca 77.80 86.70 99.70 1 146.0 4.1 5 p6smb100a p6smb100ca 85.50 94.40 108.20 1 162.0 3.7 5 p6smb110a p6smb110ca 94.00 100.00 115.50 1 177.0 3.4 5 p6smb120a p6smb120ca 102.00 111.00 128.00 1 193.0 3.1 5 p6smb130a p6smb130ca 111.00 122.00 140.50 1 209.0 2.9 5 p6smb150a p6smb150ca 128.00 144.00 165.50 1 243.0 2.5 5 p6smb180a p6smb180ca 154.00 167.00 192.60 1 292.0 2.1 5 p6smb200a p6smb200ca 171.00 189.00 217.50 1 324.0 1.9 5 p6smb220a p6smb220ca 185.00 209.00 243.20 1 356.0 1.7 5 p6smb250a p6smb250ca 214.00 231.00 268.80 1 405.0 1.5 5 circuit prote ct io n system
page:3 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6smb series ratings and characteristic curves figure 2 - pulse der ating cur ve figure 3 - pulse w av ef or m figure 4 - t ypical junction capacitanc e figure 5 - st eady stat e po we r der ating cur ve a 0. 1 1 10 10 0 0. 00000 10 . 0000 10 . 000 10 .0 01 t d -pulse width (sec.) 0.2x0.2" (5.0x5.0mm) copper pad area p ppm -peak pulse power (kw) i pp m - p eak p ulse curr ent, % i rsm 0 0 50 10 0 15 0 1. 02 .0 3. 04 .0 t r =1 0sec p eak v alue i pp m i pp m 2 t j =25c as the point where the peak curr ent decays to 5 0% of i pp m 10 /1 00 0sec. w avefor m t d t-ti me (ms) half v alue i pp m ( ) 0 20 40 60 80 10 0 02 55 07 51 00 12 51 50 17 5 peak pulse power (p pp ) or current (i pp ) derating in percentage % t a - a mbient t emperature (oc) 1 10 10 0 1000 1000 0 1. 01 0. 0 100 .0 1000 .0 cj ( pf ) tj =2 5c f= 1.0m hz vs ig =5 0m vp -p un i- di re ct i ona l v= 0v bi -d ir ec ti ona l v= 0v v br - reverse breakdown vo ltage (v ) uni-directional @ v r bi-directional @ v r 0 1 2 3 4 5 6 02 55 07 51 00 12 51 50 17 5 p m(av ) , steady state power dissipatio n (w ) t a - ambient t emperature (oc) figure 1 - p eak pulse p owe r ratin g 0 20 40 60 80 10 0 12 0 0 0 1 0 1 1 nu mb er o f c ycl es a t 60 hz i fsm - peak forward surge current (a ) figure 6 - maximum non-repetiti ve p eak fo rw ar d surg e curr ent uni-dir ectional onl y circuit prote ct io n system
transient voltage suppressors - p6smb series page:4 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. soldering parameters fefow condition lead-free assembly pre heat - temperature min (t s(min) ) 150c - temperature max (t s(min) ) 200c - time (min to max) (t s ) 60-180 secs average ramp up rate (liquidus temp (t l ) to peak 3c/second max t s(max) to t l - ramp-up rate 3c/second max refow - temperature (t l ) (liquidus) 217c - time (min to max) (t s ) 60-150 seconds peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) 20-40 seconds ramp-down rate 6c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical specifcations weight 0.003 ounce, 0.093 grams case jedec do214aa. molded plastic body over glass passivated junction polarity color band denotes cathode except bidirectional. termina matte tin-plated leads, solderable per jesd22-b102d environmental specifcations temperature cycle jesd22-a104 pressure cooker jesd 22-a102 high temp. storage jesd22-a103 htrb jesd22-a108 thermal shock jesd22-a106 circuit prote ct io n system
page:5 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. transient voltage suppressors - p6smb series dimensions storage conditions: 1. storage temperature: -10c~+40c 2. relative humidity:75%rh 3. keep away from corrosive atmosphere and sunlight. period of storage: 1 year warehouse storage conditions of products dim inches millimeters min max min max 0.077 0.086 1.950 2.200 b 0.160 0.180 4.060 4.570 c 0.130 0.155 3.300 3.940 d 0.084 0.096 2.130 2.440 e 0.030 0.060 0.760 1.520 f - 0.008 0.203 g 0.205 0.220 5.210 5.590 h 0.006 0.012 0.152 0.305 0.089 2.260 0.085 2.160 k 0.107 2.740 l 0.085 2.160 unit:mm do-214aa (smb j-bend) part numbering system vo lt ag e bi-directional 5% v ol ta ge t olerance series xx xc a p6smb circuit prote ct io n system
page:6 speci?cations are subject to change without notice. please refer to http://www.ruilon.com for current information. ruilongyuan electronics co., ltd. reproducing and modifying information of the document is prohibited without permission from ruilongyuan international inc. ruilongyuan international inc. reserves the rights to make changes of the content herein the document anytime without noti?cation. please refer to our website for the latest document. ruilongyuan international inc. disclaims any and all liability arising out of the application or use of any product including damages incidentally and consequentially occurred. ruilongyuan international inc. does not assume any and all implied warranties, including warranties of ?tness for particular purpose, non-infringement and merchantability. applications shown on the herein document are examples of standard use and operation. customers are responsible in comprehending the suitable use in particular applications.ruilongyuan international inc. makes no representation or warranty that such applications will be suitable for the specifed use without further testing or modifcation. the products shown herein are not designed and authorized for equipments requiring high level of reliability or relating to human life and for any applications concerning life-saving or life-sustaining, such as medical instruments, transportation equipment,aerospace machinery et cetera. customers using or selling these products for use in such applications do so at their own risk and agree to fullyindemnify ruilongyuan international inc. for any damages resulting from such improper use or sale. tel: +86-755-8290 8296 fax: +86-755-8290 8002 e-mail: jack@ruilon.com circuit prote ct io n system


▲Up To Search▲   

 
Price & Availability of P6SMB39CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X