Part Number Hot Search : 
MC74H MC74H MC74H MC74H 2EZ18D5 MC74H MC74H MC74H
Product Description
Full Text Search
 

To Download NX3225GA-FREQ4-STD-CSG-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  crystal units nx3225ga for oa / av cu26_081201_nx3225ga_e mm 2.2 1.6 1.2 1.4 3.2 0.1 0.750.15 #1 #2 #4 #3 1.6 2.2 #4 #1 *#2 and #4 are not connected. #3 #2 0.1 2.5 1.0 0.9 n features n specifications n dimensions *1 equivalent series resistance n how to specify an order when ordering our products, specify them with an ordering code that consists of the following : -- m if you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales represe ntatives or visit our homepage (http://www.ndk.com/). model name frequency (max : 9 digits) number for specifying an order example nx3225ga-27.000m-std-crg-1 a small surface-mount type crystal unit, especially suited for small-sizing requirements. ultra compact and thin. (3.2 x 2.5 x 0.75 mm typ.) excellent environmental characteristics, including heat and shock resistance. excellent electrical performance for oa (office automation) and av (audiovisual) applications. meets the requirements for re-flow profiling using lead-free solder. outstanding cost performance. l l l l l reference land pattern internal connections (top view) frequency range (mhz) 9.84375 to 12 12 to 13 13 to 20 20 to 50 equivalent series resistance max. [] 200 100 80 50 frequency range overtone order frequency tolerance (25 3 ) temperature characteristics (with reference to +25 c) operating temperature range storage temperature range equivalent series resistance drive level load capacitance 9.84375 to 50 mhz fundamental 20 10 ?6 30 10 ?6 ?10 to +70 ?40 to +85 refer to *1 10 w (max. 200 w) 8 pf item model nx3225ga the above specifications are standard for this ndk product. custom-made specifications such as load capacitance and temperature characteristics are also available. please contact ndk sales with your enquiries.


▲Up To Search▲   

 
Price & Availability of NX3225GA-FREQ4-STD-CSG-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X