absolute maximum ratings (ta=25oc) i t e m s s y m b o l r a t i n g s u n i t forward current (dc) if 50 ma forward current (pulse)*1 ifp 0.5 a reverse voltage vr 5 v power dissipation pd 140 mw operating temperature range topr -20 ~ +85 oc storage temperature range tstg -30 ~ +100 oc junction temperature tj 100 oc lead soldering temperature*2 tls 260 oc peak emission wavelength: 470nm the 470nm visible emitter series is designed for applications requiring high output and precise optical / mechanical axis alignment. custom package solutions and sorting are available. f e a t u r e s > to-18 metal can package > high output power > high reliability a p p l i c a t i o n s > color sensor / money bill > paper sensor / money bill > bar-code reader > fiber applications electrical & optical characteristics (ta = 25oc) i t e m s s y m b o l c o n d i t i o n s m i n t y p m a x u n i t power output po if=20ma -- 4.0 -- m w forward voltage vf if=20ma -- 3.0 3.5 v reverse current ir vr=5v -- -- 100 a peak emission wavelength p if=20ma -- 470 -- nm spectral line half width ? if=20ma -- 35 -- nm half intensity beam angle ? if=20ma -- 15 -- deg visible emitter product no: m t e 3 0 4 7 w - u b global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com 1 2012-05-31 *1: tw=10sec, t=10msec. *2: time 5 sec max, position: up to 3mm from the body.
unit: mm, tolerance: 0.2 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com visible emitter product no: m t e 3 0 4 7 w - u b 2 2012-05-31
global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com visible emitter product no: m t e 3 0 4 7 w - u b 3 2012-05-31 the information contained herein is subject to change without notice.
|