Part Number Hot Search : 
CY7C65 82PF120 D9845 8LF25 00190 CERA60U NFSB0 MAX8727
Product Description
Full Text Search
 

To Download MM5Z2V0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MM5Z2V0~mm5z75 features ? standard zener breakdown voltage range 2.0 v to 75 v ? steady state power rating of 200 mw absolute maximum ratings (t a = 25 o c) parameter symbol value unit total device dissipaton p tot 200 mw junction and storage temperature range t j , t stg - 65 to + 150 o c characteristics at t a = 25 o c parameter symbol max. unit forward voltage at i f = 10 ma v f 0.9 v anode 2 top view simplified outline sod-523 and symbol 1 2 pinning 1 pin cathode description smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
zener voltage 1) zener impedance leakage current v zt (v) at l zt z zt z zk at i zk i r at v r type marking code min. nom. max. ma ? ? ma a v MM5Z2V0 rd 1.8 2.0 2.15 5 100 - - 120 0.5 mm5z2v2 re 2.08 2.2 2.33 5 100 - - 120 0.7 mm5z2v4 z7 2.2 2.4 2.6 5 100 1000 1 120 1 mm5z2v7 a8 2.5 2.7 2.9 5 100 1000 1 120 1 mm5z3v0 b8 2.8 3.0 3.2 5 100 1000 1 50 1 mm5z3v3 c8 3.1 3.3 3.5 5 95 1000 1 20 1 mm5z3v6 d8 3.4 3.6 3.8 5 90 1000 1 10 1 mm5z3v9 e8 3.7 3.9 4.1 5 90 1000 1 5 1 mm5z4v3 f8 4 4.3 4.6 5 90 1000 1 5 1 mm5z4v7 g8 4.4 4.7 5 5 80 800 1 2 1 mm5z5v1 h8 4.8 5.1 5.4 5 60 500 1 2 1.5 mm5z5v6 i8 5.2 5.6 6 5 40 200 1 1 2.5 mm5z6v2 j8 5.8 6.2 6.6 5 10 100 1 1 3 mm5z6v8 k8 6.4 6.8 7.2 5 15 160 1 0.5 3.5 mm5z7v5 l8 7 7.5 7.9 5 15 160 1 0.5 4 mm5z8v2 m8 7.7 8.2 8.7 5 15 160 1 0.5 5 mm5z9v1 n8 8.5 9.1 9.6 5 15 160 1 0.5 6 mm5z10 o8 9.4 10 10.6 5 20 160 1 0.1 7 mm5z11 p8 10.4 11 11.6 5 20 160 1 0.1 8 mm5z12 q8 11.4 12 12.7 5 25 80 1 0.1 9 mm5z13 r8 12.4 13.25 14.1 5 30 80 1 0.1 10 mm5z15 s8 14.3 15 15.8 5 30 80 1 0.1 11 mm5z16 t8 15.3 16.2 17.1 2 40 80 1 0.1 12 mm5z18 u8 16.8 18 19.1 2 45 80 1 0.1 13 mm5z20 v8 18.8 20 21.2 2 55 100 1 0.1 15 mm5z22 w8 20.8 22 23.3 2 55 100 1 0.1 17 mm5z24 x8 22.8 24.2 25.6 2 70 120 1 0.1 19 mm5z27 y8 25.1 27 28.9 2 80 300 1 0.1 21 mm5z30 z8 28 30 32 2 80 300 1 0.1 23 mm5z33 a9 31 33 35 2 80 300 1 0.1 25 mm5z36 b9 34 36 38 2 90 500 1 0.1 27 mm5z39 c9 37 39 41 2 130 500 1 2 30 mm5z43 d9 40 43 46 1 150 500 1 2 33 mm5z47 e9 44 47 50 1 170 500 1 2 36 mm5z51 f9 48 51 54 1 180 500 1 1 39 mm5z56 g9 52 56 60 1 200 500 1 1 43 mm5z62 h9 58 62 66 1 215 500 1 0.2 47 mm5z68 i9 64 68 72 1 240 500 1 0.2 52 mm5z75 j9 70 75 79 1 255 500 1 0.2 57 1) tested with pulses tp = 20 ms. MM5Z2V0~mm5z75 smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type smd type product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of MM5Z2V0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X