Part Number Hot Search : 
74AHCT1 IFN422 V0DS00 TK35A65W 28020 GL620 6S72V8 HD74ALVC
Product Description
Full Text Search
 

To Download MD100S08M5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  md100s18m5 document number: s-m0028 www. apt-semi .com rev.1.0, may.31, 2013 1 module type type v rrm v rsm MD100S08M5 md100s12m5 md100s16m5 md100s18m5 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v maximum ratings symbol conditions values units i d three phase, full wave tc=100 100 a i fsm t=10ms tvj =45 920 a i 2 t t=10ms tvj =45 4200 a 2 s visol a.c.50hz;r.m.s.;1min 3000 v tvj -40 to +150 tstg -40 to +125 mt to terminals(m6) 515% nm ms to heatsink(m6) 515% nm weight module (approximately) 194 g thermal characteristics symbol conditions values units rth(j-c) per diode 0.9 /w rth(c-s) module 0.03 /w electrical characteristics circuit glass passivated three phase rectifier bridge v rrm 800 to 1800v i d 100 a features y three phase bridge rectifier y blocking voltage:800 to 1800v y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y glass passivated chip y ul recognized applied for file no. e360040 applications y three phase rectifiers for power supplies y rectifiers for dc motor field supplies y battery charger rectifiers y in p ut rectifiers for variable fre q uenc y drives symbol conditions values units min. typ. max. v fm t=25 i f =300a 1.70 1.90 v i rd t vj =25 v rd =v rrm t vj =150 v rd =v rrm 0.3 5 ma ma - + ~ ~ ~
md100s18m5 document number: s-m0028 www. apt-semi .com rev.1.0, may.31, 2013 2 performance curves fig1. forward characteristics fig3. transient thermal impedance fi g 2. power dissi p ation fig4. max non-repetitive forward surge current fig5.forward current derating curve 0 v f 0.5 1.0 1.5 v 2.0 1 10 cycles 100 0 tc 50 100 150 0.001 0.01 0.1 1.0 10 s 100 0 i d 50 a 100 50hz 300 a 200 100 i f 0 25 - - - 125 max. typ. 250 w 125 p vtot 0 1500 a 1000 500 0 1.0 / w 0.5 0 200 a 160 120 80 40 i d 0 z th(j- c )
md100s18m5 document number: s-m0028 www. apt-semi .com rev.1.0, may.31, 2013 3 package outline information case m5 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MD100S08M5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X