Part Number Hot Search : 
FM130 MMC0310 20240 100LV RKH9TD LT1077I BAS81 65100
Product Description
Full Text Search
 

To Download MD100S08M2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  md100s18m2 document number: s-m0019 www. apt-semi .com rev.1.0, may.31, 2013 1 module type type v rrm v rsm MD100S08M2 md100s12m2 md100s16m2 md100s18m2 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v maximum ratings symbol conditions values units i d three phase, full wave tc=100 100 a i fsm t=10ms tvj =45 920 a i 2 t t=10ms tvj =45 4200 a 2 s v isol a.c.50hz;r.m.s.;1min 3000 v t vj -40 to +150 t stg -40 to +125 mt to terminals(m5) 515% nm ms to heatsink(m5) 515% nm weight module (approximately) 130 g thermal characteristics symbol conditions values units rth(j-c) per diode 1.0 /w rth(c-s) module (approximately) 0.07 /w electrical characteristics circuit glass passivated three phase rectifier bridge v rrm 800 to 1800v i d 100 a features y three phase bridge rectifier y blocking voltage:800 to 1800v y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y glass passivated chip y ul recognized applied for file no. e360040 applications y three phase rectifiers for power supplies y rectifiers for dc motor field supplies y battery charger rectifiers y in p ut rectifiers for variable fre q uenc y drives symbol conditions values units min. typ. max. v fm t=25 i f =150a 1.70 1.90 v i rd t vj =25 v rd =v rrm t vj =150 v rd =v rrm 0.3 5 ma ma - + ~ ~ ~
md100s18m2 document number: s-m0019 www. apt-semi .com rev.1.0, may.31, 2013 2 performance curves fig1. forward characteristics fig3. transient thermal impedance fi g 2. power dissi p ation fig4. max non-repetitive forward surge current fig5.forward current derating curve
md100s18m2 document number: s-m0019 www. apt-semi .com rev.1.0, may.31, 2013 3 package outline information case m2 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MD100S08M2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X