Part Number Hot Search : 
HC4060Y 752C041 NTE7101 KBP306 ST779ACN FR09E DTMPU63 STA42
Product Description
Full Text Search
 

To Download MCN7430L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n-channel 30-v (d-s) mosfet v ds (v) i d (a) 14 12 symbol limit units v ds 30 v gs 20 t a =25c 14 t a =70c 11 i dm 50 i s 5.1 a t a =25c 3.5 t a =70c 2 t j , t stg -55 to 150 c symbol maximum units 35 81 notes a. surface mounted on 1 x 1 fr4 board. b. pulse width limited by maximum junction temperature pulsed drain current b continuous source current (diode conduction) a thermal resistance ratings c/w parameter operating junction and storage temperature range absolute maximum ratings (t a = 25c unless otherwise noted) v parameter drain-source voltage maximum junction-to-ambient a continuous drain current a product summary 30 r ds(on) (m) 13 @ v gs = 10v 18 @ v gs = 4.5v gate-source voltage power dissipation a t <= 10 sec steady state r ja i d a p d w key features: ? low r ds(on) trench technology ? low thermal impedance ? fast switching speed typical applications: ? white led boost converters ? automotive systems ? industrial dc/dc conversion circuits dfn3x3 - 8l 1 freescale aon7430l/ MCN7430L www.freescale.net.cn
parameter symbol test conditions min typ max unit gate-source threshold voltage v gs(th) v ds = v gs , i d = 250 ua 1 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 100 na v ds = 24 v, v gs = 0 v 1 v ds = 24 v, v gs = 0 v, t j = 55c 25 on-state drain current a i d(on) v ds = 5 v, v gs = 10 v 20 a v gs = 10 v, i d = 11 a 13 v gs = 4.5 v, i d = 8.8 a 18 forward transconductance a g fs v ds = 15 v, i d = 11 a 25 s diode forward voltage a v sd i s = 2.6 a, v gs = 0 v 0.74 v total gate charge q g 15 gate-source charge q gs 5.7 gate-drain charge q gd 6.3 turn-on delay time t d(on) 7 rise time t r 15 turn-off delay time t d(off) 40 fall time t f 22 input capacitance c iss 1456 output capacitance c oss 231 reverse transfer capacitance c rss 198 notes a. pulse test: pw <= 300us duty cycle <= 2%. b. guaranteed by design, not subject to production testing. dynamic b ns zero gate voltage drain current static ua electrical characteristics i dss m r ds(on) nc v ds = 15 v, r l = 1.4 , i d = 11 a, v gen = 10 v, r gen = 6 v ds = 15 v, v gs = 4.5 v, i d = 11 a drain-source on-resistance a pf v ds = 15 v, v gs = 0 v, f = 1 mhz 2 freescale aon7430l/ MCN7430L www.freescale.net.cn freescale is an equal opportunity/affirmative action employer. with such unintended or unauthorized use, even if such claim alleges that freescale was negligent regarding the design or manufacture of the part. buyer shall indemnify and hold freescale and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, where personal injury or death may occur. should buyer purchase or use freescale products for any such unintended or unauthorized application, products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other customer application by customers technical experts. freescale does not convey any license under its patent rights nor the rights of others. freescale consequential or incidental damages. typical parameters which may be provided in freescale data sheets and/or specifications can and do vary or guarantee regarding the suitability of its products for any particular purpose, nor does freescale assume any liability arising out freescale reserves the right to make changes without further notice to any products herein. freescale makes no warranty, representation of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated in different applications and actual performance may vary over time. all operating parameters, including typicals must be validated for each applications intended to support or sustain life, or for any other application in which the failure of the freescale product could create a situation
1. on-resistance vs. drain current 2. transfer characteristics 3. on-resistance vs. gate-to-source voltage 4. drain-to-source forward voltage 5. output characteristics 6. capacitance typical electrical characteristics 0 0.01 0.02 0.03 0 10 20 30 rds(on) - on - resistance( ) id - drain current (a) 3.5v 4.5v,6v,8v,10v 4v 0 10 20 30 0 0.1 0.2 0.3 0.4 0.5 id - drain current (a) vds - drain - to - source voltage (v) 10v,8v,6v,4.5v 3.5v 4v 0 0.02 0.04 0.06 0.08 0.1 0 2 4 6 8 10 rds(on) - on - resistance( ) vgs - gate - to - source voltage (v) tj = 25 c tj = 25 c 0 10 20 30 0 1 2 3 4 5 id - drain current (a) vgs - gate - to - source voltage (v) tj = 25 c 0.01 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 is - source current (a) vsd - source - to - drain voltage (v) tj = 25 c 0 500 1000 1500 2000 2500 0 5 10 15 20 capacitance (pf) vds - drain - to - source voltage (v) ciss coss crss f = 1mhz i d = 11a 3 freescale aon7430l/ MCN7430L www.freescale.net.cn
7. gate charge 9. safe operating area 10. single pulse maximum power dissipation 8. normalized on-resistance vs junction temperature 11. normalized thermal transient junction to ambient typical electrical characteristics 0 2 4 6 8 10 0 10 20 30 vgs - gate - to - source voltage (v) qg - total gate charge (nc) 0.01 0.1 1 10 100 1000 0.1 1 10 100 1000 id current (a) vds drain to source voltage (v) 10 us 100 us 1 ms 10 ms 100 ms 1 sec 10 sec 100 sec dc idm limit limited by rds 1 0 20 40 60 80 100 0.001 0.01 0.1 1 10 100 1000 peak transient power (w) t1 time (sec) 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t1 time (sec) d = 0.5 0.2 0.1 0.05 0.02 single pulse r ja (t) = r(t) + r ja t j - t a = p * r ja (t) duty cycle, d = t 1 / t 2 0.5 1 1.5 2 -50 -25 0 25 50 75 100 125 150 rds(on) - on - resistance( ) (normalized) tj - junctiontemperature( c) p(pk) t 1 t 2 r ja = 81 c / w v ds = 15v i d = 11a 4 freescale aon7430l/ MCN7430L www.freescale.net.cn
package information 5 freescale aon7430l/ MCN7430L www.freescale.net.cn


▲Up To Search▲   

 
Price & Availability of MCN7430L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X