Part Number Hot Search : 
LC87F EEUEBXXX C5080 ATA662 WP711 ZMM5265B 16012 SF400
Product Description
Full Text Search
 

To Download MC74LVX125DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 may, 2011 ? rev. 3 publication order number: mc74lvx125/d 1 mc74lvx125 quad bus buffer with 5 v ? tolerant inputs the mc74lvx125 is an advanced high speed cmos quad bus buffer. the inputs tolerate voltages up to 7.0 v, allowing the interface of 5.0 v systems to 3.0 v systems. the mc74lvx125 requires the 3 ? state control input (oe ) to be set high to place the output into the high impedance state. features ? high speed: t pd = 4.4 ns (typ) at v cc = 3.3 v ? low power dissipation: i cc = 4  a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? low noise: v olp = 0.5 v (max) ? pin and function compatible with other standard logic families ? latchup performance exceeds 300 ma ? esd performance: human body model >2000 v machine model >200 v ? these devices are pb ? free and are rohs compliant see detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ordering information http://onsemi.com marking diagrams tssop ? 14 dt suffix case 948g 14 1 soeiaj ? 14 m suffix case 965 soic ? 14 d suffix case 751a 14 1 1 14 lvx125 alywg lvx125g awlyww 14 1 1 14 lvx 125 alyw   1 14 lvx125 = specific device code a = assembly location wl, l = wafer lot y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location)
mc74lvx125 http://onsemi.com 2 figure 1. 14 ? lead pinout (top view) 13 14 12 11 10 9 8 2 1 34567 v cc oe3 d3 o3 oe2 d2 o2 oe0 d0 o0 oe1 d1 o1 gnd d0 2 o0 3 oe0 1 d1 5 o1 6 oe1 4 d2 9 o2 8 oe2 10 d3 12 o3 11 oe3 13 figure 2. logic diagram h = high voltage level; l = low voltage level; z = high imped- ance state; x = high or low voltage level and trans itions are acceptable, for i cc reasons, do not float inputs oen dn on l l h l h x l h z inputs outputs function table pin names function output enable inputs data inputs 3 ? state outputs pins oen dn on ????????????????????????????????? ????????????????????????????????? maximum ratings ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ??? ??? ???? ???? v cc ??????????????????????? ??????????????????????? ?????? ?????? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ? 20 ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? 20 ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? 25 ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? 50 ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ?????? ?????? ??? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. recommended operating conditions ???? ???? ??????????????????????? ??????????????????????? ??? ??? ???? ???? ??? ??? ???? ???? v cc ??????????????????????? ??????????????????????? ??? ??? ???? ???? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ??? ??? ???? ???? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ??? ??? ???? ???? ??? ??? ???? ???? ??????????????????????? ??????????????????????? ??? ??? ? 40 ???? ???? ??? ???  c ???? ????  t/  v ??????????????????????? ??????????????????????? ??? ??? ???? ???? ??? ???
mc74lvx125 http://onsemi.com 3 ????????????????????????????????? ????????????????????????????????? ???? ???? ???? ??????? ??????? ??????? ?????? ?????? ?????? ???? ???? ???? ????????? ????????? c ??????? ??????? ? 40 to 85 c ?? ?? ?? ???? ???? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? v ih ??????? ??????? ??????? ? level input voltage ?????? ?????? ?????? ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ???? ???? ???? ??????? ??????? ??????? ? level input voltage ?????? ?????? ?????? ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ???? ???? ???? ???? ??????? ??????? ??????? ??????? ? level output voltage (v in = v ih or v il ) ?????? ?????? ?????? ?????? ? 50  a i oh = ? 50  a i oh = ? 4ma ???? ???? ???? ???? ???? ???? ???? ???? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ?? ???? ???? ???? ??????? ??????? ??????? ? level output voltage (v in = v ih or v il ) ?????? ?????? ??????  a i ol = 50  a i ol = 4ma ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ???? ???? ??????? ??????? ?????? ?????? ???? ???? ???? ???? ??? ??? ???? ???? 0.1 ???? ???? ???? ???? 1.0 ?? ??  a ???? ???? ???? ??????? ??????? ??????? ? state leakage current ?????? ?????? ?????? ???? ???? ???? ???? ???? ???? ??? ??? ??? ???? ???? ???? 0.25 ???? ???? ???? ???? ???? ???? 2.5 ?? ?? ??  a ???? ???? ??????? ??????? ?????? ?????? ???? ???? ???? ???? ??? ??? ???? ???? ???? ???? ???? ???? ?? ??  a ????????????????????????????????? ????????????????????????????????? ac electrical characteristics (input t r = t f = 3.0ns) ???? ???? ???? symbol ????????? ????????? ????????? ???????? ???????? ???????? ????????? ????????? c ?????? ?????? ? 40 to 85 c ?? ?? ?? ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ???? ???? ???? t plh , t phl ????????? ????????? ????????? ????????? ???????? ???????? ???????? ???? ???? ???? ??? ??? ??? ???? ???? ???? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ???????? ???????? 0.3v c l = 15pf c l = 50pf ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ?? ?? ???? ???? ???? ????????? ????????? ????????? ????????? ????????? ???????? ???????? ????????  c l = 50pf ???? ???? ???? ??? ??? ??? ???? ???? ???? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ???? ???????? ???????? ???????? 0.3v c l = 15pf r l =1k  c l = 50pf ???? ???? ???? ??? ??? ??? ???? ???? ???? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ???? ????????? ????????? ????????? ????????? ???????? ???????? ????????  ???? ???? ???? ??? ??? ??? 10.0 ???? ???? ???? ??? ??? ??? ???? ???? ???? ?? ?? ?? ???? ???? ???????? ???????? 0.3v c l = 50pf r l =1k  ???? ???? ??? ??? 8.3 ???? ???? ??? ??? ???? ???? ?? ?? ???? ???? ???? ????????? ????????? ????????? ? to ? output skew (note 1) ???????? ???????? ???????? 0.3v c l = 50pf ???? ???? ???? ??? ??? ??? ???? ???? ???? ??? ??? ??? ???? ???? ???? ?? ?? ?? ? to ? low (t oshl ) or low ? to ? high (t oslh ); parameter guaranteed by design. ????????????????????????????????? capacitive characteristics ???? ???? ???? ???????????????? ???????????????? ???????????????? ????????? ????????? c ?????? ?????? ? 40 to 85 c ?? ?? ?? ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ???? ???? c in ???????????????? ???????????????? ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ?? ?? ???? ???? ???????????????? ???????????????? ? state output capacitance ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ?? ?? ???? ???? ???????????????? ???????????????? ???? ???? ??? ??? ???? ???? ??? ??? ???? ???? ?? ??  v cc  f in + i cc / 4 (per bit). c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74lvx125 http://onsemi.com 4 noise characteristics (input t r = t f = 3.0ns, c l = 50pf, v cc = 3.3v, measured in soic package) symbol characteristic t a = 25 c unit typ max v olp quiet output maximum dynamic v ol 0.3 0.5 v v olv quiet output minimum dynamic v ol ? 0.3 ? 0.5 v v ihd minimum high level dynamic input voltage 2.0 v v ild maximum low level dynamic input voltage 0.8 v ordering information device package shipping ? MC74LVX125DG soic ? 14 (pb ? free) 55 units / rail mc74lvx125dr2g soic ? 14 (pb ? free) 2500 tape & reel mc74lvx125dtg tssop ? 14* 96 units / rail mc74lvx125dtr2g tssop ? 14* 2500 tape & reel mc74lvx125mg soeiaj ? 14 2000 tape & reel mc74lvx125melg soeiaj ? 14 2000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free. figure 3. figure 4. v cc gnd d o 50% 50% v cc t plh t phl oe o o 50% 50% v cc 50% v cc t pzl t plz t pzh t phz v cc gnd high impedance v ol +0.3v v oh -0.3v high impedance switching waveforms *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl . connect to gnd when testing t phz and t pzh . 1 k  test circuits figure 5. propagation delay test circuit figure 6. three ? state test circuit
mc74lvx125 http://onsemi.com 5 package dimensions soic ? 14 d suffix case 751a ? 03 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch soldering footprint 7x
mc74lvx125 http://onsemi.com 6 package dimensions tssop ? 14 dt suffix case 948g ? 01 issue b dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.50 0.60 0.020 0.024 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? .  s u 0.15 (0.006) t 2x l/2 s u m 0.10 (0.004) v s t l ? u ? seating plane 0.10 (0.004) ? t ? ??? ??? section n ? n detail e j j1 k k1 ? w ? 0.25 (0.010) 8 14 7 1 pin 1 ident. h g a d c b s u 0.15 (0.006) t ? v ? 14x ref k n n 7.06 14x 0.36 14x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc74lvx125 http://onsemi.com 7 package dimensions soeiaj ? 14 case 965 ? 01 issue b h e a 1 dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.10 0.20 0.004 0.008 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 1.42 --- 0.056 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). 0.13 (0.005) m 0.10 (0.004) d z e 1 14 8 7 e a b view p c l detail p m a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc74lvx125/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74LVX125DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X