Part Number Hot Search : 
MF4002 UZ4211 EM56600A SFR101L DB101 AN630 MAX9052 C3216X
Product Description
Full Text Search
 

To Download LGL2G271MELA30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  performance characteristics item rated voltage range gl series snap-in terminal type, 105 c ultra-smaller-sized one rank smaller case sized than gg series. suited for equipment down sizing. compliant to the rohs directive (2002/95/ec). aluminum electrolytic capacitors smaller gl gg marking specifications category temperature range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance 25 to +105 c 400 450v 120 to 1000 f 20 % at 120hz , 20 c i ( a) (after 5 minutes' application of rated voltage) [ c : rated capacitance ( f ) v : voltage ( v ) ] printed with white color letter on black sleeve. measurement frequency : 120hz temperature : 20 c z 25 c/ z+20 c rated voltage (v) impedance ratio zt/z20 (max.) 400 450 8 the specifications listed at right shall be met when the capacitors are restored to 20 c after d.c. bias plus rated ripple current is applied for 2000 hours at 105 c , the peak voltage shall not exceed the rated voltage. measurement frequency : 120hz at 20 c rated voltage (v) tan (max.) 400 0.15 450 0.20 3 cv drawing 10 0.1 2-2 0.1 (terminal dimensions) the other terminal is also available upon request. please refer page 280 for schematic of dimensions. (pc board hole dimensions) 4.0 0.5 2.5 1.5 0.8 +0.2 -0.1 +0.2 -0.1 0.8 +0.2 -0.1 polarity bar 10 l 2 d +1.5 max. 4.0 0.5 pressure relief vent sleeve ( p.e.t. ) type numbering system (example : 400v 150 f) l 1 g 2 l 3 2 4 g 5 1 6 5 7 1 8 m 910 e 13 l 11 14 z 12 25 configuration case dia. code case length code capacitance tolerance ( 20%) rated capacitance (150f) rated voltage (400v) series name type d 22 25 30 code z a b 35 c frequency coefficient of rated ripple current frequency (h z) 400 450v coeff. 50 60 120 300 1 k 10k 50k or more 0.77 0.82 1.00 1.16 1.30 1.41 1.43 minimum order quantity : 50pcs. dimension table in next page. less than or equal to the initial specified value within 20 % of the initial capacitance value leakage current capacitance change tan 200 % or less than the initial specified value less than or equal to the initial specified value within 20 % of the initial capacitance value leakage current capacitance change tan 200 % or less than the initial specified value shelf life after storing the capacitors under no load at 105 c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the characteristic requirements listed at right. cat.8100b
450v (2w) cap. (f) aluminum electrolytic capacitors gl series rated ripple current (marms) at 105 c 120hz dimensions 150 220 270 330 390 470 560 680 820 1000 22 25 22 30 25 25 22 35 25 30 22 45 25 35 30 25 22 50 25 40 30 30 35 25 25 45 30 35 30 40 35 30 30 45 35 35 30 50 35 40 35 50 730 780 780 910 910 1070 1070 1040 1230 1230 1230 1180 1500 1500 1660 1660 1740 1740 1920 1920 2200 0.73 0.88 0.88 0.98 0.98 1.08 1.08 1.08 1.18 1.18 1.18 1.18 1.30 1.30 1.41 1.41 1.56 1.56 1.71 1.71 1.89 lgl2g151melz25 lgl2g221melz30 lgl2g221mela25 lgl2g271melz35 LGL2G271MELA30 lgl2g331melz45 lgl2g331mela35 lgl2g331melb25 lgl2g391melz50 lgl2g391mela40 lgl2g391melb30 lgl2g391melc25 lgl2g471mela45 lgl2g471melb35 lgl2g561melb40 lgl2g561melc30 lgl2g681melb45 lgl2g681melc35 lgl2g821melb50 lgl2g821melc40 lgl2g102melc50 400v (2g) 120 150 180 220 270 330 390 470 560 680 820 22 25 22 30 25 25 22 35 25 30 22 40 25 35 30 25 22 45 25 40 30 30 25 45 30 35 35 25 25 50 30 40 35 30 30 45 35 35 30 50 35 40 35 45 35 50 690 740 740 770 770 850 850 820 930 930 930 1120 1120 1070 1280 1280 1280 1480 1480 1660 1660 1770 1930 0.69 0.77 0.77 0.85 0.85 0.94 0.94 0.94 1.04 1.04 1.04 1.15 1.15 1.15 1.25 1.25 1.25 1.37 1.37 1.50 1.50 1.65 1.82 lgl2w121melz25 lgl2w151melz30 lgl2w151mela25 lgl2w181melz35 lgl2w181mela30 lgl2w221melz40 lgl2w221mela35 lgl2w221melb25 lgl2w271melz45 lgl2w271mela40 lgl2w271melb30 lgl2w331mela45 lgl2w331melb35 lgl2w331melc25 lgl2w391mela50 lgl2w391melb40 lgl2w391melc30 lgl2w471melb45 lgl2w471melc35 lgl2w561melb50 lgl2w561melc40 lgl2w681melc45 lgl2w821melc50 rated ripple (ma) leakage current (ma) code size d l(mm) rated ripple (ma) leakage current (ma) code size d l(mm) cap. (f) cat.8100b


▲Up To Search▲   

 
Price & Availability of LGL2G271MELA30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X