Part Number Hot Search : 
47G3XNL PC18B01 TE5045 M5130 B250008 05002 1N5346 53102
Product Description
Full Text Search
 

To Download IRLML0040PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  02/29/12 irlml0040trpbf hexfet   power mosfet www.irf.com 1 ordering information: see detailed ordering and shipping information on the last page of this data sheet. notes   through  are on page 10 micro3 tm (sot-23) irlml0040trpbf d s g 3 1 2 features and benefits application(s) ? load/ system switch ? dc motor drive features benefits absolute maximum ratings symbol parameter units v ds drain-source voltage v i d @ t a = 25c continuous drain current, v gs @ 10v i d @ t a = 70c continuous drain current, v gs @ 10v i dm pulsed drain current p d @t a = 25c maximum power dissipation p d @t a = 70c maximum power dissipation linear derating factor w/c v gs gate-to-source voltage v t j, t stg junction and storage temperature range c thermal resistance symbol parameter typ. max. units r ja junction-to-ambient ??? 100 r ja junction-to-ambient (t<10s)  ??? 99 c/w max. 3.6 2.9 -55 to + 150 16 0.01 40 a 1.3 0.8 15 w v dss 40 v v gs max 16 v r ds(on) max (@v gs = 10v) 56 m r ds(on) max (@v gs = 4.5v) 78 m low r ds(on) ( ? 1 0

2 www.irf.com d s g electric characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 40 ??? ??? v . 0.0 1.0 1. . 0 0 100 100 1.1 gfs forward transconductance 6.2 ??? ??? s q g total gate charge ??? 2.6 3.9 q gs gate-to-source charge ??? 0.7 ??? q gd gate-to-drain ("miller") charge ??? 1.4 ??? t d(on) turn-on delay time ??? 5.1 ??? t r rise time ??? 5.4 ??? t d(off) turn-off delay time ??? 6.4 ??? t f fall time ??? 4.3 ??? c iss input capacitance ??? 266 ??? c oss output capacitance ??? 49 ??? c rss reverse transfer capacitance ??? 29 ??? source - drain ratings and characteristics symbol parameter min. typ. max. units i s continuous source current (body diode) i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.2 v t rr reverse recovery time ??? 10 ??? ns q rr reverse recovery charge ??? 9.3 ??? nc static drain-to-source on-resistance m r ds(on) v gs = 4.5v, i d = 2.9a  di/dt = 100a/ s  v gs = 16v v gs = -16v t j = 25c, v r = 32v, i f = 1.3 a mosfet symbol showing the v ds = 20v conditions v gs = 4.5v v gs = 0v v ds = 25v ? = 1.0mhz t j = 25c, i s = 1.3a, v gs = 0v  integral reverse p-n junction diode. conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 3.6a  v ds = v gs , i d = 25 a v ds = 40v, v gs = 0v v ds = 40v, v gs = 0v, t j = 125c drain-to-source leakage current a v ds = 10v, i d = 3.6a i d = 3.6a na nc i d = 1.0a r g = 6.8 v gs = 4.5v  v dd = 20v ns pf a 1.3 15 ??? ??? ??? ???

www.irf.com 3 fig 3. typical transfer characteristics fig 2. typical output characteristics fig 1. typical output characteristics fig 4. normalized on-resistance vs. temperature 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.001 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 10v 7.0v 6.0v 4.5v 4.0v 3.5v 3.0v bottom 2.5v 60 s p ulse width tj = 25c 2.5v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 2.5v 60 s pulse width tj = 150c vgs top 10v 7.0v 6.0v 4.5v 4.0v 3.5v 3.0v bottom 2.5v 2.0 3.0 4.0 5.0 v gs , gate-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) t j = 25c t j = 150c v ds = 25v 60 s pulse width -60 -40 -20 0 20 40 60 80 100 120 140 160 t j , junction temperature (c) 0.5 1.0 1.5 2.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 3.6a v gs = 10v

4 www.irf.com fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage fig 8. maximum safe operating area fig 7. typical source-drain diode forward voltage 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0.3 0.5 0.7 0.9 1.1 v sd , source-to-drain voltage (v) 0.1 1 10 100 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 150c v gs = 0v 0 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) operation in this area limited by r ds (on) t a = 25c tj = 150c single pulse 100 sec 1msec 10msec 01234567 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 32v v ds = 20v vds= 8v i d = 3.6a

www.irf.com 5 fig 11. typical effective transient thermal impedance, junction-to-ambient fig 9. maximum drain current vs. ambient temperature v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms fig 10a. switching time test circuit   
 1      0.1 %          + -   25 50 75 100 125 150 t a , ambient temperature (c) 0 0.6 1.2 1.8 2.4 3 3.6 4.2 i d , d r a i n c u r r e n t ( a ) 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 100 1000 t h e r m a l r e s p o n s e ( z t h j a ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthja + t a

6 www.irf.com fig 13. typical on-resistance vs. drain current fig 12. typical on-resistance vs. gate voltage fig 14b. gate charge test circuit fig 14a. basic gate charge waveform q g q gs q gd v g charge   d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 2 4 6 8 10 12 14 16 v gs, gate -to -source voltage (v) 20 40 60 80 100 120 140 160 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) i d = 3.6a t j = 25c t j = 125c 0 5 10 15 20 25 30 35 i d , drain current (a) 0 50 100 150 200 250 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ) vgs = 10v vgs = 4.5v

www.irf.com 7 fig 15. typical threshold voltage vs. junction temperature   typical power vs. time -75 -50 -25 0 25 50 75 100 125 150 t j , temperature ( c ) 0.5 1.0 1.5 2.0 2.5 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 25ua i d = 250ua 1e-005 0.0001 0.001 0.01 0.1 1 10 time (sec) 0 20 40 60 80 100 p o w e r ( w )

8 www.irf.com micro3 (sot-23/to-236ab) part marking information 
   
  
    

 
     
      
 !  e e1 e d a b 0.15 [0.006] e1 1 2 3 m cba 5 6 6 5 notes: b a1 3x a a2 a b c m 0.20 [0.008] 0.10 [0.004] c c 1. dimensioning & tolerancing per ansi y14.5m-1994 2. dimensions are shown in millimeters [inches]. 3. controlling dimension: millimeter. 4. datum plane h is located at the mold parting line. 5. datum a and b to be determined at datum plane h. 6. dimensions d and e1 are measured at datum plane h. dimensions does not include mold protrusions or interlead flash. mold protrusions or interlead flash shall not exceed 0.25 mm [0.010 inch] per side. 7. dimension l is the lead length for soldering to a substrate. 8. outline conforms to jedec outline to-236 ab. 0.89 1.12 symbol max min a1 b 0.01 0.10 c 0.30 0.50 d 0.08 0.20 e 2.80 3.04 e1 2.10 2.64 e 1.20 1.40 a 0.95 bsc l 0.40 0.60 08 millimeters a2 0.88 1.02 e1 1.90 bsc ref 0.54 l1 bsc 0.25 l2  bsc  ref  
 
inches 8 0     
          0.0004 min max  
dimensions 0.972 1.900 recommended footprint 0.802 0.950 2.742 3x l c l2 h 4 l1 7 notes : this part marking information applies to devices produced after 02/26/2001 ww = (27-52) if precede d by a le tt e r c h k j e f g d 0 2010 ye ar b a y 2007 2008 2009 2006 2005 2003 2004 2001 2002 5 7 9 8 6 3 4 1 2 c 29 z 52 50 51 x y 30 d x 24 w wor k week 27 28 b a 26 25 z y 03 04 01 02 c d a b date code marking instructions ww = (1-26) if preceded by last digit of calendar year ye ar y w week wor k 2020 2017 2018 2019 2016 2015 2013 2014 2011 2012 2010 2007 2008 2009 2006 2005 2003 2004 2001 2002 2020 2017 2018 2019 2016 2015 2013 2014 2011 2012 f = irlml6401 lot code lead free dat e code e = irlml6402 x = part number code reference: d = irlml5103 c = irlml6302 b = irlml2803 a = irlml2402 h = irlml5203 g = irlml2502 note: a line above the work week (as s hown here) indicates l ead - f ree. i = irlml0030 j = irlml2030 l = irlml0060 m = irlml0040 k = irlml0100 n = irlml2060 p = irlml9301 r = irlml9303 cu wi r e halogen free part number x = irlml2244 w = irf ml8244 v = irlml6346 u = irlml6344 t = irlml6246 s = irlml6244 z = irf ml9244 y = irlml2246

www.irf.com 9  ?
      
  
       2.05 ( .080 ) 1.95 ( .077 ) tr feed direction 4.1 ( .161 ) 3.9 ( .154 ) 1.6 ( .062 ) 1.5 ( .060 ) 1.85 ( .072 ) 1.65 ( .065 ) 3.55 ( .139 ) 3.45 ( .136 ) 1.1 ( .043 ) 0.9 ( .036 ) 4.1 ( .161 ) 3.9 ( .154 ) 0.35 ( .013 ) 0.25 ( .010 ) 8.3 ( .326 ) 7.9 ( .312 ) 1.32 ( .051 ) 1.12 ( .045 ) 9.90 ( .390 ) 8.40 ( .331 ) 178.00 ( 7.008 ) max. notes: 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541.  
         
    

10 www.irf.com data and specifications subject to change without notice.  qualification standards can be found at international rectifier?s web site http://www.irf.com/product-info/reliability  higher qualification ratings may be available should the user have such requirements. please contact your international rectifier sales representative for further information: http://www.irf.com/whoto-call/salesrep/  applicable version of jedec standard at the time of product release.    repetitive rating; pulse width limited by max. junction temperature.   pulse width 400 s; duty cycle 2%.   surface mounted on 1 in square cu board  refer to application note #an-994. note form quantity irlml0040trpbf micro3 (sot-23) tape and reel 3000 orderable part number package type standard pack ir world headquarters: 101n.sepulveda blvd, el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 02/2012 ms l 1 (per ipc/je de c j-s t d-020d ??? ) rohs compliant yes micro3 (sot-23) qualification information ? moisture sensitivity level qualification level cons umer ?? (per je de c je s d47f ??? guidelines )


▲Up To Search▲   

 
Price & Availability of IRLML0040PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X