Part Number Hot Search : 
DG506ACJ G1402P1T EUP7180 68000 FMS3818 1N4760B FM4933 2J30A
Product Description
Full Text Search
 

To Download IMX2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  emx2 / emx3 / umx2n / umx3n / IMX2 / imx3 ! features 1) two 2sc2412ak chips in a emt or umt or smt package. ! equivalent circuits (1) (2) (3) (4) (5) (6) (6) (5) (4) (3) (2) (1) (1) (2) (3) (4) (5) (6) (6) (5) (4) (3) (2) (1) emx2 / umx2n IMX2 emx3 / umx3n imx3 ! absolute maximum ratings (ta=25 c) parameter symbol v cbo v ceo v ebo i c p c tj tstg limits 60 50 7 150 300(total) 150(total) emx2 / emx3 / umx2n / umx3n IMX2 / imx3 150 ? 55 ~ + 150 unit v v v ma mw c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature ? 1 120mw per element must not be exceeded. ? 2 200mw per element must not be exceeded. ? 1 ? 2 ! electrical characteristics (ta=25 c) parameter symbol min. typ. max. unit conditions transition frequency bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t 60 50 7 ? ? ? 120 ? ? ? ? ? ? ? ? 180 ? ? ? 0.1 0.1 0.4 560 ? v v v a a v ? mhz ? cob ? 2 3.5 pf i c = 50 a i c = 1ma i e = 50 a v cb = 60v v eb = 7v v ce = 12v, i e =? 2ma, f = 100mhz v cb = 12v, i e = 0ma, f = 1khz i c /i b = 50ma/5ma v ce = 6v, i c = 1ma ? transition frequency of the device. collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio output capacitance ! package, marking, and packaging specifications type emx2 emt6 x2 t2r 8000 emx3 emt6 x3 t2r 8000 umx2n umt6 x2 tr 3000 umx3n umt6 x3 tr 3000 IMX2 smt6 x2 t108 3000 imx3 smt6 x3 t108 3000 package marking code basic ordering unit (pieces) product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
! external dimensions (units : mm) 2.0 1.3 0.9 0.7 0.65 0.65 umx2n / umx3n each lead has same dimensions rohm : umt6 eiaj : sc-88 0~0.1 ( 6 ) 0.15 0.1min. 2.1 0.2 1.25 ( 1 ) ( 4 ) ( 3 ) ( 2 ) ( 5 ) IMX2 / imx3 each lead has same dimensions rohm : smt6 eiaj : sc-74 ( 6 ) ( 5 ) ( 4 ) 0.3min. 0.15 0.3 1.1 0.8 0~0.1 ( 3 ) 2.8 1.6 1.9 2.9 0.95 ( 2 ) 0.95 ( 1 ) each lead has same dimensions rohm : emt6 emx2 / emx3 0.22 1.2 1.6 ( 1 ) ( 2 ) ( 5 ) ( 3 ) ( 6 ) ( 4 ) 0.13 0.5 0.5 0.5 1.0 1.6 emx2 / emx3 / umx2n / umx3n / IMX2 / imx3 product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of IMX2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X