Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download GA300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 GA300, GA300a, ga301, ga301a silicon controlled rectifier nanosecond switching planar available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum rankings GA300 GA300a ga301 ga301a repetitive peak off state voltage v drm 60v 100v repetitive peak on-state current i trm up to 100a peak gate current i gm 250 ma average gate current i g(av) 25 ma reverse gate current i gr 3 ma reverse gate voltage v gr 5 v storage temperature range -65 to +150c operating temperature range 0 to +125c electrical characteristics (@ 25c unless otherwise noted) test symbol min typical max units conditions delay time t d - 20 10 30 - ns i g = 20 ma, i t = 1 a i g = 30 ma, i t = 1a rise time (note 1) GA300, GA300a t r - 15 25 25 - ns v d = 60 v, i t = 1 a v d = 60 v, i t = 30 a (note 1) rise time (note 1) ga301, ga301a t r - 10 20 20 - ns v d = 100 v, i t = 1a v d = 100 v, i t = 30 a (note 1) circuit commutated turn off time GA300, ga301 0.8 2.0 GA300a, ga301a t q - 0.3 0.5 s i t = 1 a, i r = 1 a, r gk = 1k gate trigger on pulse width t pg(on) - 0.02 0.05 s i g = 10 ma, i t = 1 a off-state current i drm - - 0.01 20 0.1 100 a v drm = rating, r gk = 1k, t = 25c v drm = rating, r gk = 1k, t = 125c reverse current (note 2) i rrm - 1.0 10 ma v rrm = 30 v, r gk = 1 k (note 2) gate trigger voltage v gt 0.4 0.10 0.6 0.2 0.75 - v v d = 5v, r gs = 100 ? , t = 25c v d = 5 v, r gs = 100 ? , t = 125c gate trigger current i gt - 10 200 a v d = 5 v, r gs = 10 k on-state voltage v t - 1.1 1.5 v i t = 2 a off-state voltage ? critical rate of rise dv/dt 15 30 - v/s v d = 30 v, r gk = 1 k reverse gate current i gr - 0.01 0.1 ma v gr = 5 v holding current i h 0.3 0.05 2.0 0.4 5.0 - ma v d = 5v, r gk = 1 k, t = 25c v d = 5 v, r gk = 1 k, t = 125c note 1 ? i g = 10 ma, pulse test: duty cycle < 1%. note 2 ? pulse test intended to guarantee reverse anode voltage capability for pulse commutation. device should not be operate d in the reverse blocking mode on a continuous basis. sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130116
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 GA300, GA300a, ga301, ga301a silicon controlled rectifier nanosecond switching planar mechanical characteristics GA300(a), ga301(a) case to-18 marking alpha-numeric pin out see below to-18 inches millimeters min max min max a 0.209 0.230 5.310 5.840 b 0.178 0.195 4.520 4.950 c 0.170 0.210 4.320 5.330 d 0.016 0.021 0.406 0.533 e - 0.030 - 0.762 f 0.016 0.019 0.406 0.483 g 0.100 bsc 2.540 bsc h 0.036 0.046 0.914 1.170 j 0.028 0.048 0.711 1.220 k 0.500 - 12.700 - l 0.250 - 6.350 - m 45c bsc 45 bsc n 0.050 bsc 1.270 bsc p - 0.050 - 1.270 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130116
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 GA300, GA300a, ga301, ga301a silicon controlled rectifier gb300, gb300a, gb301, gb301a nanosecond switching planar sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com rev. 20130116


▲Up To Search▲   

 
Price & Availability of GA300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X