Part Number Hot Search : 
2SC30 EVPAY LTC3785 NCP603 X84C3 00600 2SK3938G GP2L24
Product Description
Full Text Search
 

To Download FDS6679F011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  may 200 1 200 1 fairchild semiconductor corporation fds6679 rev c (w) fds6679 30 volt p - channel powertrench mosfet general description this p - channel mosfet has been designed specifically to improve the overall efficiency of dc/dc converters using either synchronous or conventional switching pwm controllers, and battery chargers. these mosfets feature faster switching and lower gate charge than other mosfets with comparable r ds(on) specifications. the result is a mosfet that is easy and safer to drive (even at very high frequencies), and dc/dc power supply designs with hi gher overall efficiency. features ? 13 a, ? 30 v. r ds(on) = 9 m w @ v gs = ? 10 v r ds(on) = 13 m w @ v gs = ? 4.5 v extended v gss range ( 25v) for battery applications high performance trench technology for extremely low r ds(on) high power and current handli ng capability s d s s so-8 d d d g 4 3 2 1 5 6 7 8 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain - source voltage ? 30 v v gss gate - source voltage 25 v i d drain current ? continuous (note 1a) ? 13 a ? pulsed ? 50 power dissipation for single operation (note 1a) 2.5 (note 1b) 1.2 p d (note 1c) 1.0 w t j , t stg operating and storage junction temperature range ? 55 to +175 c thermal characteristics r q ja thermal resistance, junction - to - ambient (note 1a) 50 c/w r q jc t hermal resistance, junction - to - case (note 1) 25 c/w package marking and ordering information device marking device reel size tape width quantity fds6679 fds6679 13?? 12mm 2500 units fds6679
fds6679 rev c (w) electrical characteristics t a = 25c unless otherwise noted sy mbol parameter test conditions min typ max units off characteristics bv dss drain ? source breakdown voltage v gs = 0 v, i d = ? 250 m a ? 30 v d bv dss d t j breakdown voltage temperature coefficient i d = ? 250 m a, referenced to 25 c ? 23 mv/ c i dss zero gate voltage drain current v ds = ? 24 v, v gs = 0 v ? 1 m a i gssf gate ? body leakage, forward v gs = ? 25 v, v ds = 0 v 100 na i gssr gate ? body l eakage, reverse v gs = ? 25 v, v ds = 0 v ? 100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ? 250 m a ? 1 ? 1.6 ? 3 v d v gs(th) d t j gate threshold voltage temperature coefficient i d = ? 250 m a, referenced to 25 c 5 mv/ c r ds(on) static drain ? source on ? resistance v gs = ? 10 v, i d = ? 13 a v gs = ? 4.5 v, i d = ? 11 a v gs = ? 10 v, i d = ? 13 a, t j =125 c 7.3 10 9.5 9 13 13 m w i d(on) on ? state drain current v gs = ? 10 v, v ds = ? 5 v ? 50 a g fs forward transconductance v ds = ? 5 v, i d = ? 13 a 44 s dynamic characteristics c iss input capacitance 3939 pf c oss output capacitance 972 pf c rss reverse transfer capacitance v ds = ? 15 v, v gs = 0 v, f = 1.0 mhz 498 pf switching characteristics (note 2) t d(on) turn ? on d elay time 19 34 ns t r turn ? on rise time 10 20 ns t d(off) turn ? off delay time 110 176 ns t f turn ? off fall time v dd = ? 15 v, i d = ? 1 a, v gs = ? 10 v, r gen = 6 w 65 104 ns q g total gate charge 71 100 nc q gs gate ? source charge 12 nc q gd gate ? drain charge v ds = ? 15 v, i d = ? 13 a, v gs = ? 10 v 15 nc drain ? source diode characteristics and maximum ratings i s maximum continuous drain ? source diode forward current ? 2.1 a v sd drain ? source diode forward voltage v gs = 0 v, i s = ? 2.1 a (note 2) ? 0.7 ? 1.2 v notes: 1. r q ja is the sum of the junction - to - case and case - to - ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. a) 50c/w (10 sec) 62.5c/w steady state when mounted on a 1in 2 pad of 2 oz copper b) 105c/w when mounted on a .04 in 2 pad of 2 oz copper c) 125c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 m s, duty cy cle < 2.0% fds6679
fds6679 rev c (w) typical characteristics 0 10 20 30 40 50 0 0.5 1 1.5 2 -v ds , drain to source voltage (v) -i d , drain current (a) v gs = -10v -2.5v -3.0v -3.5v -4.0v -4.5v -6.0v 0.6 1 1.4 1.8 2.2 2.6 3 0 10 20 30 40 50 -i d , dirain current (a) r ds(on) , normalized drain-source on-resistance v gs = -3.0v -4.5v -6.0v -3.5v -4.0v -5.0v -10v figure 1. on - region characteristics. figure 2. on - resistance variation with drain current and gate voltage. 0.6 0.8 1 1.2 1.4 1.6 -50 -25 0 25 50 75 100 125 150 175 t j , junction temperature ( o c) r ds(on) , normalized drain-source on-resistance i d = -13a v gs = -10v 0 0.01 0.02 0.03 0.04 2 2.5 3 3.5 4 4.5 5 -v gs , gate to source voltage (v) r ds(on) , on-resistance (ohm) i d = -7.0a t a = 125 o c t a = 25 o c figure 3. on - resistance variation with temperature. figure 4. on - resistance variation with gate - to - source voltage. 0 10 20 30 40 50 1.5 2 2.5 3 3.5 -v gs , gate to source voltage (v) -i d , drain current (a) t a = -125 o c 25 o c -55 o c v ds = -5.0v 0.0001 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 -v sd , body diode forward voltage (v) -i s , reverse drain current (a) v gs = 0v t a = 125 o c 25 o c -55 o c figure 5. transfer characteristics. figure 6. body diode forward voltage variation with source current and temperature. fds6679
fds6679 rev c (w) typical characteristics 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 q g , gate charge (nc) -v gs , gate-source voltage (v) i d = -13a v ds = -5v -10v -15v 0 1000 2000 3000 4000 5000 6000 0 5 10 15 20 25 30 -v ds , drain to source voltage (v) capacitance (pf) c iss c oss c rss f = 1 mhz v gs = 0 v figure 7. gate charge characteristics. figure 8. capacitance characteristics. 0.01 0.1 1 10 100 0.1 1 10 100 -v ds , drain-source voltage (v) -i d , drain current (a) dc 10s 1s 100ms 100 m s r ds(on) limit v gs = -10v single pulse r q ja = 125 o c/w t a = 25 o c 10ms 1ms 0 10 20 30 40 50 0.001 0.01 0.1 1 10 100 t 1 , time (sec) p(pk), peak transient power (w) single pulse r q ja = 125c/w t a = 25c figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. 0.001 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 t 1 , time (sec) r(t), normalized effective transient thermal resistance r q ja (t) = r(t) + r q ja r q ja = 125 o c/w t j - t a = p * r q ja (t) duty cycle, d = t 1 / t 2 p(pk) t 1 t 2 single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1c. transient t hermal response will change depending on the circuit board design. fds6679
soic(8lds) packaging configuration: figure 1.0 components leader tape 1680mm minimum or 210 empty pockets trailer tape 640mm minimum or 80 empty pockets soic(8lds) tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option soic (8lds) packaging information standard (no flow code) l86z f011 packaging type reel size tnr 13" dia rail/tube - tnr 13" dia qty per reel/tube/bag 2,500 95 4,000 box dimension (mm) 355x333 x40 530x130x83 355x333 x40 max qty per box 5,000 30,000 8,000 d84z tnr 7" dia 500 193x183x80 2,000 weight per unit (gm) 0.0774 0.0774 0.0774 0.0774 weight per reel (kg) 0.6060 - 0.9696 0.1182 f63tnr label sample lot: cbvk741b019 fsid: fds9953a d/c1: z 9842ab qty1: spec rev: spec: qty: 2500 d/c2: qty2: cpn: n/f: f (f63tnr)3 f 852 nds 9959 soic-8 unit orientation f 852 nds 9959 pin 1 static dissipative embossed carrier tape f63tnr label antistatic cover tape customized label packaging description: soic-8 parts are shipped in tape. the carrier tape is made from a dissipative (carbon filled) polycarbonate resin. the cover tape is a multilayer film (heat activated adhesive in nature) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. these reeled parts in standard option are shipped with 2,500 units per 13" or 330cm diameter reel. the reels are dark blue in color and is made of polystyrene plastic (anti- static coated). other option comes in 500 units per 7" or 177cm diameter reel. this and some other options are further described in the packaging information table. these full reels are individually barcode labeled and placed inside a standard intermediate box (illustrated in figure 1.0) made of recyclable corrugated brown paper. one box contains two reels maximum. and these boxes are placed inside a barcode labeled shipping box which comes in different sizes depending on the number of parts shipped. f 852 nds 9959 f 852 nds 9959 f 852 nds 9959 embossed esd marking attention observe precautions for handling electrostatic sensitive devices embossed esd marking attention observe for handling electrostatic sensitive devices attention observe for handling electrostatic sensitive devices a ttention obser ve for handling a ttention obser ve for handling a ttention obser ve preca utions for handling electr ost a tic sensitive devices 193mm x 183mm x 80mm pizza box for standard option barcode label barcode label barcode label 355mm x 333mm x 40mm intermediate container for 13 reel option soic-8 tape and reel data january 2001, rev. c ?2001 fairchild semiconductor corporation
? dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc soic (8lds) (12mm) 5.30 +/-0.10 6.50 +/-0.10 12.0 +/-0.3 1.55 +/-0.05 1.60 +/-0.10 1.75 +/-0.10 10.25 min 5.50 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 2.1 +/-0.10 0.450 +/- 0.150 9.2 +/-0.3 0.06 +/-0.02 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 12mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 ? 0.606 11.9 ? 15.4 12mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 7.00 178 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 ? 0.606 11.9 ? 15.4 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed soic(8lds) embossed carrier tape configuration: figure 3.0 soic(8lds) reel configuration: figure 4.0 soic-8 tape and reel data, continued january 2001, rev. c
soic-8 (fs pkg code s1) 1 : 1 scale 1:1 on letter size paper di me n si o n s s h ow n be l ow a re in : inches [millimeters] part weight per unit (gram): 0.0774 soic-8 package dimensions september 1998, rev. a 9 ?2000 fairchild semiconductor international
trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. optoplanar? pacman? pop? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher smart start? stealth? fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? microwire? optologic? rev. h2 ? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? ultrafet vcx? ? ? ?


▲Up To Search▲   

 
Price & Availability of FDS6679F011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X