Part Number Hot Search : 
N4731 ASI10525 100AC M5229 LM336B EL2270CN LC4256 BCW67A
Product Description
Full Text Search
 

To Download FBLA20-20-25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fbla series edge bonded ribbon cables page 1 26/05/05 v1.0 features: ? colour coded pvc insulated 7/0.2mm (0.22mm 2 ) or 16/0.2mm (0.5mm 2 ) tinned copper conductors. ? edge bonded to form a neat and convenient ribbon cable which can be easily separated for discrete wiring. ? available in 10, 20 or 30 way versions. ? colour code sequence: black, brown, red, orange, yellow, green, blue, violet, grey, white. advantages: the cable cores can be separated individually or in multiples in order to be soldered individually or fitted with different con nectors. conductor size conductor area (mm 2 ) width thickness capacitance core/core (pf/m) current rating at 25c (a) 10w 20w 30w 7/0.2 0.22 14.0 28.0 42.0 1.2 50 2 16/0.2 0.5 15.5 31.0 - 1.55 65 4 cross section (nominal) mm 2 0.22 0.5 construction: tinned copper strands - 7 x 0.2 16 x 0.2 insulation pvc maximum operating temperature c 70 operating voltage maximum v 300 600 conductor resistance maximum ? /km 87.2 38.2 insulation resistance minimum m ? /km 95 200 technical data dimensions : millimetres (unless specified) dimensions : millimetres (unless specified)
fbla series edge bonded ribbon cables page 2 26/05/05 v1.0 fbla type 10 number of ways conductor size 24 10 reel length specifications number of ways : 10, 20 and 30. conductor size : 24 = 7/0.2 and 20 = 16/0.2mm. reel length : 10, 25 and 50m. conductor size number of ways reel length (m) part number 7/0.2 10 10 fbla10-24-10 25 fbla10-24-25 50 fbla10-24-50 20 10 fbla20-24-10 25 fbla20-24-25 50 fbla20-24-50 30 10 fbla30-24-10 16/0.2 10 25 fbla10-20-25 20 25 FBLA20-20-25 50 fbla20-20-50 dimensions : millimetres (unless specified) part number explanation:


▲Up To Search▲   

 
Price & Availability of FBLA20-20-25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X