Part Number Hot Search : 
24LC00 N60B3 QPH9132 CXA18 33817 NSVS1106 FAN7005 563U063D
Product Description
Full Text Search
 

To Download F2330-0102F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   ''$$poofdups fc-10 series 1.0mm spacing ( smt & dip type ) features 1. utilization of an lif structure allows for simple and easy insertion. 2. choice of versions available, such as smt and dip types, and lower or upper contact type. 3. a lead-free product. specifications 1. rating : 0.5a, 50v ac/dc max. 2. contact resistance : 30m ? , max. 3. insulation resistance : 1000m ? , min. at 500v dc 4. withstanding voltage : 500v ac for one minute 5. operating temperature range : ?5?c to +70?c materials and plating housing : polyphenylene sulfide (pps), natural color, 94v-0 contact : phosphor bronze, sn plating note please contact our local sales agent for supply on embossed tape. smt type cff23 -01 f /ppg1jot /ppg1jot " /ppg1jot "                                                                                1bdljoh4uzmf qdtsffm  &ncpttfe5bqjoh   1bdljo#vml ? dip type cff61 -0101f /ppg1jot a 2.1 a 6.6 a a 6.0 0.35 1.0 1.5 0.6 3.2 0.4 0.25 6.1 1.3 5.5 3.9(inserted size) a 6.6 a 2.1 a 1.0 0.4 3.2 2.0 5.5 3.3 3.9(inserted size)
  1$#pbse%jnfotjpo smt type dip type 1bsu/p $poubdu1ptjujpo 4usvduvsf 1$#pbse%jnfotjpo $'' ' 4.5?3jhiu"ohmf? 6qqfs $'' ' 4.5 ?3fwfstf3jhiu"ohmf? -pxfs $'' ' 4.5?4usbjhiu? ??? pin no.1 pin no.1 $'' ' %*1?4usbjhiu? ??? pin no.1 $'' ' %*1?4usbjhiu? 3fwfstf4fu ??? pin no.1 $'' ' %*1?3jhiu"ohmf? 6qqfs pin no.1 $'' ' %*1?3jhiu"ohmf? 3fwfstf4fu 6qqfs pin no.1 $'' ' %*1 ?3fwfstf3jhiu"ohmf? -pxfs pin no.1 a a 2.8 2.0 1.0 0.5 2.0 2.35 2.0 1.0 a 2.0 0.8  "qqmjdbcmf'1$''$%jnfotjpo u1? 2-r0.3 4.0 1.0 0.05 1.0 0.15 (a 2) 0.1 a 0.05 0.6 + 0.1 0 ''$$poofdups '$4fsjft fpc plating to recommend : sn plating ?-jtupguif'$4fsjft


▲Up To Search▲   

 
Price & Availability of F2330-0102F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X