Part Number Hot Search : 
30T7N S8050 1117LG MM1661F 5KP33A 30T7N 41001 R16311
Product Description
Full Text Search
 

To Download EC001121 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/1727256 2/18/14???page? 1 ?/? 5 pcb terminal block?-?mkds 1/ 4-3,81 smd bk?-?1727256 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://download.phoenixcontact.com) pcb terminal block, nominal current: 8 a, nom. voltage: 160 v, pitch: 3.81 mm, number of positions: 4, connection method: screw connection, mounting: smd/tht/thr, conductor/pcb connection direction: 0 , color: black the figure shows a 10-position version of the product product features ?type of packaging: tube magazine ?standard pcb terminal block types made from high-temperature-resistant plastics ?box packaging or tape-on-reel packing according to iec 60286-3 for automated mounting available on request ?use in smt reflow processes key commercial data packing unit 1 pc minimum order quantity 23 pc gtin weight per piece (excluding packing) 4.89 grm custom tariff number 85369010 country of origin poland technical data dimensions length 7.3 mm pitch 3.81 mm dimension a 11.43 mm general range of articles mkds 1/..-smd 7,3 2 3,5 9,2 a+11,43 3,81 1,9 a 1,5 a 3,81 3,81 3,85 2,5 2,6
https://www.phoenixcontact.com/us/products/1727256 2/18/14???page? 2 ?/? 5 pcb terminal block?-?mkds 1/ 4-3,81 smd bk?-?1727256 technical data general insulating material group iiia rated surge voltage (iii/3) 2.5 kv rated surge voltage (iii/2) 2.5 kv rated surge voltage (ii/2) 2.5 kv rated voltage (iii/3) 160 v rated voltage (iii/2) 160 v rated voltage (ii/2) 250 v connection in acc. with standard en-vde nominal current i n 8 a nominal cross section 1 mm2 maximum load current 8 a (with 1.5 mm2 conductor cross section) insulating material pa-f solder pin surface sn inflammability class according to ul 94 v0 stripping length 5 mm number of positions 4 screw thread m2 tightening torque, min 0.22 nm tightening torque max 0.25 nm connection data conductor cross section solid min. 0.14 mm2 conductor cross section solid max. 1.5 mm2 conductor cross section stranded min. 0.14 mm2 conductor cross section stranded max. 1 mm2 conductor cross section stranded, with ferrule without plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule without plastic sleeve max. 0.5 mm2 conductor cross section stranded, with ferrule with plastic sleeve min. 0.25 mm2 conductor cross section stranded, with ferrule with plastic sleeve max. 0.5 mm2 conductor cross section awg/kcmil min. 26 conductor cross section awg/kcmil max 16 2 conductors with same cross section, solid min. 0.14 mm2 2 conductors with same cross section, solid max. 0.5 mm2 2 conductors with same cross section, stranded min. 0.14 mm2 2 conductors with same cross section, stranded max. 0.2 mm2 minimum awg according to ul/cul 30 maximum awg according to ul/cul 16 7,3 2 3,5 9,2 a+11,43 3,81 1,9 a 1,5 a 3,81 3,81 3,85 2,5 2,6
https://www.phoenixcontact.com/us/products/1727256 2/18/14???page? 3 ?/? 5 pcb terminal block?-?mkds 1/ 4-3,81 smd bk?-?1727256 classifications ecl@ss ecl@ss 4.0 27141109 ecl@ss 4.1 27141109 ecl@ss 5.0 27141190 ecl@ss 5.1 27141190 ecl@ss 6.0 27261101 ecl@ss 7.0 27440401 ecl@ss 8.0 27440401 etim etim 3.0 EC001121 etim 4.0 ec002643 etim 5.0 ec002643 unspsc unspsc 6.01 30211801 unspsc 7.0901 39121432 unspsc 11 39121432 unspsc 12.01 39121432 unspsc 13.2 39121432 approvals approvals approvals csa / ul recognized / cul recognized / gost / gost / culus recognized ex approvals approvals submitted approval details 7,3 2 3,5 9,2 a+11,43 3,81 1,9 a 1,5 a 3,81 3,81 3,85 2,5 2,6
https://www.phoenixcontact.com/us/products/1727256 2/18/14???page? 4 ?/? 5 pcb terminal block?-?mkds 1/ 4-3,81 smd bk?-?1727256 approvals csa? ? b d mm2/awg/kcmil 28-16 28-16 nominal current in 10 a 10 a nominal voltage un 150 v 300 v ul recognized? ? b d mm2/awg/kcmil 30-16 30-16 nominal current in 10 a 10 a nominal voltage un 300 v 300 v cul recognized? ? b d mm2/awg/kcmil 30-16 30-16 nominal current in 10 a 10 a nominal voltage un 300 v 300 v gost? gost? culus recognized? accessories accessories 7,3 2 3,5 9,2 a+11,43 3,81 1,9 a 1,5 a 3,81 3,81 3,85 2,5 2,6
https://www.phoenixcontact.com/us/products/1727256 2/18/14???page? 5 ?/? 5 pcb terminal block?-?mkds 1/ 4-3,81 smd bk?-?1727256 accessories labeled terminal marker marker cards?-?sk 3,81/2,8:fortl.zahlen?-?0804109 marker cards, card, white, labeled, horizontal:?consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100, mounting type: adhesive, for terminal block width: 3.81 mm, lettering field: 3.81 x 2.8 mm ? ? screwdriver tools screwdriver?-?szs 0,4x2,5 vde?-?1205037 screwdriver, slot-headed, vde insulated, size: 0.4 x 2.5 x 80 mm, 2-component grip, with non-slip grip ? ? drawings drilling diagram dimensioned drawing ? phoenix contact 2013 - all rights reserved http://www.phoenixcontact.com 7,3 2 3,5 9,2 a+11,43 3,81 1,9 a 1,5 a 3,81 3,81 3,85 2,5 2,6


▲Up To Search▲   

 
Price & Availability of EC001121

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X