Part Number Hot Search : 
AAT7551 KK431 C4072D BZX9733 29333C 16C15 MX043 02N5819
Product Description
Full Text Search
 

To Download D8084-010019 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ccd8072 p=2.54  7 3.8 0.8 59 54.1 22.4 5.1 1.5 1 3.8 0.5 3.2 20 30 1jo no.16 1jo no.2 1jo no.1 1jo no.15 2-  1.7 58 7 1 2-  1 2.54 38.1 35.6 40 card %??? plastic cover type number of contacts 8 8 16 iso cp8 iso+cp8 remarks ccd8072-010019 ccd8072-010029 ccd8072-010039  ??? metal cover type ccd8074-010019 ccd8074-010029 ccd8074-010039 1 up 8 9 up 16 1 up 16 1jo/p hole yy rating ccd8084 (20) (30) 1jo no.16 1jo no.2 1jo no.1 1jo no.15 p=2.54  7 3.8 (12) 0.8 58 62 3.2 8.1 (1) 54.1 5.8 6.6 46.6 card 51 38.1 30 20 4.4 2-  1.8 2 2.54 0.5 a 30 v dc max. ic ????  iso ? cp8 f ic card connectors  iso & cp8 standards  unit: mm %??? plastic cover type  ??? metal cover type 1jo no.16 1jo no.2 1jo no.1 1jo no.15 30 38.1 20 58 2.54 12 3.8 20-  1 ??
?m2 *otfsujpopg$bse
4-  3.2 2-  2.2 0.9  2.9 hole 4.4 64.2 p=2.54  7 a hole layout (bottom view) 1jo no.16 1jo no.2 1jo no.1 1jo no.15 30 38.1 20 4.4 64.2 58 2.54 12 p=2.54  3.8 18-  1 2-  1.9 4-  3.2 (2-  2.2
??
?m2 *otfsujpopg$bse
0.9  2.9 hole a hole layout (bottom view)
? ? ? contact resistance
? ? insulation resistance
? 1? dielectric strength
y hy? insertion & extraction force j?f conforming
h #? durability 80 m ? max. 1,000 m ? min. at 500 v dc 500 v ac for 1 minute insertion 0.6 n to 5.9 n extraction 0.3 n to 3.9 n iso 7816 / 1 to 3 jis x 6303 10,000 cycles without without without hole with with with %??? plastic cover type number of contacts 8 8 16 iso cp8 iso+cp8 remarks ccd8082-010019 ccd8082-010029 ccd8082-010039 without without without hole  ??? metal cover type ccD8084-010019 ccd8084-010029 ccd8084-010039 hole with with with 1 up 8 9 up 16 1 up 16 1jo/p a a a a
ccd8065 (1.1) 3.8 10.8 1 5.3 5.3 1 56 3 3.1 (46.6) 31 (8.1) 59 54.1 64.7 10 4nbsu$bse?? smart card connectors unit: mm ( 56 ) 20 30 2.9 4.4 2.54 38.1 21.7 24 (31) 64.2 22.12 0.9 7.62 3.81 6.12 vqqfstuboe vqqfstuboe upper stand mpxfstuboe lower stand $ 1  $ 2  $ 3  $ 4  sw sw 58 ( 62 ) 1 =2.54 4-  3.2 2-  1.85 20-  1 mpxfstuboe $ 5 $ 6  $ 7  $ 8  $ 1  $ 2  $ 3  $ 4  $ 5 $ 6  $ 7  $ 8  land layout (top view) 80 m 
 max. 0.5 a max. per contact 10,000 cycles iso insertion 0.6 to 5.9 n extraction 0.3 to 3.9 n 1,000 m 
min. at 500 v dc contact resistance rating y durability remarks
h #?
? ? ? insulation resistance
? ? insertion & extraction force
h?  ?z???
??? 2 cards insertion type with metal cover
ccd3015 28.1 2-  0.8 12.5 3.5 0.25 21 13.2 11 8.2 5.2 0.3 34 27.1 p=1  25 28.1 29.9 0.7 1.5 1
27.4 24 4 1 3.1 31.1 28.1 26.7 25 0.7 2 0.55 1.5 2.8 max. 2-  0.8 land layout (top view) 10,000 cycles insertion 39 n max. extraction 3.7 n to 18.5 n initial 40m 
after test 55m 
  0.75a per contact contact resistance rating y durability
h #?
? ? ? insertion & extraction force
h? &yqsftt$bse?? express card connectors unit: mm
yy rating ccd1057 3.3 21.6 4.3 26.9 4-1.8 11.2 31 19 23.9 40.8 21.9 8.8 27 24.7 46 53.3 5.3 8.8 4-2 2.5  2.05  1.65 2-  1.6 0.8 4.4 p=1.5  9 ccd1054 26.9 1.8 3.3 21.6 24.7 24.8 22.2 28.6 4.4 0.8 4.3 27 16.1 13.4 2.7 0.5 6.4 19.9 21.9 24.3 31 5.3 4-2  1.65  p=1.5  9 .fnpsz4ujdl?? memory stick connectors unit: mm (41.7) 9.5 ? ? z?  (card exposure dimension) 1.3 ? ?r ? y ???   (stroke for lock release) ?? y 6
$ (locked condition) (41.7) 1.6 9.5 ? ? z?  (card exposure dimension) ? ?r ? y ???   (stroke for lock release) ?? y 6
$ (locked condition) 23.5 21.9 6.4 22.2 27 13.4 23 5 1.2  2.1  1.9 4-3  3.7 p=1.5  9 land layout (top view) 21.9 46 2.5 8.8 10.6 25.9 8.8 1 3.5 24.4 27 24.7 4-3  3.4  2.1 2-  1.7 p=1.5  9 land layout (top view)
? ? ? contact resistance
? ? insulation resistance
y hy? insertion & extraction force
h #? durability 0.5 a 125 v dc max. initial 100 m ? after test 140 m ? 1,000 m ? min. at 500 v dc 3n to8n 10,000 cycles
yy rating ccd1301 20.1 1.05 11.2 pin no.10 pin no.1 1 20.6 2 23.5 27 11.75 2.1 2.2 0.8 1.3 4.9 1.7 2 3.2 8.5 11.75 p= 1. 5  9 ccd1300 20.1 11.2 1.05 2.1 1.3 4.9 2 1.7 0.8 (11.75) 8.5 p= 1. 5  9 (3.2) 27 1 23.5 (11.75) pin no.10 pin no.1 .fnpsz4ujdl%vp?? memory stick duo connectors unit: mm pin no.10 pin no.1 26.1 1.2 2.4 1.4 2.7 5.5 27.4 1.4 3.2 27 23.5 20.8 3.8 1.5 p= 1. 5  9 land layout (top view) pin no.1 26.1 27.4 5.5 1. 2 10- 1.4 2.4 2.7 1.4 10- ( 23.5 ) 3.8 3.2 0.6 1 10- 1.5 10- 5.8 5.3 4.8 1.4 27 pin no.10 3.8 20.8 p= 1. 5  9 pattern prohibition area land layout (top view)
? ? ? contact resistance
? ? insulation resistance
y hy? insertion & extraction force
h #? durability 0.5 a 125 v dc max. initial 100 m ? after test 140 m ? 1,000 m ? min. at 500 v dc 1.1 n or more 12,000 cycles
ccd1350 0.55 'mbu"sfb 0.3 0.8 'mbu"sfb 0.55 0.6 1.2 7.1 5 1. 2 1. 4 5  12.9    13.9   1. 3 1. 3 1.1 7.7  0.85   1.88  0.83    5.74   14 14.2 15.2 'mbu"sfb 'mbu"sfb )04*%&/ 0.85 1.24 $bse4mpu  11   $bse4mpu $bse$foufs njdsp4%???? microsd card connector unit: mm 1.4 1.1 13.6 15.2 1.4 1.9 0.8 0.3 1jo/p 8 1jo/p 1 12.9 1.4 1.9 0.25 0.3 1.5 1.1 7.7 1.8 1.8 0.6 6.85 1.1 5 14 1.24 12.6 9.95 14.2 1buufso1spijcjujpo"sfb land layout (top view) initial after test 100 m 
 max. 140 m 
 max. 0.5 a 125 v dc max. 5,000 cycles 1 n to 30 n 1,000 m 
min. at 500 v dc contact resistance rating y durability
h #?
? ? ? insulation resistance
? ? insertion & extraction force
h?
njdsp4%???? microsd card connectors ccd1360 pusher prohibition area. convex 0.2 max. 7.3 2 for switch 15.9 8-1 13.8 15.9 1.7 4-0.5  flat area  2-0.8  flat area  case legs  gnd  4-0.7 2-2.4 8-0.7 8-1 2-1.2 8-0.3 10.15 11.65 2-0.4 p =2.1  7 0.75 1.2 15.9 2-1.8 13.35 13.35 13.8 initial after test 100 m 
 max. 140 m 
 max. 0.5 a 125 v dc max. 10,000 cycles 1 n to 40 n 1,000 m 
min. at 500 v dc contact resistance rating y durability
h #?
? ? ? insulation resistance
? ? insertion & extraction force
h? land layout (top view) unit: mm
njdsp4%????? microsd card adaptor unit: mm ccd1184 21.5 0.95  0.8   11.2  18.5 5.75 11  1 1.3 20 6 1.4 ccd1183 -? ??
$ without case 6.7 7.8 1.2
0.8 1.1
3.2
7.7) 11.1 4 10 11.5 32 0.6 0.7 4 0.7 2.1 1.4 24 8.125 22.5 p=2.5  6 microsd-sd microsd-minisd initial after test 100 m 
 max. 100 m 
 max. 0.5 a 3.3 v dc max. 5,000 cycles 1,000 m 
min. at 500 v dc contact resistance rating y durability
h #?
? ? ? insulation resistance
? ? insertion & extraction force
h? insertion 25 n max extraction 1.0 n min. to 10 n max. initial after test 100 m 
 max. 140 m 
 max. 0.5 a 125 v dc max. 5,000 cycles 1,000 m 
min. at 500 v dc contact resistance rating y durability
h #?
? ? ? insulation resistance
? ? insertion & extraction force
h? insertion 25 n max  extraction in to 10n


▲Up To Search▲   

 
Price & Availability of D8084-010019

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X