abs1699 trays abs1699-03 and abs1699-05 trays carlisle interconnect technologies (carlisleit) now offers the abs1699 family of trays, which are standard equipment on all airbus a3xx aircraft. these trays meet the standards of arinc 600 as well as the additional requirements from abs1773 specific to these aircraft platforms. all carlisleit trays and components are fabricated in our state-of-the-art manufacturing facility using top quality materials to assure a perfect fit and lifetime performance. our trays are provided with integrated side seals to speed installation on cooled equipment shelves and cooling holes standardized to accept nsa939511- 03 plugs for easy air flow adjustments. the abs1699 family of trays feature the advanced thumbscrew hold- down designed to meet the performance criteria of the asna2168 and abs1773 standards. introduction carlisle interconnect technologies / 5300 w. franklin drive, franklin, wi 53132 toll free - 800.327.9473 / fax - 414.421.5301 / carlisleit.com ? durable, rugged construction ? lightweight aluminum alloy ? clear chem film per mil-dtl-5541, type ii, class 3 ? materials meet flammability, optical smoke density and toxic gas generation requirements of abd0031 ? rohs compliant ? 24 hour aog support ? abs1699 ? arinc 600 standards ? cfr title 14 part 25, 23 and 21 ? rtca/do-160 features applications
abs1699 trays mounting patterns the following cut away diagrams illustrate standard front and rear mounting hole placement for abs1699 trays. no. 10 mounting holes are standard on all trays. note: dimensions are in inches, bracketed [numbers] represent millimeters. mounting holes are countersunk 100 to accommodate flush hardware mounting holes are countersunk 100 to accommodate flush hardware standard mounting hole pattern ? 2, 3 and 6 mcu standard mounting hole pattern ? 4, 5, 8, 9 mcu top view tray rear top view tray front a b 1.77 [45.0] a b mounting dimensions: reference chart mcu size a b 2 mcu 1.312 [33.3] - 3 mcu 2.624 [66.6] - 4 mcu 3.936 [100.0] - 5 mcu 5.248 [133.3] - 6 mcu 2.624 [66.6] 6.560 [166.6] 8 mcu 5.248 [133.3] 9.184 [233.3] 9 mcu 5.248 [133.3] 10.496 [266.6] 1.77 [45.0] dimensional data advanced thumbscrew hold-down metering plugs optional metering plate typical top view note: dimensions are in inches, bracketed [numbers] represent millimeters. typical side view .96 [24.4] 2.41 [61.2] max. mcu size a (outside dimensions including rivet heads) 2 mcu 2.57 [65.3] 3 mcu 3.87 [98.3] 4 mcu 5.19 [131.8] 5 mcu 6.49 [164.8] 6 mcu 7.79 [197.9] 8 mcu 10.39 [262.4] 9 mcu 11.69 [296.9] connector plate and universal cutout metering plugs optional gasket advanced thumbscrew hold-down metering plate 7.40 [188] 13.97 [355] a all dimensions shown represent carlisleits standard tray dimensions. carlisleit can customize any of these features to suit your specific needs. side seal included 10.67 [271.0] 11.81 [300.0] 13.97 [355.0] 11.81 [300.0] 13.97 [355.0] abs1699-09 abs1699-06
carlisle interconnect technologies / 5300 w. franklin drive, franklin, wi 53132 toll free - 800.327.9473 / fax - 414.421.5301 / carlisleit.com abs1699 trays options & accessories standard abs1699 configurations shown. custom configurations available. please contact the factory for more information. mcu size abs1699 standard p/n airbus p/n carlisleit p/n figure illustration 2 mcu abs1699-02 D00030093000 200-23876-101 3 mcu abs1699-03 d00030094000 200-23563-101 4 mcu abs1699-04 d00030095000 200-23558-101 5 mcu abs1699-05 d00030581000 200-28957-101 6 mcu abs1699-06 d00030582000 200-28965-101 8 mcu abs1699-08 d00030583000 200-28973-101 9 mcu abs1699-09 - 200-25770-101 ? carlisle interconnect technologies, 2012. all trademarks, service marks and trade names are property of their respective holding companies. all rights reserved. rev. 030513-3000
|