cmf industrial www.vishay.com vishay dale revision: 09-sep-13 1 document number: 31018 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 metal film resistors, industrial, precision features ? small size - conformal coated ? flame retardant epoxy coating ? controlled tempera ture coefficient ? excellent high frequency characteristics ? exceptionally low noise; typically 0.10 v/v ? low voltage coefficient to 5 ppm/v ? special tolerance and or tc matching available on request ? material categorization: ? for definitions of compliance please see www.vishay.com/doc?99912 note ? * this datasheet provides information abou t parts that are rohs-compliant and/ or parts that are non-rohs-compliant. for example, parts ? with lead (pb) terminations are not ro hs-compliant. please see the information/ tables in this datasheet for details. vishay dale model cmf is also available as military qualified styles rn and rl. se e vishay dales cmf (military rn and rl) datasheet ( www.vishay.com/doc?31027 ) for the mil-spec ratings / attributes. (excep t for marking, the industrial and military versions are exactly the same). notes (1) continuous working voltage shall be or maximum working voltage, whichever is less (2) see the load life shift due to power and derating table for a summary of the more common combinations of power rating, case siz e and ambient operating temperature that prevail in various industrial and military resistor specifications. the performance table quantifies the load life stability under these combinations. available available standard electrical specifications global ? model historical model maximum working voltage (1) v power rating p 70 c (2) w power rating p 125 c (2) w resistance range ? tolerance % temperature coefficient ppm/c cmf50 cmf-50 200 0.25 0.125 10 to 2.5m 0.1, 0.25, 0.5, 1 25 10 to 2.5m 0.1, 0.25, 0.5, 1, 2, 5 50 10 to 2.5m 1, 2, 5 100 10 to 22m 1, 2, 5 150, 200 cmf55 cmf-55 250 0.5 0.25 10 to 2.5m 0.1, 0.25, 0.5, 1 25 10 to 2.5m 0.1, 0.25, 0.5 50 10 to 5m 1, 2, 5 50 1 to 22.1m 1, 2, 5 100 0.5 to 50m 1, 2, 5 150 0.5 to 50m 1 200 0.1 to 50m 2, 5 200 cmf60 cmf-60 500 1 0.5 10 to 2.5m 0.1, 0.25, 0.5, 1 25 10 to 2.5m 0.1, 0.25, 0.5 50 10 to 10m 1, 2, 5 50 1 to 10m 1, 2, 5 100 0.5 to 10m 1, 2, 5 150 0.5 to 10m 1 200 0.1 to 10m 2, 5 200 cmf65 cmf-65 500 1 0.75 10 to 2.5m 0.1, 0.25, 0.5, 1 25 10 to 2.5m 0.1, 0.25, 0.5 50 10 to 10m 1, 2, 5 50 1 to 15m 1, 2, 5 100 0.5 to 22m 1, 2, 5 150 0.5 to 22m 1 200 0.1 to 22m 2, 5 200 cmf70 cmf-70 500 1 0.75 10 to 2.5m 0.1, 0.25, 0.5, 1 25 10 to 2.5m 0.1, 0.25, 0.5 50 10 to 10m 1, 2, 5 50 1 to 15m 1, 2, 5 100 1 to 22m 1, 2, 5 150, 200 cmf07 cmf-07 250 0.5 - 5 to 5m 2, 5 100 1 to 5m 2, 5 150, 200 cmf20 cmf-20 500 1 - 5 to 10m 2, 5 100 1 to 10m 2, 5 150, 200 p x r
cmf industrial www.vishay.com vishay dale revision: 09-sep-13 2 document number: 31018 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? for additional information on packaging, refer to the through-hole resistor packaging document ( www.vishay.com/doc?31544 ). (1) tolerances of 0.5 % (d), 0.25 % (c) and 0.1 % (b) are available only in 50 ppm and 25 ppm temperature coefficients. notes (2) lead length for product in bulk pack. for product supplied in tape and re el, the actual lead length would be based on the body size, tape spacing and lead trim. (3) available with 0.032" (0.813 mm) lead [cmf60..95] (4) 0.260" 0.020" (6.60 mm 0.51 mm) for values > 5 m ? global part number information dimensions in inches (millimeters) global model a b c (max.) d cmf50 0.150 0.020 (3.81 0.51) 0.065 0.015 (1.65 0.38) 0.187 (4.75) 0.016 0.002 (0.41 0.05) cmf55 0.240 0.020 (4) (6.10 0.51) 0.090 0.008 (2.29 0.20) 0.290 (7.37) 0.025 0.002 (0.64 0.05) cmf60 0.344 0.031 (8.74 0.79) 0.145 0.015 (3.68 0.38) 0.425 (10.80) 0.025 0.002 (3) (0.64 0.05) cmf65 0.562 0.031 (14.27 0.79) 0.180 0.015 (4.57 0.38) 0.687 (17.45) 0.025 0.002 (0.64 0.05) cmf70 0.562 0.031 (14.27 0.79) 0.180 0.015 (4.57 0.38) 0.687 (17.45) 0.032 0.002 (0.81 0.05) cmf07 0.240 0.020 (6.10 0.51) 0.090 0.008 (2.29 0.20) 0.290 (7.37) 0.025 0.002 (0.64 0.05) cmf20 0.375 0.040 (9.53 1.02) 0.145 0.015 (3.68 0.38) 0.425 (10.80) 0.032 0.002 (0.81 0.05) technical specifications parameter unit cmf50 cmf55 cmf07 cmf60 cmf20 cmf65 cmf70 maximum working voltage v ??? 200 ? 250 ? 250 ? 500 ?? 500 ? 500 ? 500 insulation voltage (1 min) v eff > 500 voltage coefficient (max.) ppm/v 5 (measured between 10 % and full rated voltage) dielectric strength v ac 450 450 450 750 750 900 900 insulation resistance ??? 10 11 operating temperature range c -55 to +175 terminal strength (pull test) lb 2 2 5 2 5 2 5 noise db 0.10 v/v over a decade of frequency, with low and intermediate resistance values typically below 0.05 v/v weight (max.) g 0.12 0.28 0.28 0.50 0.60 1.00 1.10 global model resistance value tolerance packaging code (see standard r = b = 0.1 % e = 25 ppm ek = lead (pb)-free, bulk ea = lead (pb)-free, t/r (full) eb = lead (pb)-free, t/r (1000 pieces) electrical k = k c = 0.25 % h = 50 ppm specifications m = m d = 0.5 % k = 100 ppm table) r10000 = 0.1 f = 1 % l = 150 ppm 680k00 = 680 k g = 2 % n = 200 ppm 1m0000 = 1.0 m j = 5 % new global part numbering: cmf55301r00fkre (preferred part numbering format) cmf55301r00fkre historical part number example: cmf-553010ft-1 (will continue to be accepted) 6 3 r 1 - t f 0 1 0 3 5 5 - f m c historical model resistance value tolerance code temp. coefficient packaging blank = standard (dash number) (up to 3 digits) from 1 to 999 as applicable 70 = color banded, 5 bands ( 1 %) 80 = color banded, 4 bands ( 2 %) 88 = hot solder dip special temperature coefficient (1) bf = tin/lead, bulk re = tin/lead, t/r (full) r6 = tin/lead, t/r (1000 pieces) b d c (max.) 1.500 0.125 (2) (38.10 3.18) a
cmf industrial www.vishay.com vishay dale revision: 09-sep-13 3 document number: 31018 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 temperature coefficient codes global tc code historical tc code temperature coefficient e t-9 25 ppm/c h t-2 50 ppm/c k t-1 100 ppm/c l t-0 150 ppm/c n t-00 200 ppm/c load life shift due to power and derating (at +70 c and at +125 c) the power rating for the cmf parts is tied to the derating temperature, th e heat rise of the parts, and the ? r for the load life performance. when the tables/graphs below are used together they show that when the parts are run at their higher power ratings, the parts w ill run hotter, which has the potential of causing th e resistance of the parts to shift more over the life of the part. load life shift vs. power rating load life maximum ? r (typical test lots) 0.15 % 0.5 % 1.0 % 0.15 % 0.5 % 1.0 % model power rating at +70 c power rating at +125 c cmf50 1/20 w and 1/10 w 1/8 w 1/4 w 1/20 w 1/10 w 1/8 w cmf55, cmf07 1/10 w and 1/8 w 1/4 w 1/2 w 1/10 w 1/8 w 1/4 w cmf60, cmf20 1/8 w and 1/4 w 1/2 w 3/4 w and 1 w 1/8 w 1/4 w 1/2 w cmf65 1/4 w and 1/2 w 3/4 w 1 w 1/4 w 1/2 w 3/4 w cmf70 1/4 w and 1/2 w 3/4 w 1 w 1/4 w 1/2 w 3/4 w cmf resistors have an operating temperature range of -55 c to + 175 c. they must be derated at high ambient temperatures accor ding to the derating curve. example: ? when a cmf55 part is run at 1/8 w in a 70 c ambient environment, the resistor will ge nerate enough heat that the surface tempe rature of the part will reach about 19 c over the ambient temperature, and over the life of the part this could cause the resistance val ue to shift up to 0.15 %. ? if the same resistor was instead run at 1/4 w in a 70 c environmen t, the element will heat up to about 30 c over ambient, and over the life of the part the resistance value could shift roughly 0.5 %. ? and if the resistor was run at it maximum po wer rating of 1/2 w in a 70 c environment, it will heat up to about 58 c over amb ient, and you could see the resistance value shift roughly 1 % over the life of the part. material specifications element vacuum-deposited nickel-chrome alloy coating flame retardant epoxy, formulated for superior moisture protection core fire-cleaned high purity ceramic solderability continuous satisfactory coverage when tested in accordance with mil-r-10509 ambient temperature in c derating 120 100 80 60 40 20 0 % n i r e w o p d e t a r - 55 - 50 - 25 0 25 70 75 100 125 150 165 175 50 200 applied power in w thermal resistance 120 100 80 60 40 20 0 heat rise (c above ambient) 0 0.125 0.25 0.375 0.5 0.75 0.875 1 1.125 0.625 cmf50 cmf55, cmf07 cmf60, cmf20 cmf65, cmf70
cmf industrial www.vishay.com vishay dale revision: 09-sep-13 4 document number: 31018 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 special modifications 1. terminals may be supplied in any commercial material wi th several type finishes. 2. special pre-conditioning (power aging, temperature cycling, etc.) to customer specifications. 3. non-helixed resistors can be supplied fo r critical high frequency applications. 4. fusible, flameproof versions available. note ? cmf07 and cmf20 parts are marked with colo r bands, either per mil-prf-22684 (with a wi de white band) or us ing commercial color bands. cmfxx..70 and cmfxx..80 parts are marked using commercial color bands. marking temperature coefficient: t00 = 200 ppm, t0 = 150 ppm, t1 = 100 ppm, t2 = 50 ppm, t9 = 25 ppm cmf50: (3 lines) cmf55, cmf 60, cmf65, cmf70: (4 lines) 3.01 value cmf55 style and size k 1 % ohm, k or m sign and tolerance 49.9 k ? value 1208 4-digit date code 1 % t2 tolerance and tc 1208 4-digit date code performance test ? (test methods - mil-std-202) at +70 c at +125 c maximum ? r (typical test lots) short time overload 0.05 % 0.05 % low temperature operation 0.05 % 0.05 % moisture resistance 0.05 % 0.05 % shock 0.01 % 0.01 % vibration 0.04 % 0.04 % temperature cycling 0.15 % 0.15 % load life varies based on power rating used; see load life shift due to power and derating table dielectric withstanding voltage 0.01 % 0.01 % effect of solder 0.03 % 0.03 %
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.
|