Part Number Hot Search : 
BA3410AF MC12002 D1169 SA60CA T2322N CT2500 BB15604 C46VIT
Product Description
Full Text Search
 

To Download BCV46-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product data sheet supersedes data of 1999 apr 08 2004 jan 13 discrete semiconductors bcv26; bcv46 pnp darlington transistors
2004 jan 13 2 nxp semiconductors product data sheet pnp darlington transistors bcv26; bcv46 features ? high current (max. 500 ma) ? low voltage (max. 60 v) ? very high dc current gain (min. 10 000). applications ? where very high amplification is required. description pnp darlington transistor in a sot23 plastic package. npn complements: bcv27 and bcv47. marking note 1. * = p : made in hong kong. * = t : made in malaysia. * = w : made in china. pinning type number marking code (1) bcv26 fd* bcv46 fe* pin description 1 base 2 emitter 3 collector fig.1 simplified outline (sot23) and symbol. handbook, halfpage 1 3 2 mam299 13 2 tr2 tr1 top view ordering information type number package name description version bcv26 ? plastic surface mounted package; 3 leads sot23 bcv46
2004 jan 13 3 nxp semico nductors product data sheet pnp darlington transistors bcv26; bcv46 limiting values in accordance with the absolute maximum rating system (iec 60134). note 1. transistor mounted on an fr4 printed-circuit board. thermal characteristics note 1. transistor mounted on an fr4 printed-circuit board. symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter bcv26 ? ? 40 v bcv46 ? ? 80 v v ces collector-emitter voltage v be = 0 bcv26 ? ? 30 v bcv46 ? ? 60 v v ebo emitter-base voltage open collector ? ? 10 v i c collector current (dc) ? ? 500 ma i cm peak collector current ? ? 800 ma i b base current (dc) ? ? 100 ma p tot total power dissipation t amb 25 c; note 1 ? 250 mw t stg storage temperature ? 65 +150 c t j junction temperature ? 150 c t amb operating ambient temperature ? 65 +150 c symbol parameter conditions value unit r th(j-a) thermal resistance from junction to ambient note 1 500 k/w
2004 jan 13 4 nxp semico nductors product data sheet pnp darlington transistors bcv26; bcv46 characteristics t amb = 25 c unless otherwise specified. symbol parameter conditions min. typ. max. unit i cbo collector cut-off current bcv26 i e = 0; v cb = ? 30 v ? ? ? 100 na bcv46 i e = 0; v cb = ? 60 v ? ? ? 100 na i ebo emitter cut-off current i c = 0; v eb = ? 10 v ? ? ? 100 na h fe dc current gain i c = ? 1 ma; v ce = ? 5 v; (see fig.2) bcv26 4 000 ? ? bcv46 2 000 ? ? dc current gain i c = ? 10 ma; v ce = ? 5 v; (see fig.2) bcv26 10 000 ? ? bcv46 4 000 ? ? dc current gain i c = ? 100 ma; v ce = ? 5 v; (see fig.2) bcv26 20 000 ? ? bcv46 10 000 ? ? v cesat collector-emitte r saturation voltage i c = ? 100 ma; i b = ? 0.1 ma ? ? ? 1 v v besat base-emitter saturation voltage i c = ? 100 ma; i b = ? 0.1 ma ? ? ? 1.5 v v beon base-emitter on-state voltage i c = ? 10 ma; v ce = ? 5 v ? ? ? 1.4 v f t transition frequency i c = ? 30 ma; v ce = ? 5 v; f = 100 mhz ? 220 ? mhz fig.2 dc current gain; typical values. v ce = ? 2 v. handbook, full pagewidth 0 100000 20000 40000 60000 80000 h fe mgd836 ? 1 ? 10 i c (ma) ? 10 2 ? 10 3
2004 jan 13 5 nxp semico nductors product data sheet pnp darlington transistors bcv26; bcv46 package outline unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 04-11-04 06-03-16 iec jedec jeita mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface-mounted package; 3 leads sot2 3
2004 jan 13 6 nxp semico nductors product data sheet pnp darlington transistors bcv26; bcv46 data sheet status notes 1. please consult the most recently issued document before initiating or completing a design. 2. the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest pr oduct status information is available on the internet at url http://www.nxp.com. document status (1) product status (2) definition objective data sheet development this document contains data from the objective specification for product development. preliminary data sheet qualification this document contains data from the preliminary specification. product data sheet production this document contains the product specification. disclaimers general ? information in this docu ment is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shal l have no liability for the consequences of use of such information. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, airc raft, space or life support equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for incl usion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are fo r illustrative purposes only. nxp semiconductors makes no representation or warranty that su ch applications will be suitable for the specified use without further testing or modification. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) may cause permanent damage to the device. limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the characteristics sections of this document is not implied. expo sure to limiting values for extended periods may af fect device reliability. terms and conditions of sale ? nxp semico nductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile /terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by nxp semiconductors. in case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. no offer to sell or license ? nothing in th is document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick refere nce data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
nxp semiconductors contact information for additional information please visit: http://www.nxp.com for sales offices addresses send e-mail to: salesaddresses@nxp.com ? nxp b.v. 2009 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liabilit y will be accepted by the publisher for any consequen ce of its use. publicat ion thereof d oes not con vey nor imply any license under patent- or other industrial or intellectual property rights. customer notification this data sheet was changed to reflect the new company name nxp semiconductors, including new legal definitions and disclaimers. no changes were made to the technical content, except for package outline drawings which were updated to the latest version. printed in the netherlands r75/05/pp7 date of release: 2004 jan 13 document order number: 9397 750 12401


▲Up To Search▲   

 
Price & Availability of BCV46-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X