Part Number Hot Search : 
M74HC132 H1043T 0B001 06000 BPC150 391B9 LM393DR2 470MC
Product Description
Full Text Search
 

To Download BA3210YSGC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsae8709 rev no: v.1 date: dec/21/2004 page: 1 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003894 package dimension s notes: 1. all dimensions are in millimeters (inches) . 2. tolerance is 0 .1(0.004") unless otherwise noted . 3.specifications are subject to change without notice . preliminary spe c 3.2x1.0mmright angle bi - color smd chip led lamp features  low power consumption.  3.2mmx1.0mm right angle smt led,1.5mm thickness.  wide viewing angle.  package : 2000pcs / reel. apBA3210YSGC yellow super bright green description the yellow source color devices are made with gallium arsenide phosphide on gallium phosphide yellow light emitting diode. the super bright green source color devices are made with gallium phosphide green light emitting diode.
spec no: dsae8709 rev no: v.1 date: dec/21/2004 page: 2 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003894 selection guid e part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 1/2 apBA3210YSGC yellow (gaasp/gap) 2.6 8 120 super bright green (gap) 4 12 water clear note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. symbol parameter device typ. max. units test conditions peak peak wavelength yellow super bright green 590 565 nm i f =20ma d dominant wavelength yellow super bright green 588 568 nm i f =20ma ? 1/2 spectral line half - width yellow super bright green 35 30 nm i f =20ma c capacitance yellow super bright green 20 15 pf v f =0v;f=1mhz v f forward voltage yellow super bright green 2.1 2.2 2.5 2.5 v i f =20ma i r reverse current all 10 ua v r = 5v parameter yellow super bright green units power dissipation 105 105 mw dc forward current 30 25 ma peak forward current [1] 140 140 ma operating/storage temperature - 40c to +85c reverse voltage 5 5 v
spec no: dsae8709 rev no: v.1 date: dec/21/2004 page: 3 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003894 apBA3210YSGC yellow
spec no: dsae8709 rev no: v.1 date: dec/21/2004 page: 4 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003894 super bright green
spec no: dsae8709 rev no: v.1 date: dec/21/2004 page: 5 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003894 recommended soldering pattern (units : mm ) tape specifications (units : mm ) apBA3210YSGC smt reflow soldering instruction s number of reflow process shall be 2 times or less and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of BA3210YSGC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X