Part Number Hot Search : 
HYAAM 42S32200 ZMM5254 ZMM5235B MDU1513 AD9780 100P06 FR85J02
Product Description
Full Text Search
 

To Download BA3210SURKCGKC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsae8706 rev no: v.1 date: dec/21/2004 page: 1 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003895 package dimension s notes: 1. all dimensions are in millimeters (inches) . 2. tolerance is 0 .1(0.004") unless otherwise noted . 3.specifications are subject to change without notice . preliminary spe c 3.2x1.0mmright angle bi - color smd chip led lamp features  low power consumption.  3.2mmx1.0mm right angle smt led,1.5mm thickness.  wide viewing angle.  package : 2000pcs / reel. description the hyper red source color devices are made with dh ingaalp on gaas substrate light emitting diode. the green source color devices are made with ingaalp on gaas substrate light emitting diode . apBA3210SURKCGKC hyper red green
spec no: dsae8706 rev no: v.1 date: dec/21/2004 page: 2 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003895 selection guid e part no. dice lens type iv (mcd) @ 20ma viewing angle min. typ. 2 1/2 apBA3210SURKCGKC hyper red (ingaalp) 110 200 120 green (ingaaip) 18 50 water clear note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value. electrical / optical characteristics at t a =25 c absolute maximum ratings at t a =25 c note: 1. 1/10 duty cycle, 0.1ms pulse width. symbol parameter device typ. max. units test conditions peak peak wavelength hyper red green 650 574 nm i f =20ma d dominant wavelength hyper red green 635 570 nm i f =20ma ? 1/2 spectral line half - width hyper red green 28 20 nm i f =20ma c capacitance hyper red green 35 15 pf v f =0v;f=1mhz v f forward voltage hyper red green 1.95 2.1 2.5 2.5 v i f =20ma i r reverse current all 10 ua v r = 5v parameter hyper red green units power dissipation 170 105 mw dc forward current 30 30 ma peak forward current [1] 185 150 ma operating/storage temperature - 40c to +85c reverse voltage 5 5 v
spec no: dsae8706 rev no: v.1 date: dec/21/2004 page: 3 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003895 apBA3210SURKCGKC hyper red
spec no: dsae8706 rev no: v.1 date: dec/21/2004 page: 4 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003895 green
spec no: dsae8706 rev no: v.1 date: dec/21/2004 page: 5 of 5 approved: j. lu checked: allen liu drawn: b.h.li erp: 1203003895 recommended soldering pattern (units : mm ) tape specifications (units : mm ) apBA3210SURKCGKC smt reflow soldering instruction s number of reflow process shall be 2 times or less and cooling process to normal temperature is required between first and second soldering process.


▲Up To Search▲   

 
Price & Availability of BA3210SURKCGKC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X