Part Number Hot Search : 
ALN2040 74FCT1 LH28F SRUDH ALN2040 FMBT1015 T493C336 02000
Product Description
Full Text Search
 

To Download AUIRFZ46NL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  

  
  s d g  www.irf.com 1 d 2 pak auirfz46ns to-262 AUIRFZ46NL gds gate drain source automotive grade features  advanced planar technology  low on-resistance  dynamic dv/dt rating  175c operating temperature  fast switching  fully avalanche rated  repetitive avalanche allowed up to tjmax  lead-free, rohs compliant  automotive qualified * specifically designed for automotive applications, this stripe planar design of hexfet? power mosfets utilizes the latest processing techniques to achieve low on-resistance per silicon area. this benefit combined with the fast switching speed and ruggedized device design that hexfet power mosfets are well known for, pro- vides the designer with an extremely efficient and reliable device for use in automotive and a wide variety of other applications. description absolute maximum ratings stresses beyond those listed under ?absolute maximum ratings? may cause permanent damage to the device. these are stress ratings only; and functional operation of the device at these or any other condition beyond those indicated in the specifications is not implied.exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. the thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. ambient temperature (t a ) is 25c, unless otherwise specified. hexfet ? is a registered trademark of international rectifier. * qualification standards can be found at http://www.irf.com/ parameter units i d @ t c = 25c continuous drain current, v gs @ 10v (silicon limited) i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) a i d @ t c = 25c continuous drain current, v gs @ 10v (package limited) i dm pulsed drain current  p d @t a = 25c power dissipation p d @t c = 25c power dissipation linear derating factor w/c v gs gate-to-source voltage v e as single pulse avalanche energy  mj i ar avalanche current  a e ar repetitive avalanche energy mj dv/dt peak diode recovery dv/dt  v/ns t j operating junction and t stg storage temperature range c soldering temperature, for 10 seconds thermal resistance parameter typ. max. units r 1.  ??? 40 20 5.0 28 11 -55 to + 175 c/w 300 (1.6mm from case ) w 152 107 max. 53  37 180 39 3.8 0.71 v (br)dss 55v r ds(on) max. 16.5m i d(silicon limited) 53a i d (package limited) 39a  

2 www.irf.com  repetitive rating; pulse width limited by max. junction temperature. ( see fig. 11 )  starting t j = 25c, l = 389  h, r g = 25
i as = 28a. (see figure 12)  i sd
28a, di/dt
220a/ s, v dd
v (br)dss , t j
175c.  pulse width 400 s; duty cycle
2%.  uses irfz46n data and test conditions.  this is a calculated value limited to tj = 175c.  calculated continuous current based on maximum allowable junction temperature. package limitation current is 39a. when mounted on 1" square pcb (fr-4 or g-10 material ). for recommended footprint and soldering techniques refer to application note #an-994.  s d g static electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units v (br)dss drain-to-source breakdown voltage 55 ??? ??? v . 0.0 1. .0 .0 1 a ??? ??? 250 i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) q g total gate charge ??? ??? 72 q gs gate-to-source charge ??? ??? 11 nc q gd gate-to-drain ("miller") charge ??? ??? 26 t d(on) turn-on delay time ??? 14 ??? t r rise time ???76??? t d(off) turn-off delay time ??? 52 ??? ns t f fall time ??? 57 ??? l d internal drain inductance between lead, nh 6mm (0.25in.) l s internal source inductance between lead, and center of die contact c iss input capacitance ??? 1696 ??? c oss output capacitance ??? 407 ??? c rss reverse transfer capacitance ??? 110 ??? ? = 1.0mhz, see fig.5 diode characteristics parameter min. typ. max. units i s continuous source current (body diode) a i sm pulsed source current (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 67 101 ns q rr reverse recovery charge ??? 208 312 nc t on forward turn-on time intrinsic turn-on time is negligible (turn-on is dominated by ls+ld) pf ??? mosfet symbol showing the ??? ??? ??? 53  180 ??? ??? ??? ??? 4.5 7.5 v gs = 10v, see fig.6 and 13  v dd = 28v i d = 28a r g = 12 t j = 25c, i s = 28a, v gs = 0v  t j = 25c, i f = 28a di/dt = 100a/ s  conditions v gs = 0v, i d = 250 a reference to 25c, i d = 1ma v gs = 10v, i d = 28a  v ds = v gs , i d = 250 a v ds = 55v, v gs = 0v v ds = 44v, v gs = 0v, t j = 150c integral reverse p-n junction diode. v ds = 25v, i d = 28a  i d = 28a v ds = 44v conditions r d = 0.98 , see fig. 10  v gs = 0v v ds = 25v v gs = 20v v gs = -20v m

www.irf.com 3 ? qualification standards can be found at international rectifier?s web site: http//www.irf.com/ ?? exceptions to aec-q101 requirements are noted in the qualification report. qualification information ? 3l-d2 pak msl1 3l-to-262 n/a charged device model class c5(+/- 2000v ) (per aec-q101-005) moisture sensitivity level qualification level automotive (per aec-q101) ?? comments: this part number(s) passed automotive qualification. ir?s industrial and consumer qualification level is granted by extension of the higher automotive level. rohs compliant yes esd machine model class m3(+/- 400v ) (per aec-q101-002) human body model class h1b(+/- 1000v ) (per aec-q101-001)

4 www.irf.com  
     

   1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20 s pulse width t = 25c c a 4.5v 1 10 100 1000 0.1 1 10 100 4.5v i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20 s pulse width t = 175c c a 0.0 0.5 1.0 1.5 2.0 2.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 46a d 1 10 100 1000 45678910 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) t = 175c j a v = 25v 20 s pulse width ds       !"
  
 
    

  

 

www.irf.com 5   
#    $%!&   
  !"   #!&   '( #  &)  
*&!"  *#!& 0 4 8 12 16 20 0 102030405060 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 44v v = 28v i = 28a d ds ds 1 10 100 1000 0.4 0.8 1.2 1.6 2.0 2.4 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10 s 100 s 1ms 10ms a t = 25c t = 175c single pulse c j 0 400 800 1200 1600 2000 2400 2800 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss

6 www.irf.com  '(  !" 
   #%  &

   v ds 90% 10% v gs t d(on) t r t d(off) t f  #%  &
+,  '( - ,
 
. /0  0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 t c , case temperature (c) 0 10 20 30 40 50 60 i d , d r a i n c u r r e n t ( a ) limited by package   

1  

0.1 %          + -  

www.irf.com 7 
 1 . ,
   
 1 . ,+,  2 *&+, t p v ds i as v dd v (br)dss d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  *&
   
 '( ),-& !"  0 100 200 300 400 500 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 11a 20a bottom 28a dd d v ds l d.u.t. v dd i as t p 0.01 r g + - 
 q g q gs q gd v g charge 34!

8 www.irf.com 
  

    $5-6$-
# 7 + - + + + - - -        ? 


  ? !
"#$
 %
#"
  ? & 


'
(#
)) ?  
*
!

" 
!'!
+# '
"!#!" ?
+,
-#
&'#
? .'
/#
? +,
+#0#1
&'#
'
#"2$  p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period 7
 


2
+1!
+
!"

www.irf.com 9    
 
      
   

 

 
   
         
     8   9 . 8&   :;: ++;+<+< );) ,/8$

10 www.irf.com to-262 part marking information to-262 package outline ( dimensions are shown in millimeters (inches))  
         
     8   9 . 8&   :;: ++;+<+< );) ,/8$

www.irf.com 11   !" #$ 
 dimensions are shown in millimeters (inches) 3 4 4 trr feed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl feed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge.

12 www.irf.com ordering information base part package type standard pack complete part number form quantity AUIRFZ46NL to-262 tube 50 AUIRFZ46NL auirfz46ns d2pak tube 50 auirfz46ns tape and reel left 800 auirfz46nstrl tape and reel right 800 auirfz46nstrr

www.irf.com 13 important notice unless specifically designated for the automotive market, international rectifier corporation and its subsidiaries (ir) reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its products and services at any time and to discontinue any product or services without notice. part numbers designated with the ?au? prefix follow automotive industry and / or customer specific requirements with regards to product discontinuance and process change notification. all products are sold subject to ir?s terms and conditions of sale supplied at the time of order acknowledgment. ir warrants performance of its hardware products to the specifications applicable at the time of sale in accordance with ir?s standard warranty. testing and other quality control techniques are used to the extent ir deems necessary to support this warranty. except where mandated by government requirements, testing of all parameters of each product is not necessarily performed. ir assumes no liability for applications assistance or customer product design. customers are responsible for their products and applications using ir components. to minimize the risks with customer products and applications, customers should provide adequate design and operating safeguards. reproduction of ir information in ir data books or data sheets is permissible only if reproduction is without alteration and is accompanied by all associated warranties, conditions, limitations, and notices. reproduction of this information with alterations is an unfair and deceptive business practice. ir is not responsible or liable for such altered documentation. information of third parties may be subject to additional restrictions. resale of ir products or serviced with statements different from or beyond the parameters stated by ir for that product or service voids all express and any implied warranties for the associated ir product or service and is an unfair and deceptive business practice. ir is not responsible or liable for any such statements. ir products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or in any other application in which the failure of the ir product could create a situation where personal injury or death may occur. should buyer purchase or use ir products for any such unintended or unauthorized application, buyer shall indemnify and hold international rectifier and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that ir was negligent regarding the design or manufacture of the product. only products certified as military grade by the defense logistics agency (dla) of the us department of defense, are designed and manufactured to meet dla military specifications required by certain military, aerospace or other applications. buyers acknowledge and agree that any use of ir products not certified by dla as military-grade, in applications requiring military grade products, is solely at the buyer?s own risk and that they are solely responsible for compliance with all legal and regulatory requirements in connection with such use. ir products are neither designed nor intended for use in automotive applications or environments unless the specific ir products are designated by ir as compliant with iso/ts 16949 requirements and bear a part number including the designation ?au?. buyers acknowledge and agree that, if they use any non-designated products in automotive applications, ir will not be responsible for any failure to meet such requirements. for technical support, please contact ir?s technical assistance center http://www.irf.com/technical-info/ world headquarters: 101 n. sepulveda blvd., el segundo, california 90245 tel: (310) 252-7105


▲Up To Search▲   

 
Price & Availability of AUIRFZ46NL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X