Part Number Hot Search : 
60000 FM350 SB150 F1020 PSB2134 M6GZ47 2SC2925R IC165
Product Description
Full Text Search
 

To Download APM9946KC-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d u a l n - c h a n n e l e n h a n c e m e n t m o d e m o s f e t c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . a p m 9 9 4 6 k f e a t u r e s a p p l i c a t i o n s p i n d e s c r i p t i o n o r d e r i n g a n d m a r k i n g i n f o r m a t i o n n - c h a n n e l m o s f e t 6 0 v / 5 a , r d s ( o n ) = 3 8 m w ( t y p . ) @ v g s = 1 0 v r d s ( o n ) = 5 5 m w ( t y p . ) @ v g s = 4 . 5 v s u p e r h i g h d e n s e c e l l d e s i g n r e l i a b l e a n d r u g g e d l e a d f r e e a n d g r e e n d e v i c e s a v a i l a b l e ( r o h s c o m p l i a n t ) t o p v i e w o f s o p - 8 power management in dc/dc converter, dc/ac inverter systems. g1 s1 d1 d1 (8) (7) (2) (1) g2 s2 d2 d2 (6) (5) (4) (3) n o t e : a n p e c l e a d - f r e e p r o d u c t s c o n t a i n m o l d i n g c o m p o u n d s / d i e a t t a c h m a t e r i a l s a n d 1 0 0 % m a t t e t i n p l a t e t e r m i n a - t i o n f i n i s h ; w h i c h a r e f u l l y c o m p l i a n t w i t h r o h s . a n p e c l e a d - f r e e p r o d u c t s m e e t o r e x c e e d t h e l e a d - f r e e r e q u i r e m e n t s o f i p c / j e d e c j - s t d - 0 2 0 c f o r m s l c l a s s i f i c a t i o n a t l e a d - f r e e p e a k r e f l o w t e m p e r a t u r e . a n p e c d e f i n e s ? g r e e n ? t o m e a n l e a d - f r e e ( r o h s c o m p l i a n t ) a n d h a l o g e n f r e e ( b r o r c l d o e s n o t e x c e e d 9 0 0 p p m b y w e i g h t i n h o m o g e n e o u s m a t e r i a l a n d t o t a l o f b r a n d c l d o e s n o t e x c e e d 1 5 0 0 p p m b y w e i g h t ) . s1 g1 s2 g2 d1 d1 d2 d2 apm9946 handling code temperature range package code package code k : sop-8 operating junction temperature range c : -55 to 150 o c handling code tr : tape & reel assembly material g : halogen and lead free device apm9946 k : apm9946 xxxxx xxxxx - date code assembly material
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 2 a p m 9 9 4 6 k a b s o l u t e m a x i m u m r a t i n g s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) e l e c t r i c a l c h a r a c t e r i s t i c s ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) symbol parameter rating unit v dss drain - source voltage 60 v gss gate - source voltage 25 v i d * continuous drain current 5 i dm * pulsed drain current v gs =10v 20 a i s * diode continuous forward current 2.5 a t j maximum junction temperature 150 t stg storage temperature range - 55 to 150 c t a =25 c 2 p d * maximum power dissipation t a =100 c 0.8 w r q ja * thermal resistance - junction to ambient 62.5 c / w note : *surface mounted on 1in 2 pad area, t 10 sec. apm9946 k symbol parameter test condition s min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds =250 m a 60 - - v v ds =48v, v gs =0v - - 1 i dss zero gate voltage drain current t j = 8 5 c - - 30 m a v gs(th) gate th reshold voltage v ds =v gs , i ds =250 m a 1 2 3 v i gss gate leakage current v gs =20v, v ds =0v - - 100 na v gs = 10 v, i ds =5a - 38 52 r ds(on) a drain - source on - state resistance v gs = 4.5 v, i ds =4a - 55 75 m w v sd a diode forward voltage i sd = 2 a, v gs =0v - 0.8 1.1 v g ate charge characteristics b q g total gate charge - 19 27 q gs gate - source charge - 3.6 - q gd gate - drain charge v ds =30v, v gs = 10 v, i d s =5a - 5 - nc
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 3 a p m 9 9 4 6 k e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) ( t a = 2 5 c u n l e s s o t h e r w i s e n o t e d ) apm9946 k symbol parameter test condition s min. typ. max. unit dynamic characteristics b r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz - 1.1 - w c iss input capacitance - 970 - c oss output capacitance - 70 - c rss re verse transfer capacitance v gs =0v, v ds = 30 v, f requency =1.0mhz - 45 - pf t d(on) turn - on delay time - 9 17 t r turn - o n rise time - 8 15 t d(off) turn - o ff delay time - 25 46 t f turn - o ff fall time v dd =30v, r l =30 w , i d s = 1 a, v gen = 10v , r g = 6 w - 5 10 ns t rr reverse recovery time - 24 - n s q rr reverse recovery charge i sd =5a, di sd / dt =10 0a/ m s - 26 - n c note a : pulse test ; pulse width 3 00 m s, duty cycle 2% . note b : guaranteed by design, not subject to production testing .
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 4 a p m 9 9 4 6 k t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s i d - drain current (a) d r a i n c u r r e n t t j - j u n c t i o n t e m p e r a t u r e ( c ) s a f e o p e r a t i o n a r e a v d s - d r a i n - s o u r c e v o l t a g e ( v ) t h e r m a l t r a n s i e n t i m p e d a n c e s q u a r e w a v e p u l s e d u r a t i o n ( s e c ) p o w e r d i s s i p a t i o n p tot - power (w) t j - j u n c t i o n t e m p e r a t u r e ( c ) i d - drain current (a) normalized transient thermal resistance 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 0 20 40 60 80 100 120 140 160 0 1 2 3 4 5 6 t a =25 o c,v g =10v 0.01 0.1 1 10 100 300 0.01 0.1 1 10 50 300 m s rds(on) limit 1s t a =25 o c 10ms 100ms dc 1ms 1e-4 1e-3 0.01 0.1 1 10 30 1e-3 0.01 0.1 1 2 mounted on 1in 2 pad r q ja :62.5 o c/w 0.01 0.02 0.05 0.1 0.2 single pulse duty = 0.5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 5 a p m 9 9 4 6 k r ds(on) - on - resistance (m w ) d r a i n - s o u r c e o n r e s i s t a n c e i d - d r a i n c u r r e n t ( a ) t j - j u n c t i o n t e m p e r a t u r e ( c ) g a t e t h r e s h o l d v o l t a g e v d s - d r a i n - s o u r c e v o l t a g e ( v ) i d - drain current (a) o u t p u t c h a r a c t e r i s t i c s d r a i n - s o u r c e o n r e s i s t a n c e v g s - g a t e - s o u r c e v o l t a g e ( v ) r ds(on) - on - resistance (m w ) normalized threshold voltage 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0 2 4 6 8 10 12 14 16 18 20 3.5v 4v 3v v gs = 4.5,5,6,7,8,9,10v 0 4 8 12 16 20 10 20 30 40 50 60 70 80 90 100 v gs = 4.5v v gs =10v 1 2 3 4 5 6 7 8 9 10 30 35 40 45 50 55 60 65 70 75 80 i d =5a -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 i ds =250 m a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 6 a p m 9 9 4 6 k v d s - d r a i n - s o u r c e v o l t a g e ( v ) d r a i n - s o u r c e o n r e s i s t a n c e normalized on resistance t j - j u n c t i o n t e m p e r a t u r e ( c ) c - capacitance (pf) v s d - s o u r c e - d r a i n v o l t a g e ( v ) s o u r c e - d r a i n d i o d e f o r w a r d i s - source current (a) c a p a c i t a n c e g a t e c h a r g e q g - g a t e c h a r g e ( n c ) v gs - gate - source voltage (v) -50 -25 0 25 50 75 100 125 150 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 r on @t j =25 o c: 38m w v gs = 10v i ds = 5a 0.0 0.3 0.6 0.9 1.2 1.5 0.1 1 10 20 t j =25 o c t j =150 o c 0 5 10 15 20 25 30 0 200 400 600 800 1000 1200 1400 frequency=1mhz crss coss ciss 0 4 8 12 16 20 0 1 2 3 4 5 6 7 8 9 10 v ds =30v i ds = 5a t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s ( c o n t . )
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 7 a p m 9 9 4 6 k p a c k a g e i n f o r m a t i o n s o p - 8 s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 d e e e 1 see view a c b h x 4 5 a a 1 a 2 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 8 a p m 9 9 4 6 k application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm) c a r r i e r t a p e & r e e l d i m e n s i o n s h t1 a d a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 d e v i c e s p e r u n i t package type unit quantity sop - 8 tape & reel 2500
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 9 a p m 9 9 4 6 k t a p i n g d i r e c t i o n i n f o r m a t i o n s o p - 8 user direction of feed c l a s s i f i c a t i o n p r o f i l e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 0 a p m 9 9 4 6 k profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spec ified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined a s a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. c l a s s i f i c a t i o n r e f l o w p r o f i l e s table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ 125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 2 - m a r . , 2 0 0 9 w w w . a n p e c . c o m . t w 1 1 a p m 9 9 4 6 k c u s t o m e r s e r v i c e anpec electronics corp. head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 taipei branch : 2f, no. 11, lane 218, sec 2 jhongsing rd., sindain city, taipei county 23146, taiwan tel : 886-2-2910-3838 fax : 886-2-2917-3838


▲Up To Search▲   

 
Price & Availability of APM9946KC-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X