Part Number Hot Search : 
BZG4748 BC858C GS78L05 MIC5207 MAX10 2N3055 GBU10005 E28F800
Product Description
Full Text Search
 

To Download AP2301AGN-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  simple drive requirement bv dss -20v small package outline r ds(on) 97m surface mount device i d - 3.3a rohs compliant & halogen-free description absolute maximum ratings symbol units v ds v v gs v i d @t a =25 a i d @t a =70 a i dm a p d @t a =25 w t stg t j symbol value unit rthj-a maximum thermal resistance, junction-ambient 3 90 /w -55 to 150 1.38 -55 to 150 parameter drain-source voltage gate-source voltage continuous drain current 3 , v gs @ 4.5v thermal data parameter total power dissipation operating junction temperature range storage temperature range continuous drain current 3 , v gs @ 4.5v -2.7 pulsed drain current 1 -15 AP2301AGN-HF rating - 20 + 8 -3.3 advanced power mosfets from apec provide the designer with the best combination of fast switching,low on-resistance and cost-effectiveness. the sot-23 package is widely preferred for commercial-industrial surface mount applications and suited for low voltage applications such as dc/dc converters. g d s d g s sot-23 product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
ap2301agn-h f electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =-250ua -20 - - v r ds(on) static drain-source on-resistance 2 v gs =-4.5v, i d =-3a - - 97 m v gs =-2.5v, i d =-2.6a - - 130 m v gs(th) gate threshold voltage v ds =v gs , i d =-250ua -0.3 - -1 v g fs forward transconductance v ds =-5v, i d =-3a - 10 - s i dss drain-source leakage current v ds =-16v, v gs =0v - - -10 ua i gss gate-source leakage v gs = + 8v, v ds =0v - - + 100 na q g total gate charge i d =-3a - 8.5 21 nc q gs gate-source charge v ds =-10v - 1.2 - nc q gd gate-drain ("miller") charge v gs =-4.5v - 3 - nc t d(on) turn-on delay time v ds =-10v - 10 - ns t r rise time i d =-1a - 20 - ns t d(off) turn-off delay time r g =3.3 -27- ns t f fall time v gs =-5v - 22 - ns c iss input capacitance v gs =0v - 660 1470 pf c oss output capacitance v ds =-10v - 135 pf c rss reverse transfer capacitance f=1.0mhz - 120 - pf r g gate resistance f=1.0mhz - 7.2 - source-drain diode symbol parameter test conditions min. typ. max. units v sd forward on voltage 2 i s =-0.8a, v gs =0v - - -1.2 v t rr reverse recovery time i s =-3a, v gs =0v, - 24 - ns q rr reverse recovery charge di/dt=100a/s - 11 - nc product specification 2 of 2 sales@twtysemi.com http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of AP2301AGN-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X