Part Number Hot Search : 
4AC14 1N4763 FN4465 MAX3232E 1A000 100MR SQM10 SM8224
Product Description
Full Text Search
 

To Download AP01L60H10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  advanced power n-channel enhancement mode electronics corp. power mosfet 100% avalanche test bv dss 600v fast switching characteristics r ds(on) 12 simple drive requirement i d 1a description absolute maximum ratings symbol units v ds drain-source voltage v v gs gate-source voltage v i d @t c =25 continuous drain current, v gs @ 10v a i d @t c =100 continuous drain current, v gs @ 10v a i dm pulsed drain current 1 a p d @t c =25 total power dissipation w w/ e as single pulse avalanche energy 2 mj i ar avalanche current a e ar repetitive avalanche energy mj t stg t j operating junction temperature range thermal data symbol value units rthj-c maximum thermal resistance, junction-case 4.3 /w rthj-a 62.5 /w rthj-a maximum thermal resistance, junction-ambient 110 /w data & specifications subject to change without notice 201010134 1 storage temperature range -55 to 150 maximum thermal resistance, junction-ambient (pcb mount) 4 3 29 linear derating factor 0.232 + 30 1 0.8 ap01l60h/j 0.5 rating 600 rohs-compliant product -55 to 150 parameter 1 0.5 parameter the to-252 package is widely preferred for commercial-industrial surface mount applications and suited for ac/dc converters. the through-hole version (ap01l60j) is available for low-profile applications. g d s to-251(j) g d s to-252(h) g d s
electrical characteristics@t j =25 o c(unless otherwise specified) symbol parameter test conditions min. typ. max. units bv dss drain-source breakdown voltage v gs =0v, i d =1ma 600 - - v ? bv dss / ? t j breakdown voltage temperature coefficient reference to 25 , i d =1ma - 0.8 - v/ r ds(on) static drain-source on-resistance 3 v gs =10v, i d =0.5a - - 12 v gs(th) gate threshold voltage v ds =v gs , i d =250ua 2 - 4 v g fs forward transconductance v ds =10v, i d =0.5a - 0.8 - s i dss drain-source leakage current v ds =600v, v gs =0v - - 10 ua drain-source leakage current (t j =125 o c) v ds =480v , v gs =0v - - 100 ua i gss gate-source leakage v gs =+ 30v, v ds =0v - - + 100 na q g total gate charge 3 i d =1a - 4.0 - nc q gs gate-source charge v ds =480v - 1.0 - nc q gd gate-drain ("miller") charge v gs =10v - 1.1 - nc t d(on) turn-on delay time 3 v dd =300v - 6.6 - ns t r rise time i d =1a - 5.0 - ns t d(off) turn-off delay time r g =3.3 ? ,v gs =10v - 11.7 - ns t f fall time r d =300 ? - 9.2 - ns c iss input capacitance v gs =0v - 170 - pf c oss output capacitance v ds =25v - 30.7 - pf c rss reverse transfer capacitance f=1.0mhz - 5.1 - pf source-drain diode symbol parameter test conditions min. typ. max. units i s continuous source current ( body diode ) v d =v g =0v , v s =1.2v - - 1 a i sm pulsed source current ( body diode ) 1 --5 a v sd forward on voltage 3 t j =25 , i s =1a, v gs =0v - - 1.2 v notes: 1.pulse width limited by max. junction temperature. 2.starting t j =25 o c , v dd =50v , l=1.0mh , r g =25 ? , i as =1.0a. 3.pulse test this product is sensitive to electrostatic discharge, please handle with caution. use of this product as a critical component in life support or other similar systems is not authorized. apec does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. apec reserves the right to make changes without further notice to any products herein to improve reliability, function or design. ap01l60h/j 4.surface mounted on 1 in 2 copper pad of fr4 board 2
ap01l60h/j fig 1. typical output characteristics fig 2. typical output characteristics fig 3. normalized bv dss v.s. junction fig 4. normalized on-resistance temperature v.s. junction temperature fi g 5. forward characteristic o f fig 6. gate threshold voltage v.s. reverse diode junction temperature 3 0.5 0.7 0.9 1.1 1.3 1.5 -50 0 50 100 150 t j , junction temperature ( o c) normalized bv dss (v) 0 1 2 3 -50 0 50 100 150 t j , junction temperature ( o c ) normalized r ds(on) i d =0.5a v g =10v 0.0 0.5 1.0 1.5 0 122436 v ds , drain-to-source voltage (v) i d , drain current (a) t c =25 o c 10v 6.0v 5.5v 5.0v v g =4.5v 0.0 0.3 0.5 0.8 1.0 010203040 v ds , drain-to-source voltage (v) i d , drain current (a) t c =150 o c 10v 5.0v 4.5v v g =4.0v 0.01 0.1 1 10 0 0.2 0.4 0.6 0.8 1 1.2 v sd , source-to-drain voltage (v) i s (a) t j = 150 o c t j = 25 o c 2.0 2.5 3.0 3.5 -50 -25 0 25 50 75 100 125 150 t j , junction temperature ( o c ) v gs(th) (v)
ap01l60h/j fig 7. gate charge characteristics fig 8. typical capacitance characteristics fig 9. maximum safe operating area fig 10. effective transient thermal impedance fig 11. switching time waveform fig 12. gate charge waveform 4 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 t , pulse width (s) normalized thermal response (r thjc ) p dm duty factor = t/t peak t j = p dm x r thjc + t c t t 0.02 0.01 0.05 0.1 0.2 duty factor=0.5 single pulse 0 4 8 12 16 0 1.5 3 4.5 6 q g , total gate charge (nc) v gs , gate to source voltage (v) i d =1a v ds =480v 1 10 100 1000 1 5 9 13 17 21 25 29 v ds , drain-to-source voltage (v) c (pf) f =1.0mh z c iss c oss c rss q v g 10v q gs q gd q g charge t d(on) t r t d(off) t f v ds v gs 10% 90% 0.01 0.1 1 10 10 100 1000 v ds , drain-to-source voltage (v) i d (a) t c =25 o c single pulse 100us 1ms 10ms 100ms dc


▲Up To Search▲   

 
Price & Availability of AP01L60H10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X