Part Number Hot Search : 
LCDA12 015020 74VHC1G MSA0285 150NJ 00M16 VTA640 HE83146
Product Description
Full Text Search
 

To Download AHN12005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t ordering information relay for control panel of 1c 10a, 2c 5a and 1a 16a hn relays (ahn) vde rohs compliant features 1. slim and compact size 20% smaller (width and height) than existing model* (with the condition of screw terminal socket for din rail) *compared with our hc/hj relay. 2. high-capacity max. switching current: 16 a (for 1 form c type at ac load) highly reliable contact (for 2 form c type). 3. environmentally friendly cadmium-free contacts and lead-free solder are used. 4. slim screw terminal socket and pc board terminal socket utilizes relay-securing hook for easy relay removal. one-touch relay removal possible. te r minal sockets with ?ger protect function available. 5. full lineup we added a tm type that can be built into devices. typical applications control panels po wer supply units molding machines machine tools welding equipment agricultural equipment of?e equipment vending machines communications equipment amusement machines, etc. hn relays contact arrangement 1: 1 form c 2: 2 form c 3: 1 form a (tm type only) ahn terminal arrangement 1: ac plug-in type 2: dc plug-in type 5: ac tm type 6: dc tm type nominal coil voltage 05: x0: x1: y0: y2: 5 v, 06: 6 v, 12: 12 v, 24: 24 v, 48: 48 v 100/110 v ac, 100 v dc 110/120 v ac, 110 v dc 200/220 v ac 220/240 v ac type n: nil: new 2 form c type 1 form c type, 1 form a type type classification 0: standard 1: with led indication 2: with diode 3: with diode and led indication note: certified by ul/c-ul and vde (please consult us for vde approved tm type.)
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t types 5. tm type standard packing: carton: 50 pcs.; case: 500 pcs. * for sockets and terminal sockets, see page 50. nominal coil voltage 1 form a part no. 5v dc ahn36005 6v dc ahn36006 12v dc ahn36012 24v dc ahn36024 48v dc ahn36048 100v dc ahn360x0 110v dc ahn360x1 12v ac ahn35012 24v ac ahn35024 100/110v ac ahn350x0 110/120v ac ahn350x1 200/220v ac ahn350y0 220/240v ac ahn350y2 1. plug-in type standard packing: carton: 50 pcs.; case: 500 pcs. 2. plug-in type (with led indication) standard packing: carton: 50 pcs.; case: 500 pcs. nominal coil voltage 1 form c 2 form c part no. part no. 5v dc AHN12005 ahn22005n 6v dc ahn12006 ahn22006n 12v dc ahn12012 ahn22012n 24v dc ahn12024 ahn22024n 48v dc ahn12048 ahn22048n 100v dc ahn120x0 ahn220x0n 110v dc ahn120x1 ahn220x1n 12v ac ahn11012 ahn21012n 24v ac ahn11024 ahn21024n 100/110v ac ahn110x0 ahn210x0n 110/120v ac ahn110x1 ahn210x1n 200/220v ac ahn110y0 ahn210y0n 220/240v ac ahn110y2 ahn210y2n nominal coil voltage 1 form c 2 form c part no. part no. 5v dc ahn12105 ahn22105n 6v dc ahn12106 ahn22106n 12v dc ahn12112 ahn22112n 24v dc ahn12124 ahn22124n 48v dc ahn12148 ahn22148n 100v dc ahn121x0 ahn221x0n 110v dc ahn121x1 ahn221x1n 12v ac ahn11112 ahn21112n 24v ac ahn11124 ahn21124n 100/110v ac ahn111x0 ahn211x0n 110/120v ac ahn111x1 ahn211x1n 200/220v ac ahn111y0 ahn211y0n 220/240v ac ahn111y2 ahn211y2n 3. plug-in type (with diode) standard packing: carton: 50 pcs.; case: 500 pcs. 4. plug-in type (with diode and led indication) standard packing: carton: 50 pcs.; case: 500 pcs. nominal coil voltage 1 form c 2 form c part no. part no. 5v dc ahn12205 ahn22205n 6v dc ahn12206 ahn22206n 12v dc ahn12212 ahn22212n 24v dc ahn12224 ahn22224n 48v dc ahn12248 ahn22248n 100v dc ahn122x0 ahn222x0n 110v dc ahn122x1 ahn222x1n nominal coil voltage 1 form c 2 form c part no. part no. 5v dc ahn12305 ahn22305n 6v dc ahn12306 ahn22306n 12v dc ahn12312 ahn22312n 24v dc ahn12324 ahn22324n 48v dc ahn12348 ahn22348n 100v dc ahn123x0 ahn223x0n 110v dc ahn123x1 ahn223x1n
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t rating 1. coil data 1) dc coils 2) ac coils (50/60hz) 2. speci?ations (plug-in standard type and tm type) notes: *1. this value can change due to the switching frequency, environmental conditions and desired reliability level, therefore it is recommended to check this with the actual load. *2. for the ac coil types, the operate/release time will differ depending on the phase. *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. nominal coil voltage pick-up voltage (at 20 c 68f) drop-out voltage (at 20 c 68f) nominal coil current [20%] coil resistance (at 20 c 68f) nominal operating power max. applied voltage (at 20 c 68f) 5v dc 70%v or less of nominal voltage (initial) 15%v or more of nominal voltage (initial) 106.4ma 47 ? [10%] 0.53w 170%v of nominal voltage 6v dc 88.2ma 68 ? [10%] 12v dc 44.4ma 270 ? [10%] 24v dc 22.0ma 1,090 ? [10%] 48v dc 11.0ma 4,350 ? [10%] 100v dc 5.3ma 18,870 ? [10%] 110v dc 4.8ma 22,830 ? [10%] nominal coil voltage pick-up voltage (at 20 c 68f) drop-out voltage (at 20 c 68f) nominal coil current [ 20%] nominal operating power max. applied voltage (at 20 c 68f) 50hz 60hz 50hz 60hz 12v ac 80%v or less of nominal voltage (initial) 30%v or more of nominal voltage (initial) 93ma 75ma approx. 1.1 to 1.4 v a approx. 0.9 to 1.2 v a 140%v of nominal voltage 24v ac 46.5ma 37.5ma 100/110v ac 11.0/13.0ma 9.0/10.6ma 110/120v ac 10.0/11.8ma 8.2/9.7ma 200/220v ac 5.5/6.5ma 4.5/5.3ma 220/240v ac 5.0/5.9ma 4.1/4.8ma characteristics item speci?ations contact arrangement 1 form c 2 form c 1 form a (tm type) contact resistance (initial) max. 100 m ? (by voltage drop 6 v dc 1a) max. 50 m ? (by voltage drop 6 v dc 1a) max. 100 m ? (by voltage drop 6 v dc 1a) contact material agsno 2 type agni type agsno 2 type rating nominal switching capacity (resistive load) 10a 250v ac, 10a 30v dc 5a 250v ac, 5a 30v dc 16a 250v ac, 16a 30v dc max. switching power (resistive load) 4,000va, 300w 1,250va, 150w 4,000va, 480w max. switching voltage 250v ac, 30v dc max. switching current 16a (at ac load), 10a (at dc load) 5a 16a nominal operating power 0.53w, 0.9va min. switching capacity (reference value)* 1 100ma 5v dc 1ma 1v dc 100ma 5v dc electrical characteristics insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1min. (detection current: 10ma.) between contact sets 3,000 vrms for 1min. (detection current: 10ma.) between contact and coil 5,000 vrms for 1min. (detection current: 10ma.) temperature rise (coil) (at 70 c 158 f) max. 60 c 140 f (by resistive method, nominal coil voltage) operate time (at 20 c 68f)* 2 max. 15ms (nominal coil voltage applied to the coil, excluding contact bounce time.) release time (at 20 c 68f)* 2 max. 5ms (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)/max. 20ms (with diode) mechanical characteristics shock resistance functional min. 100 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 1,000 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 1.5 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 1.5 mm expected life mechanical ac: min. 10 7 ; dc: min. 2 10 7 (at 300 times/min.) electrical (at nominal switching capacity) min. 10 5 (at 20 times/min.) min. 10 5 (at 10 times/min.) conditions conditions for operation, transport and storage* 3 (not freezing and condensing at low temperature) ambient temperature: ?0 c to +70 c ?0 f to +158 f humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) 10 times/min. (at nominal switching capacity) unit weight approx. 19 g .67 oz approx. 17 g .60 oz approx. 19 g .67 oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t reference data dimensions (mm inch) 1-(1). max. switching capacity (1 form c and 1 form a) 1-(2). max. switching capacity (2 form c) 2-(1). coil temperature rise (1 form c/ac and 1 form a/ac types) measured portion: inside the coil ambient temperature: 70 c 158 f 10 5020 30 100 250 100 50 30 20 16 10 5 1 0.5 1 form a and 1 form c types ac resistive load 1 form c type dc resistive load 1 form a type dc resistive load contact current, a contact voltage, v 10 5 1 0.5 0.4 0.3 0.2 10 5020 30 100 250 contact voltage, v contact current, a ac resistive load dc resistive load 80 90 100 110 140 120 130 0 20 40 60 80 100 120 coil applied voltage, %v 16a 0a temperature rise, c 2-(2). coil temperature rise (1 form c/dc and 1 form a/dc types) measured portion: inside the coil ambient temperature: 70 c 158 f 2-(3). coil temperature rise (2 form c/ac type) measured portion: inside the coil ambient temperature: 70 c 158 f 2-(4). coil temperature rise (2 form c/dc type) measured portion: inside the coil ambient temperature: 70 c 158 f 80 90 100 110 140 120 130 0 10 30 20 40 50 60 70 coil applied voltage, %v 16a 0a temperature rise, c 80 90 100 110 140 120 130 0 20 40 60 80 100 120 coil applied voltage, %v temperature rise, c 5a 0a 80 90 100 110 140 120 130 0 10 30 20 40 50 60 70 coil applied voltage, %v 5a 0a temperature rise, c the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. plug-in type 1 form c external dimensions 4.75 0.5 4.7 7.5 17.5 5.2 5.2 max. 13 max. 29 max. 29 5.3 0.5 .187 .020 .185 .295 .689 .205 .205 max. .512 max. 1.142 max. 1.142 .209 .020 schematic (bottom view) standard type 5243 1 with led ac type with diode type with led dc type with diode and led type 5243 1 5243 1 1 342 5 1 342 5 cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: t oler ance 0.1 .004 0.2 .008 0.3 .012
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t safety standards * csa standard: certi?d by c-ul ** please consult us. file no. certi?ation authority: ul/c-ul file no. certi?ation authority: vde 1 form c e43149* 10a 277v ac, 10a 30v dc 40012003 10a 250v ac (cos =1.0), 10a 30v dc (0ms) 2 form c e43149* 5a 277v ac, 5a 30v dc 40012003 5a 250v ac (cos =1.0), 5a 30v dc (0ms) 1 form a (tm type) e43149* 16a 277v ac, 16a 30v dc, tv-5 ** 2. plug-in type 2 form c external dimensions 19.4 7.5 max. 28 max. 29 max. 13 6 8.9 0.5 0.5 2.6 2.6 55 .764 .295 max. 1.102 max. 1.142 max. .512 .236 .020 .020 .102 .102 .197 .197 .350 schematic (bottom view) standard type 3 87 6 5 4 21 with led ac type with diode type with led dc type with diode and led type 12 4 5678 3 12 4 5678 3 12 4 5678 3 12 4 5678 3 cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: t oler ance 0.1 .004 0.2 .008 0.3 .012 3. tm type 1 form a external dimensions 3 4 2 15 #187 tab terminal 8.5 17.5 7.5 max. 30 max. 45 max. 13 max. 29 0.5 2.5 3.7 5.2 0.5 4.75 4.75 .335 .389 .295 max. 1.181 max. 1.772 max. .512 max. 1.142 .020 .098 .146 .205 .020 .187 .187 notes: 1. when mounting the tm type, since the cover is made from polycarbonate, please use a washer in order to prevent damage, deformation, and loosening. 2. suitable tightening torque is 0.3 to 0.5 n?. schematic mounting hole dimensions 1 5 43 38 2-m3 or 2-3.5 dia. 1.496 2-.118 or 2-.138 dia. cad data dimension: less than 1mm .039inch: min. 1mm .039inch less than 3mm .118 inch: min. 3mm .118 inch: t oler ance 0.1 .004 0.2 .008 0.3 .012
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ hn (ahn) asctb5e 201212-t notes 1. coil applied voltage to ensure proper operation, the voltage applied to both terminals of the coil should be 5% (at 20 c 68f ) the rated operating voltage of the coil. also, be aware that the pick-up and drop- out voltages will ?ctuate depending on the ambient temperature and operating conditions. 2. led indications the light of the light emitting diode is what displays operation. if voltage remains after relay dropout, the led might illuminate brie?. 3. switching lifetime the switching lifetime is de?ed under the standard test condition speci?d in the jis c 5442(*2) standard (temperature 15 to 35 c 59 to 95 f , humidity 25 to 75% r.h.). check this with the real device as it is affected by coil driving circuit, load type, activation frequency, activation phase,ambient conditions and other factors. also, be especially careful of loads such as those listed below. 1) when used for ac load-operating and the operating phase is synchronous. rocking and fusing can easily occur due to contact shifting. 2) high-frequency load-operating when high-frequency opening and closing of the relay is performed with a load that causes arcs at the contacts, nitrogen and oxygen in the air is fused by the arc energy and hno 3 is formed. this can corrode metal materials. three countermeasures for these are listed here. (1) incorporate an arc-extinguishing circuit. (2) lower the operating frequency (3) lower the ambient humidity 4. direct mount type (tm type) if the current to the connection terminal will exceed 10 a, we recommend connecting with solder. if you are going to use a tab terminal when the current will exceed 10 a, make sure to verify the temperature rise on the receptacle side under actual conditions before using. please be careful, because excessive stress on the tm terminal can cause ?ctuations in characteristics and damage. 5. conditions for operation, transport and storage 1) ambient temperature, humidity, and atmospheric pressure during usage, transport, and storage of the relay: (1) temperature: ?0 to +70 c ?40 to +158 f (2) humidity: 5 to 85% rh (avoid freezing and condensation.) the humidity range varies with the temperature. use within the range indicated in the graph below. temperature and humidity range for usage, transport, and storage (3) atmospheric pressure: 86 to 106 kpa 2) condensation condensation forms when there is a sudden change in temperature under high temperature and high humidity conditions. condensation will cause deterioration of the relay insulation. 3) freezing condensation or other moisture may freeze on the relay when the temperatures is lower than 0 c 32f . this causes problems such as sticking of movable parts or operational time lags. 4) low temperature, low humidity environments the plastic becomes brittle if the relay is exposed to a low temperature, low humidity environment for long periods of time. 6. diode characteristics 1) reverse breakdown voltage: min. 1,000v (with diode type) min. 400v (with diode and led indication type) 7. diode type since the diode inside the relay coil are designed to absorb the counter emf, the element may be damaged if a large surge, etc., is applied to the diode. if there is the possibility of a large surge voltage from the outside, please implement measures to absorb it. 8. please connect dc coil types with led and built-in diode correctly by verifying the coil polarity (? and ?. connecting with reverse polarity will cause the led not to light and damage the built-in diode due to its speci?ation. 9. installation if you will be installing adjacent to other relays, please keep a distance of at least 5 mm from the relay. humidity, %r.h. tolerance range 85 5 070 ?0 +32 +158 ?0 (avoid condensation when used at temperatures higher than 0c (avoid freezing when used at temperatures lower than 0c 32f ) te mperature, c f 32f )


▲Up To Search▲   

 
Price & Availability of AHN12005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X