Part Number Hot Search : 
TDP1603 AN606 030406 EDB103S SAA71 MC600 AC100 MC74VHC1
Product Description
Full Text Search
 

To Download ADE203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ de (ade) asctb175e 201202-t ordering information types standard packing: tube package: 20 pcs.; case: 500 pcs. note: this product is manufactured by lot after an order is received. compliant with european standards 1a1b 10a/8a polarized power relays de relays (ade) contact arrangement nominal coil voltage single side stable type 2 coil latching type part no. part no. 1 form a 5v dc ade109 ade129 12v dc ade103 ade123 24v dc ade104 ade124 1 form a 1 form b 5v dc ade309 ade329 12v dc ade303 ade323 24v dc ade304 ade324 2 form a 5v dc ade209 ade229 12v dc ADE203 ade223 24v dc ade204 ade224 vde rohs compliant features 1. conforms to european safety standard (vde0700 and vde0631). insulating distance between coil and contacts: clearance min. 8mm .315 inch creepage min. 8mm .315 inch 2. low operating power nominal operating power at 200 mw (single side stable, 2 coil latching) 3. compact body saves space size: 12.5(w) 25(l) 12.5(h) mm .492(w) .984(l) .492(h) inch 4. conforms to the various safety standards ul, csa and vde approved typical applications 1. temperature controller 2. automatic meter reading 3. oa equipment 4. fa equipment de relay ade operating function 0: single side stable 2: 2 coil latching contact arrangement 1: 1 form a 2: 2 form a 3: 1 form a 1 form b nominal coil voltage (v dc) 3: 12v, 4: 24v, 9: 5v notes: 1. certified by ul, csa and vde 2. this product is manufactured by lot after an order is received.
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ de (ade) asctb175e 201202-t rating 1. coil data 1) single side stable type 2) 2 coil latching type 2. speci?ations notes: *1. this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. *2. wave is standard shock voltage of 1.2 50 s according to jec-212-1981 *3. the upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. refer to usage, transport and storage conditions in notes. nominal coil voltage pick-up voltage (at 20 c 68 f ) drop-out voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 20 c 68 f ) 5v dc 70%v or less of nominal voltage (initial) 10%v or more of nominal voltage (initial) 40 ma 125 ? 200mw 130%v of nominal voltage 12v dc 16.6ma 720 ? 24v dc 8.3ma 2,880 ? nominal coil voltage set voltage (at 20 c 68 f ) reset voltage (at 20 c 68 f ) nominal operating current [ 10%] (at 20 c 68 f ) coil resistance [ 10%] (at 20 c 68 f ) nominal operating power max. applied voltage (at 20 c 68 f ) set coil reset coil set coil reset coil set coil reset coil 5v dc 70%v or less of nominal voltage (initial) 70%v or less of nominal voltage (initial) 40 ma 40 ma 125 ? 125 ? 200mw 200mw 130%v of nominal voltage 12v dc 16.6ma 16.6ma 720 ? 720 ? 24v dc 8.3ma 8.3ma 2,880 ? 2,880 ? characteristics item speci?ations contact arrangement 1 form a 1 form a 1 form b 2 form a contact resistance (initial) max. 30 m ? (by voltage drop 6 v dc 1a) contact material agsno 2 type rating nominal switching capacity (resistive load) 10a 250v ac, 10a 30v dc 8a 250v ac, 8a 30v dc max. switching power (resistive load) 2,500va, 300w 2,000va, 240w max. switching voltage 250v ac, 30v dc 250v ac, 30v dc max. switching current 10a 8a nominal operating power 200mw min. switching capacity* 1 100ma 5v dc electrical characteristics insulation resistance (initial) min. 1,000m ? (at 500v dc) measurement at same location as ?reakdown voltage section. breakdown voltage (initial) between open contacts 1,000 vrms for 1 min. (detection current: 10 ma) between contact sets 4,000 vrms for 1 min. (detection current: 10 ma) between contact and coil 5,000 vrms for 1 min. (detection current: 10 ma) surge breakdown voltage* 2 (between contact and coil) (initial) 12,000 v temperature rise (coil) (at 70 c 158 f ) max. 50 c 122 f (by resistive method) operate time [set time] (at 20 c 68 f ) max. 10 ms [max. 10 ms] (nominal coil voltage applied to the coil, excluding contact bounce time.) release time [reset time] (at 20 c 68 f ) max. 5 ms [max. 10 ms] (nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode) mechanical characteristics shock resistance functional min. 196 m/s 2 (half-wave pulse of sine wave: 11 ms; detection time: 10 s.) destructive min. 980 m/s 2 (half-wave pulse of sine wave: 6 ms.) vibration resistance functional 10 to 55 hz at double amplitude of 2 mm (detection time: 10 s.) destructive 10 to 55 hz at double amplitude of 3 mm expected life mechanical min. 10 7 (at 300 times/min.) electrical min. 10 5 (resistive load, at 20 times/min., at nominal switching capacity) min. 10 5 (resistive load, at 20 times/min., at ac nominal switching capacity) min. 5 10 4 (resistive load, at 20 times/min., at dc nominal switching capacity) conditions conditions for operation, transport and storage* 3 ambient temperature: ?0 c to +70 c ?0 f to +158 f ; humidity: 5 to 85% r.h. (not freezing and condensing at low temperature) max. operating speed 20 times/min. (at nominal switching capacity) unit weight approx. 7 g .25 oz
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ de (ade) asctb175e 201202-t reference data 1.-(1) maximum switching power (1 form a) 1.-(2) maximum switching power (1 form a 1 form b, 2 form a) 2.-(1) life curve (1 form a) 101 100 1000 10 1 100 0.1 contact voltage, v contact current, a ac resistive load dc resistive load 101 100 1000 10 1 100 0.1 contact voltage, v contact current, a ac resistive load dc resistive load 123456789 010 100 50 10 contact current, a life, 10 4 250 v ac resistive load 30 v dc resistive load 2.-(2) life curve (1 form a 1 form b) 2.-(3) life curve (2 form a) 3.-(1) coil temperature rise (1 form a) tested sample: ade109 quantity: n=6 ambient temperature: 25 c to 70 c 77 f to 158 f 10 2345678910 100 50 10 contact current, a life, 10 4 250 v ac resistive load 30 v dc resistive load 123456789 010 100 50 10 contact current, a 250 v ac resistive load 30 v dc resistive load life, 10 4 0 10 20 30 40 50 8070 90 100 110 120 130 0a 0a 10a 10a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 3.-(2) coil temperature rise (1 form a 1 form b) tested sample: ade309 quantity: n=6 ambient temperature: 25 c to 70 c 77 f to 158 f 3.-(3) coil temperature rise (2 form a) tested sample: ade209 quantity: n=6 ambient temperature: 25 c to 70 c 77 f to 158 f 4.-(1) operate/release time (1 form a) tested sample: ade109 quantity: n=5 0 10 20 30 40 50 8070 90 100 110 120 130 0a 0a 8a 8a 25 c 70 c 77 f 158 f coil applied voltage, %v temperature rise, c 0 10 20 30 40 50 8070 90 100 110 120 130 0a 0a 8a 8a 25 c 70 c 77 f 158 f coil applied voltage, %v te mperature rise, c 9 8 7 6 5 4 3 2 1 0 min. min. max. max. min. max. 70 80 90 100 110 120 130 operate/release time, ms operate time release time (with diode) coil applied voltage, %v release time x x x 4.-(2) operate/release time (1 form a 1 form b) tested sample: ade309, quantity: n=5 4.-(3) operate/release time (2 form a) tested sample: ade209, quantity: n=5 5.-(1) ambient temperature characteristics (1 form a) t ested sample: ade109, ambient temperature: ?0 c to 80 c ?0 f to 176 f , quantity: n=6 7 6 5 4 3 2 1 0 min. min. max. max. min. max. 70 80 90 100 110 120 130 operate/release time, ms operate time release time (with diode) coil applied voltage, %v release time x x x 8 7 6 5 4 3 2 1 0 min. min. max. min. max. max. 70 80 90 100 110 120 130 operate/release time, ms operate time release time (with diode) coil applied voltage, %v release time x x x ?0 ?0 20 ?0 ?0 ?0 0 10 20 30 40 60 800 ambient temperature, c f drop-out voltage pick-up voltage rate of change, v% ?0 ? 68 104 140 17632
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ de (ade) asctb175e 201202-t dimensions (mm inch ) safety standards for cautions f or us e . item ul/c-ul (recognized) csa (certi?d) vde (certi?d) file no. contact rating file no. contact rating file no. contact rating 1 form a e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos =1.0) 1 form a 1 form b e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos =1.0) 2 form a e120782 pilot duty b300 r300 lr85932 pilot duty b300 r300 115944 8a 250v ac (cos =1.0) 5.-(2) ambient temperature characteristics (1 form a 1 form b) t ested sample: ade309, ambient temperature: ?0 c to 80 c ?0 f to 176 f , quantity: n=6 5.-(3) ambient temperature characteristics (2 form a) t ested sample: ade209, ambient temperature: ?0 c to 80 c ?0 f to 176 f , quantity: n=6 ?0 ?0 ?0 0 10 20 30 ambient temperature, c f drop-out voltage pick-up voltage rate of change, v% ?0 ?0 20 40 60 800 ?0 ? 68 104 140 17632 ?0 ?0 ?0 0 10 20 30 ambient temperature, c f drop-out voltage pick-up voltage rate of change, v% ?0 ?0 20 40 60 800 ?0 ? 68 104 140 17632 the cad data of the products with a cad data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ external dimensions single side stable 2 coil latching type tolerance: 0.3 .012 0.5 dia. 25.0 12.5 7.62 3.5 2.44 15.24 0.8 0.8 0.4 1.0 7.62 12.0 0.5 .020 dia. .984 .492 .300 .138 .096 .600 .032 .032 .016 .039.300 .472 .020 0.5 dia. 25.0 12.5 7.62 3.5 2.44 12.70 0.8 0.8 0.4 1.0 7.62 12.0 0.5 .020 dia. 0.5 dia. .020 dia. .984 .492 .300 .138 .096 .500 2.54 .100 .032 .032 .016 .039.300 .472 .020 pc board pattern (bottom view) single side stable 2 coil latching type t olerance : 0.1 .004 7.62 15.24 6-1.2 dia. 7.62 .300.600 6-.047 dia. .300 8-1.2 dia. 7.62 12.70 7.622.54 8-.047 dia. .300 .500 .300.100 schematic (bottom view) single side stable (1 form a) (5,6: dummy terminal) (1 form a 1 form b) (deenergized condition) (2 form a) 431 865 865 134 865 134 2coil latching type (1 form a) (5,6: dummy terminal) (1 form a 1 form b) (reset condition) (2 form a) 56 1 78 432 4321 876 5 1 5678 432 cad data


▲Up To Search▲   

 
Price & Availability of ADE203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X