Part Number Hot Search : 
2SC3912 P2AF3 630NM 74AVC DT74ALV 3151V BC169B GE220K
Product Description
Full Text Search
 

To Download A82015C0GL5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a series www.vishay.com vishay bccomponents revision: 20-aug-13 1 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 axial leaded multilayer ceramic capacitors for general purpose class 1, class 2 and class 3, 50 v dc , 100 v dc , 200 v dc , 500 v dc features ? high capacitance with small size ? high reliability ? axial mounting style ? material categorization: ? for definitions of co mpliance please see www.vishay.com/doc?99912 applications ? temperature compensation ? coupling and decoupling marking marking indicates capacitance value and tolerance in accordance with eia 19 8 and voltage marks. operating temperature range c0g, x7r: - 55 c to + 125 c y5v: - 30 c to + 85 c temperature characteristics class 1: c0g class 2: x7r class 3: y5v sectional specifications climatic category (acc. to en 60058-1) class 1 and 2: 55/125/21 class 3: 30/85/21 approvals eia 198 iec 60384-9 design ? the capacitors consist of a general purpose mlcc ? the lead wires are 0.5 mm and are made of 100 % tinned copper clad steel wire ? coating is made of yellow colored flame retardant epoxy resin in accordance with ul 94 v-0 capacitance range 10 pf to 1 f tolerance on capacitance 5 %, 10 %, 20 %, + 80 %/- 20 % rated voltage 50 v dc , 100 v dc , 200 v dc , 500 v dc test voltage ? 50 v dc and 100 v dc : 250 % of rated voltage ? 200 v dc : 150 % of rated voltage + 100 v dc ? 500 v dc : 130 % of rated voltage + 100 v dc insulation resist ance at 500 v dc ? 50 v dc and 100 v dc : 100 g ? or 1000 ? f whichever is less at rated voltage within 2 min of charging ? 200 v dc and 500 v dc : 10 g ? or 100 ? f whichever is less at rated voltage within 2 min of charging dissipation factor class 1: 0.1 % max. when c ? 30 pf ? (at 1 mhz; 1 v where c ? 1000 pf, ? and at 1 khz; 1 v where c > 1000 pf) for c < 30 pf: df = 100/(400 + 20 x c) ? df = disspation factor in %; ? c = capacitance value in pf class 2: 2.5 % max. (at 1 khz; 1 v) class 3: 5 % max. (at 1 khz; 1 v) quick reference data description value ceramic class 1 2 3 ceramic dielectric c0g x7r y5v voltage (v dc ) 50 100 200 500 50 100 200 500 50 100 min. capacitance (pf) 10 10 33 33 100 100 100 100 10 000 10 000 max. capacitance (pf) 10 000 5600 2200 1000 1 000 000 220 000 47 000 33 000 1 000 000 220 000 mounting axial
a series www.vishay.com vishay bccomponents revision: 20-aug-13 2 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? the leads are matte tinned fecu wire. note ? the capacitance code indicate s actual capacitance in pf wh en capacitance value < 100 pf. dimensions (in millimeters) size code lb max. ?d max. 15 3.8 2.6 20 5.1 3.1 marking marking code description ddd xxx t v t date code capacitance code tolerance code voltage code t.c. code the first digit is the year, the last two digits are the week. for example: 109 = 2011, 9 th week 217 = 2012, 17 th week two significant digits followed by one digit for the multiplier as given below. 1 = * 10, 2 = * 100, 3 = * 1000, 4 = * 10 000, 5 = * 100 000 j = 5 % k = 10 % m = 20 % z = + 80 %/- 20 % 1 = 100 v 2 = 200 v 4 = 500 v 5 = 50 v a = c0g (np0) c = x7r y = y5v ordering code information a 104 k 15 x7r f 5 taa 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 product type capacitance (pf) capacitance tolerance size code tc code rated voltage lead diameter packaging a = axial leaded mlcc the first two digits are the significant figures of capacitance and the last digit is a multiplier as follows: 0 = * 1 1 = * 10 2 = * 100 3 = * 1000 4 = * 10 000 5 = * 100 000 j = 5 % k = 10 % m = 20 % z = + 80 %/- 20 % please refer to relevant datasheet please refer to relevant datasheet f = 50 v dc h = 100 v dc k = 200 v dc l = 500 v dc 5 = 0.50 mm 0.05 mm taa = reel uaa = ammo ? d lb 52.4 1.5 capacitance value < 100 pf capacitance value 100 pf s i d e one s i d e two s i d e one s i d e two bc ddd ddd: date code logo mark (bc or vi s hay) xxt t v t: t.c. code v: voltage code xx: capacitance code t: tolerance code bc ddd ddd: date code logo mark (bc or vi s hay) xxx t t v t: tolerance code t: t.c. code v: voltage code xxx: capacitance code
a series www.vishay.com vishay bccomponents revision: 20-aug-13 3 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering codes notes ? lead diameter is 0.5 mm ?# 5 th digit is capacitance toleranc e code: 5 % = j; 10 % = k ?# 13 th , 14 th and 15 th digits are packaging code: reel = taa; ammo = uaa dielectric c0g cap. (pf) 50 v dc 100 v dc 200 v dc 500 v dc 10 a100#15c0gf5### a100#15c0gh5### - - 12 a120#15c0gf5### a120#15c0gh5### - - 15 a150#15c0gf5### a150#15c0gh5### - - 18 a180#15c0gf5### a180#15c0gh5### - - 22 a220#15c0gf5### a220#15c0gh5### - - 27 a270#15c0gf5### a270#15c0gh5### - - 33 a330#15c0gf5### a330#15c0gh5### a330#15c0gk5### a330#15c0gl5### 39 a390#15c0gf5### a390#15c0gh5### a390#15c0gk5### a390#15c0gl5### 47 a470#15c0gf5### a470#15c0gh5### a470#15c0gk5### a470#15c0gl5### 56 a560#15c0gf5### a560#15c0gh5### a560#15c0gk5### a560#15c0gl5### 68 a680#15c0gf5### a680#15c0gh5### a680#15c0gk5### a680#15c0gl5### 82 a820#15c0gf5### a820#15c0gh5### a820#15c0gk5### a820#15c0gl5### 100 a101#15c0gf5### a101#15c0gh5### a101#15c0gk5### a101#15c0gl5### 120 a121#15c0gf5### a121#15c0gh5### a121#15c0gk5### a121#15c0gl5### 150 a151#15c0gf5### a151#15c0gh5### a151#15c0gk5### a151#15c0gl5### 180 a181#15c0gf5### a181#15c0gh5### a181#15c0gk5### a181#15c0gl5### 220 a221#15c0gf5### a221#15c0gh5### a221#15c0gk5### a221#15c0gl5### 270 a271#15c0gf5### a271#15c0gh5### a271#15c0gk5### a271#15c0gl5### 330 a331#15c0gf5### a331#15c0gh5### a331#15c0gk5### a331#15c0gl5### 390 a391#15c0gf5### a391#15c0gh5### a391#15c0gk5### a391#15c0gl5### 470 a471#15c0gf5### a471#15c0gh5### a471#15c0gk5### a471#20c0gl5### 560 a561#15c0gf5### a561#15c0gh5### a561#15c0gk5### a561#20c0gl5### 680 a681#15c0gf5### a681#15c0gh5### a681#15c0gk5### a681#20c0gl5### 820 a821#15c0gf5### a821#15c0gh5### a821#15c0gk5### a821#20c0gl5### 1000 a102#15c0gf5### a102#20c0gh5### a102#20c0gk5### a102#20c0gl5### 1200 a122#15c0gf5### a122#20c0gh5### a122#20c0gk5### - 1500 a152#15c0gf5### a152#20c0gh5### a152#20c0gk5### - 1800 a182#15c0gf5### a182#20c0gh5### a182#20c0gk5### - 2200 a222#15c0gf5### a222#20c0gh5### a222#20c0gk5### - 2700 a272#20c0gf5### a272#20c0gh5### - - 3300 a332#20c0gf5### a332#20c0gh5### - - 3900 a392#20c0gf5### a392#20c0gh5### - - 4700 a472#20c0gf5### a472#20c0gh5### - - 5600 a562#20c0gf5### a562#20c0gh5### - - 6800 a682#20c0gf5### - - - 8200 a822#20c0gf5### - - - 10 000 a103#20c0gf5### - - -
a series www.vishay.com vishay bccomponents revision: 20-aug-13 4 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? lead diameter is 0.5 mm ?# 5 th digit is capacitance toleranc e code: 10 % = k; 20 % = m ?# 13 th , 14 th and 15 th digits are packaging code: reel = taa; ammo = uaa dielectric x7r cap. (pf) 50 v dc 100 v dc 200 v dc 500 v dc 100 a101#15x7rf5### a101#15x7rh5### a101#15x7rk5### a101#15x7rl5### 120 a121#15x7rf5### a121#15x7rh5### a121#15x7rk5### a121#15x7rl5### 150 a151#15x7rf5### a151#15x7rh5### a151#15x7rk5### a151#15x7rl5### 180 a181#15x7rf5### a181#15x7rh5### a181#15x7rk5### a181#15x7rl5### 220 a221#15x7rf5### a221#15x7rh5### a221#15x7rk5### a221#15x7rl5### 270 a271#15x7rf5### a271#15x7rh5### a271#15x7rk5### a271#15x7rl5### 330 a331#15x7rf5### a331#15x7rh5### a331#15x7rk5### a331#15x7rl5### 390 a391#15x7rf5### a391#15x7rh5### a391#15x7rk5### a391#15x7rl5### 470 a471#15x7rf5### a471#15x7rh5### a471#15x7rk5### a471#15x7rl5### 560 a561#15x7rf5### a561#15x7rh5### a561#15x7rk5### a561#15x7rl5### 680 a681#15x7rf5### a681#15x7rh5### a681#15x7rk5### a681#15x7rl5### 820 a821#15x7rf5### a821#15x7rh5### a821#15x7rk5### a821#15x7rl5### 1000 a102#15x7rf5### a102#15x7rh5### a102#15x7rk5### a102#15x7rl5### 1200 a122#15x7rf5### a122#15x7rh5### a122#15x7rk5### a122#15x7rl5### 1500 a152#15x7rf5### a152#15x7rh5### a152#15x7rk5### a152#15x7rl5### 1800 a182#15x7rf5### a182#15x7rh5### a182#15x7rk5### a182#15x7rl5### 2200 a222#15x7rf5### a222#15x7rh5### a222#15x7rk5### a222#15x7rl5### 2700 a272#15x7rf5### a272#15x7rh5### a272#15x7rk5### a272#15x7rl5### 3300 a332#15x7rf5### a332#15x7rh5### a332#15x7rk5### a332#20x7rl5### 3900 a392#15x7rf5### a392#15x7rh5### a392#15x7rk5### a392#20x7rl5### 4700 a472#15x7rf5### a472#15x7rh5### a472#15x7rk5### a472#20x7rl5### 5600 a562#15x7rf5### a562#15x7rh5### a562#15x7rk5### a562#20x7rl5### 6800 a682#15x7rf5### a682#15x7rh5### a682#15x7rk5### a682#20x7rl5### 8200 a822#15x7rf5### a822#15x7rh5### a822#15x7rk5### a822#20x7rl5### 10 000 a103#15x7rf5### a103#15x7rh5### a103#15x7rk5### a103#20x7rl5### 12 000 a123#15x7rf5### a123#15x7rh5### a123#15x7rk5### a123#20x7rl5### 15 000 a153#15x7rf5### a153#15x7rh5### a153#15x7rk5### a153#20x7rl5### 18 000 a183#15x7rf5### a183#15x7rh5### a183#15x7rk5### a183#20x7rl5### 22 000 a223#15x7rf5### a223#15x7rh5### a223#15x7rk5### a223#20x7rl5### 27 000 a273#15x7rf5### a273#20x7rh5### a273#20x7rk5### a273#20x7rl5### 33 000 a333#15x7rf5### a333#20x7rh5### a333#20x7rk5### a333#20x7rl5### 39 000 a393#15x7rf5### a393#20x7rh5### a393#20x7rk5### - 47 000 a473#15x7rf5### a473#20x7rh5### a473#20x7rk5### - 56 000 a563#15x7rf5### a563#20x7rh5### - - 68 000 a683#15x7rf5### a683#20x7rh5### - - 82 000 a823#15x7rf5### a823#20x7rh5### - - 100 000 a104#15x7rf5### a104#20x7rh5### - - 150 000 a154#20x7rf5### a154#20x7rh5### - - 220 000 a224#20x7rf5### a224#20x7rh5### - - 330 000 a334#20x7rf5### - - - 470 000 a474#20x7rf5### - - - 560 000 a564#20x7rf5### - - 680 000 a684#20x7rf5### - - - 1 000 000 a105#20x7rf5### - - -
a series www.vishay.com vishay bccomponents revision: 20-aug-13 5 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? lead diameter is 0.5 mm ? tolerance is + 80 %/- 20 % ?# 13 th , 14 th and 15 th digits are packaging code: reel = taa; ammo = uaa taping and packaging labelling each reel is provided with a label showing the following details: manufacturer, a style, capacitance, tolerance, batch number, quantity of components, rated voltage, dielectric. on special request other de signations can be shown. for example: dielectric y5v cap. (pf) 50 v dc 100 v dc 10 000 a103z15y5vf5### a103z15y5vh5### 15 000 a153z15y5vf5### a153z15y5vh5### 22 000 a223z15y5vf5### a223z15y5vh5### 33 000 a333z15y5vf5### a333z15y5vh5### 47 000 a473z15y5vf5### a473z15y5vh5### 68 000 a683z15y5vf5### a683z15y5vh5### 100 000 a104z15y5vf5### a104z15y5vh5### 150 000 a154z15y5vf5### a154z20y5vh5### 220 000 a224z15y5vf5### a224z20y5vh5### 330 000 a334z20y5vf5### - 470 000 a474z20y5vf5### - 680 000 a684z20y5vf5### - 1 000 000 a105z20y5vf5### - packaging quantities and box dimensions packaging size code smallest packaging quantity (spq) box dimensions l x w x h (mm) tape on reel 15, 20 7000 370 x 370 x 90 ammopack 15, 20 4000 265 x 85 x 95
a series www.vishay.com vishay bccomponents revision: 20-aug-13 6 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) inside tape spacing 26.0 mm + 1.51 mm /- 0.0 mm is available on request capacitors on bandolier for dipped axial parameter symbol dimensions mm inch inside tape spacing b (1) 52.4 1.5 2.062 0.059 center to tape spacing c 0.8 0.031 cumulative pitch, 6 consecut ive components p 1.5 0.059 components pitch a 5.0 0.5 0.197 0.015 lead bend m < 1.2 < 0.047 exposed adhesive s < 0.51 > 0.020 tape width t 6.35 0.250 lead sandwich h > 3.96 > 0.156 b t a m h c p s
a series www.vishay.com vishay bccomponents revision: 20-aug-13 7 document number: 45164 for technical questions, contact: cmll@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel data a maximum of 0.5 % of the total number of capacitors per reel may be missing. a maximum of 1 consecutive vaca nt positions is followed by 6 consecutive components. tape begins and ends with a minimum of 4 empty positions (180 mm tape). maximum of 5 splicers per reel. reel ammopack data a maximum of 0.5 % of the total number of capacitors per reel may be missing. a maximum of 1 consecutive vaca nt positions is followed by 6 consecutive components. tape begins and ends with a minimum of 4 empty positions (180 mm tape). maximum of 5 splicers per reel. the cumulative pitch tolerance over 20 consecutive units is not to exceed 1.0 mm. ammopack 69.85 1.5 direction of unreeling arbor hole ? 28 1 355.6 max. reel dimensions reel size (mm) a outer diameter 355.6 max. l hole diameter 28 1 k core diameter 90 h 1 internal width 69.9 1.5 l h 1 a k w = 85 t = 95 l = 265 related documents general in formation www.vishay.com/doc?45163
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of A82015C0GL5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X