led lens caps & holders 90 round caps material: polycarbonate available in red, green, yellow and clear material: nylon 6/6, black designed for use with t-1 or t-1 3/4 leds, these lens caps are available in round or square configurations. they snap-mount through the front panel for easy, light-finger pres- sure, intsallation. the led is inserted into the cap from behind the panel and held securely in place. the lens cap protects the led from physical damage while guarding the components from electrostatic discharge (esd), up to 16kv. more economical than indicator light assemblies, the caps feature striated lines and fresnel rings which permit up to 180 viewing angles with either diffused or non-diffused leds. they provide exceptionally high contrast and visibility. led lens caps note: when m ounting t-1 3/4 low profile caps (fig. 4 or fig. 7) in panels .125 (3.2) thick or less a spacer must be used. spacer cat. no. 8692 material: white nylon .360 (9.1) o.d. 1/4 i.d. 1/8 lg. square caps snap-in t-1 & t-1 3/4 led holders fig. 1 t-1 fig. 2 t-1 3/4 fig. 3 t-1 fig. 4 t-1 3/4 fig. 6 t-1 fig. 7 t-1 3/4 designed for use with t-1 or t-1 3/4 leds in .060 (1.52) - .070 (1.78) thick panels. the holder snaps into the front panel with easy, light-finger pressure. the led snaps into the holder from behind the panel and is held securely in place. .030 [0.76] c dia . dia . a b standard height low profile .250 [6.4] sq. .220 [5.6] .430 [10.9] .280 [7.1] sq. .290 [7.4] .190 [4.9] sq. .060 [1.52] .171 [4.4] dia. .280 [7.1] sq. .430 [10.9] .070 [1.78] .250 [6.4] dia. .290 [7.4] .190 [4.9] dia. .150 [3.8] .171 [4.4] dia. .250 [6.4] dia. .220 [5.6] .430 [10.9] .280 [7.1] dia. .290 [7.4] .190 [4.9] dia. .060 [1.52] .171 [4.4] dia. .250 [6.4] dia. .070 [1.78] .430 [10.9] .280 [7.1] dia. cat. fig. led mtg. hole min. mtg. panel no. color no. size size centers thickness 8650 red 8651 green 1 t-1 .171 (4.3) .250 (6.4) .031 - .062 (.79/1.57) 8652 yellow 8653 clear 8662 red 8663 green 2 t-1 3/4 .250 (6.4) .375 (9.5) .062 - .125 (1.57/3.18) 8664 yellow 8665 clear cat. fig. led mtg. hole min. mtg. panel no. color no. size size centers thickness 8656 red 8657 green 3 t-1 .171 (4.3) .250 (6.4) .062 - .125 (1.57/3.18) 8658 yellow 8659 clear 8668 red 8669 green 4 t-1 3/4 .250 (6.4) .375 (9.5) .031 - .250 (.79/6.4) 8670 yellow 8671 clear (see note) low profile cat. fig. led mtg. hole min. mtg. panel no. color no. size size centers thickness 8674 red 8675 green 6 t-1 .171 (4.3) .250 (6.4) .062 - .125 (1.57/3.18) 8676 yellow 8677 clear 8686 red 8687 green 7 t-1 3/4 .250 (6.4) .375 (9.5) .031 - .250 (.79/6.4) 8688 yellow 8689 clear (see note) standard height cat. fig. led mtg. hole min. mtg. panel no. color no. size size centers thickness 8680 red 8681 green 5 t-1 3/4 .250 .375 (9.5) .062 - .125 (1.57/3.18) 8682 yellow (6.4) 8683 clear square cat. led mtg. hole no. size a b c size 8309 t-1 .114 (2.9) .232 (5.9) .188 (4.8) .171 (4.3) 8310 t-1 3/4 .200 (5.0) .315 (8.0) .274 (6.9) .250 (6.4) fig. 5 t-1 3/4 tel (718) 956-8900 ? fax (718) 956-9040 (800) 221-5510 ? kec@keyelco.com www.keyelco.com 31-07 20th road C astoria, ny 11105-2017 rohs compliant ~ iso 9001 certified ? m60 section 5 frev3-color 4/6/13 3:05 pm page 90
|