Part Number Hot Search : 
MCR100 MC14410L RT9224C 100E1 BSX62 MAX20 P775C TM161
Product Description
Full Text Search
 

To Download 217-501-22-651309 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  217 series ? direct replacement for e27 (european standard) ? ba22 (uk) and e27 (europe) versions also available ? 20 led cluster ? optional polycarbonate, water clear lens ? pack quantity = 1 piece part number colour voltage vac/dc current dc (ma) luminous intensity (mcd) wave length (nm) operating temp. (c) storage temp. (c) de-rating graphs 217-501-22-65 red 24 vdc 75 2800 660 -40 - +85 -40 - +85 a 217-521-22-65 yellow 24 vdc 75 6100 580-590 -40 - +80 -40 - +120 d 217-532-22-65 green 24 vdc 75 34700 525 -30 - +85 -40 - +100 d 217-930-22-65 blue 24 vdc 75 9870 468 -30 - +85 -40 - +100 u 217-997-22-65 white 24 vdc 75 27000 * see pg.2 -30 - +85 -40 - +100 i 217-501-75-65 red 110 vac 22 2800 660 -40 - +85 -40 - +85 a 217-521-75-65 yellow 110 vac 22 6100 580-590 -40 - +80 -40 - +120 d 217-532-75-65 green 110 vac 22 34700 525 -30 - +85 -40 - +100 d ^ = voltage for 20ma product is vf at 20ma, not vopr - products must be de-rated according to the de-rating information. each de-rating graph refers to specific leds. please refer to graphs on page 2. - luminous intensity is measured at 20ma on a discrete led unless otherwise stated. to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 217 - version 2013-09-24-173247 page 1 of 5 filament replacement leds features specifications to order ordering information and typical characteristics (t a = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale lamp base style series metric equivalent (mm) max. power dissipation (mw) intensities (iv) and colour shades of white (x,y co -ordinates) may vary between leds within a batch bs en iso 9001:2008 approved manufacturer 97 26 68.5 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph d 10 20 30 40 50 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph i 10 20 30 40 50 8.5 de-rating information continued to order bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph u 10 20 30 40 50 8.5 to order also available the products listed above illustrate all of the opt ions available to order. these products may have cu stom modifications that alter their operation beyond the generic informatio n contained within this datasheet. please contact s ales for further information. rp = reverse polarity bs en iso 9001:2008 approved manufacturer single-chip leds chip led devices have been modified by the removal of the domed portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. non flat topped versions are also available. product evaluation filament replacement leds have been specifically de signed to meet the primary objective of providing i mproved reliability. as this product range is suitable for both new-build a nd retro-fit, (sometimes in very old systems), a wi de range of illuminated push button switches and lamp holders can be encountered . due to subjectivity, evaluation of the led type i s recommended, (samples of all standard models are available). car e should be taken to correctly simulate operating a mbient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing a ngle, colour compatibility and on/ off contrast ratio. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, marl should be contacted if the device is to be operated at a t emperature significantly higher than 25c. marl acc ept no liability for any product that is operated higher than the stated vol tage. to order design considerations all devices feature water clear high intensity leds as standard. in devices where discrete leds are used, the single flat-topping does not apply to devices using surface-mounted device (smd) leds. bs en iso 9001:2008 approved manufacturer
217 series e27 (european standard) 217 26 2500 997 *typical emission colour white x 0.4255 0.4390 0.4680 0.4519 y 0.4000 0.4310 0.4385 0.4086 to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 217 - version 2013-09-24-173247 page 2 of 5 filament replacement leds features specifications to order ordering information and typical characteristics (t a = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale lamp base style series metric equivalent (mm) max. power dissipation (mw) intensities (iv) and colour shades of white (x,y co -ordinates) may vary between leds within a batch bs en iso 9001:2008 approved manufacturer 97 26 68.5 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph d 10 20 30 40 50 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph i 10 20 30 40 50 8.5 de-rating information continued to order bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph u 10 20 30 40 50 8.5 to order also available the products listed above illustrate all of the opt ions available to order. these products may have cu stom modifications that alter their operation beyond the generic informatio n contained within this datasheet. please contact s ales for further information. rp = reverse polarity bs en iso 9001:2008 approved manufacturer single-chip leds chip led devices have been modified by the removal of the domed portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. non flat topped versions are also available. product evaluation filament replacement leds have been specifically de signed to meet the primary objective of providing i mproved reliability. as this product range is suitable for both new-build a nd retro-fit, (sometimes in very old systems), a wi de range of illuminated push button switches and lamp holders can be encountered . due to subjectivity, evaluation of the led type i s recommended, (samples of all standard models are available). car e should be taken to correctly simulate operating a mbient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing a ngle, colour compatibility and on/ off contrast ratio. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, marl should be contacted if the device is to be operated at a t emperature significantly higher than 25c. marl acc ept no liability for any product that is operated higher than the stated vol tage. to order design considerations all devices feature water clear high intensity leds as standard. in devices where discrete leds are used, the single flat-topping does not apply to devices using surface-mounted device (smd) leds. bs en iso 9001:2008 approved manufacturer
217 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 217 - version 2013-09-24-173247 page 3 of 5 filament replacement leds features specifications to order ordering information and typical characteristics (t a = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale lamp base style series metric equivalent (mm) max. power dissipation (mw) intensities (iv) and colour shades of white (x,y co -ordinates) may vary between leds within a batch bs en iso 9001:2008 approved manufacturer 97 26 68.5 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph d 10 20 30 40 50 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph i 10 20 30 40 50 8.5 de-rating information continued to order bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph u 10 20 30 40 50 8.5 to order also available the products listed above illustrate all of the opt ions available to order. these products may have cu stom modifications that alter their operation beyond the generic informatio n contained within this datasheet. please contact s ales for further information. rp = reverse polarity bs en iso 9001:2008 approved manufacturer single-chip leds chip led devices have been modified by the removal of the domed portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. non flat topped versions are also available. product evaluation filament replacement leds have been specifically de signed to meet the primary objective of providing i mproved reliability. as this product range is suitable for both new-build a nd retro-fit, (sometimes in very old systems), a wi de range of illuminated push button switches and lamp holders can be encountered . due to subjectivity, evaluation of the led type i s recommended, (samples of all standard models are available). car e should be taken to correctly simulate operating a mbient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing a ngle, colour compatibility and on/ off contrast ratio. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, marl should be contacted if the device is to be operated at a t emperature significantly higher than 25c. marl acc ept no liability for any product that is operated higher than the stated vol tage. to order design considerations all devices feature water clear high intensity leds as standard. in devices where discrete leds are used, the single flat-topping does not apply to devices using surface-mounted device (smd) leds. bs en iso 9001:2008 approved manufacturer
217 series part numbers also available in the 217 series: part number colour voltage vopr 217-501-22-76 red 24 vdc 217-501-23-65 red 28 vdc 217-501-24-65 red 48 vdc 217-501-25-65 red 110 vdc 217-501-25-93 red 110 vdc 217-501-75-57 red 110 vac 50 hz 217-501-76-55 red 230 vac 50 hz 217-501-76-62 red 230 vac 50 hz 217-501-76-63 red 230 vac 50 hz 217-501-76-65 red 230 vac 50 hz 217-521-76-65 yellow 230 vac 50 hz 217-532-22-76 green 24 vdc 217-532-25-65 green 110 vdc 217-532-76-55 green 230 vac 50 hz 217-532-76-65 green 230 vac 50 hz 217-551-76-95 orange 230 vac 50 hz 217-904-76-95 red 230 vac 50 hz 217-904-76-96 red 230 vac 50 hz 217-904-76-97-kds red 230 vac 50 hz 217-925-76-95 yellow 230 vac 50 hz 217-925-76-96 yellow 230 vac 50 hz 217-930-23-65 blue 28 vdc 217-930-76-65 blue 230 vac 50 hz 217-993-76-62 warm white 230 vac 50 hz 217-993-76-65 warm white 230 vac 50 hz 217-997-23-65 white 28 vdc 217-997-25-65 white 110 vdc 217-997-75-63 white 110 vac 50 hz 217-997-76-55 white 230 vac 50 hz 217-997-76-57 white 230 vac 50 hz 217-997-76-65 white 230 vac 50 hz to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 217 - version 2013-09-24-173247 page 4 of 5 filament replacement leds features specifications to order ordering information and typical characteristics (t a = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale lamp base style series metric equivalent (mm) max. power dissipation (mw) intensities (iv) and colour shades of white (x,y co -ordinates) may vary between leds within a batch bs en iso 9001:2008 approved manufacturer 97 26 68.5 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph d 10 20 30 40 50 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph i 10 20 30 40 50 8.5 de-rating information continued to order bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph u 10 20 30 40 50 8.5 to order also available the products listed above illustrate all of the opt ions available to order. these products may have cu stom modifications that alter their operation beyond the generic informatio n contained within this datasheet. please contact s ales for further information. rp = reverse polarity bs en iso 9001:2008 approved manufacturer single-chip leds chip led devices have been modified by the removal of the domed portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. non flat topped versions are also available. product evaluation filament replacement leds have been specifically de signed to meet the primary objective of providing i mproved reliability. as this product range is suitable for both new-build a nd retro-fit, (sometimes in very old systems), a wi de range of illuminated push button switches and lamp holders can be encountered . due to subjectivity, evaluation of the led type i s recommended, (samples of all standard models are available). car e should be taken to correctly simulate operating a mbient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing a ngle, colour compatibility and on/ off contrast ratio. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, marl should be contacted if the device is to be operated at a t emperature significantly higher than 25c. marl acc ept no liability for any product that is operated higher than the stated vol tage. to order design considerations all devices feature water clear high intensity leds as standard. in devices where discrete leds are used, the single flat-topping does not apply to devices using surface-mounted device (smd) leds. bs en iso 9001:2008 approved manufacturer
217 series to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk ? marl international limited technical documentation has been designed by marl international limited for the intention of providing information, which must not be copied or released to a third party without prior written consent from marl international limited. the information provided does not constitute part of any order or contract and should not be regarded as a representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right to alter without notice the specification or any conditions of supply for product or service. marl international limited - dsn 217 - version 2013-09-24-173247 page 5 of 5 filament replacement leds features specifications to order ordering information and typical characteristics (t a = 25c) bs en iso 9001:2008 approved manufacturer technical data to order de-rating information dimensions in mm (typical) not to scale lamp base style series metric equivalent (mm) max. power dissipation (mw) intensities (iv) and colour shades of white (x,y co -ordinates) may vary between leds within a batch bs en iso 9001:2008 approved manufacturer 97 26 68.5 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph a 10 20 30 40 50 6 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph d 10 20 30 40 50 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph i 10 20 30 40 50 8.5 de-rating information continued to order bs en iso 9001:2008 approved manufacturer 0.0 100.0 80.0 60.0 40.0 20.0 55 50 15 25 35 45 ambient temperature ta (c) forward current if (ma) derating graph u 10 20 30 40 50 8.5 to order also available the products listed above illustrate all of the opt ions available to order. these products may have cu stom modifications that alter their operation beyond the generic informatio n contained within this datasheet. please contact s ales for further information. rp = reverse polarity bs en iso 9001:2008 approved manufacturer single-chip leds chip led devices have been modified by the removal of the domed portion of the encapsulation (flat-topped) to provide even illumination of switches and annunciators. non flat topped versions are also available. product evaluation filament replacement leds have been specifically de signed to meet the primary objective of providing i mproved reliability. as this product range is suitable for both new-build a nd retro-fit, (sometimes in very old systems), a wi de range of illuminated push button switches and lamp holders can be encountered . due to subjectivity, evaluation of the led type i s recommended, (samples of all standard models are available). car e should be taken to correctly simulate operating a mbient light conditions to ensure that the correct device has been selected to maximise viewing characteristics such as viewing a ngle, colour compatibility and on/ off contrast ratio. electro-static discharge (esd) build up of electro-static discharge occurs in many situations involving people moving and handling pr oducts. the range of possible situations is very diverse but voltage lev els as high as several thousand volts can and do ar ise in many individual situations. when an operator charged up to these le vels handles a static sensitive device, there is a very probable likelihood that the device will be irreversibly damaged. it is essential that precautions are taken at all stages during manufacture and assembly of these products. although leds were neve r considered to be static sensitive devices, change s in manufacturing technology and materials used to produce higher int ensity products over a large range of the wavelengt h spectrum have changed this. marl has an approved system of esd co ntrol from goods in, through production and into fi nal packing and despatch. marl recommend all users of led based pro ducts follow the guidelines of bs 100015. power de-rating the forward voltage/ current value of an led is dep endant upon the ambient temperature of the environm ent in which it is operated. therefore, care must be taken to operate the led at the correct voltage/ current values, dep ending upon the ambient temperature. consequently, a recommendation regarding operating voltages and currents is given in order to address these temperature effects. this recommendation is t ermed de-rating. it is usual for forward voltages and currents to be specified for ambient temperature of 25c. however, because the values of these qualities vary with te mperature, marl should be contacted if the device is to be operated at a t emperature significantly higher than 25c. marl acc ept no liability for any product that is operated higher than the stated vol tage. to order design considerations all devices feature water clear high intensity leds as standard. in devices where discrete leds are used, the single flat-topping does not apply to devices using surface-mounted device (smd) leds. bs en iso 9001:2008 approved manufacturer


▲Up To Search▲   

 
Price & Availability of 217-501-22-651309

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X