Part Number Hot Search : 
BZT5226 GRM155 DTC123J DM8603 7C42X5 FDAAB ISL9209C PD720201
Product Description
Full Text Search
 

To Download 170A3909J5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 20128 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 26-may-10 1 high power metal oxide leaded resistors wk/wr vishay draloric features ? rugged metal oxide film ? high power dissipation in small size (1 w/0207 size to 4 w/0922 size) ? high temperature coating (up to 200 c), non-flammable ? lead (pb)-free solder contacts ? pure tin plating provides compat ibility with lead (pb)-free and lead containing soldering processes ? compliant to rohs directive 2002/95/ec notes ? coating: green ? marking: wk2 and wr4 have color code band marking. tcr band wi ll be given to only wk2, 100 ppm, 5 %. wr5 and wk8 are printed marked. notes (1) rated voltage (2) for values < 10r the upper limiting temper ature is 155 c. the power rati ng is corresponding ly lower and can be calculated by r th . standard electrical specifications model size rated dissipation p 70 w limiting element voltage u max. v ? temperature coefficient ppm/k tolerance % resistance range ? e-series wk2 0207 1.0 500 50 1 4.7 to 1m e24, e96 wk2 0207 1.0 500 100 2 5 4.7 to 1m 4.7 to 1m e24, e48 e24 wk2 0207 1.0 500 200 5 0.22 to 1m e24 wr4 0414 2.0 500 200 2 5 1 to 1m 0.33 to 1m e24, e48 e24 wr5 0617 3.0 750 200 2 5 1 to 100k 0.22 to 560k e24, e48 e24 wk8 0922 4.0 750 200 2 5 1 to 68k 0.22 to 100k e24, e48 e24 technical specifications parameter unit wk2 wr4 wr5 wk8 rated dissipation, p 70 w 1.0 2.0 3.0 4.0 limiting element voltage, u max. (1) v ? 500 500 750 750 insulation voltage, u ins (1 min) v > 500 > 500 > 500 > 500 thermal resistance, r th k/w ? 140 ? 100 ? 70 ? 60 insulation resistance ? > 109 category temperature range (2) c - 55 to + 200 failure rate 10 -8 /h < 1 weight g 0.2 0.7 1.5 3.5 p x r
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 20128 2 revision: 26-may-10 wk/wr vishay draloric high power metal oxide leaded resistors notes ? the part number shown above is to facilitate the unified part numbering system for ordering products (1) please refer to table packaging part number and product description wk2-series part number: wk202070c1001fd500 model/size variant tcr value tolerance packaging (1) special wk20207 0 = neutral c = 50 ppm/k b = 100 ppm/k a = 200 ppm/k 3 digit value 1 digit multiplier multiplier f = 1 % g = 2 % j = 5 % 22 = a2 25 = a5 d5 = r5 up to 2 digits 00 = standard 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 6 = *10 6 product description: wk2 50 1k0 1 % r5 wk2 50 1k0 1 % r5 model tcr resistance value tolerance packaging (1) wk2 50 ppm/k 100 ppm/k 200 ppm/k 49k9 = 49.9 k ? 50r1 = 50.1 ? 1k0 = 1.0 k ? 1 % 2 % 5 % a2 a5 r5 part number and product description wk8-series part number: wk80922001000j5c00 model/size variant tcr value tolerance packaging (1) special wk80922 0 = neutral 0 = standard 3 digit value 1 digit multiplier multiplier g = 2 % j = 5 % 5c = ac g1 = r1 up to 2 digits 00 = standard 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 product description: wk8 100r 5 % ac wk8 100r 5 % ac model tcr tolerance packaging (1) wk8 100r = 100 ? 47k = 47 k ? 2 % 5 % ac r1 part number and product description wr-series part number: wr404140a1001gfe00 model/size variant tcr value tolerance packaging (1) special wr40414 wr50617 0 = neutral a = 200 ppm/k 3 digit value 1 digit multiplier multiplier g = 2 % j = 5 % 41 = a1 g73 51 = a1 g77 fe = re g73 gp = rp up to 2 digits 00 = standard 7 = *10 -3 8 = *10 -2 9 = *10 -1 0 = *10 0 1 = *10 1 2 = *10 2 3 = *10 3 4 = *10 4 5 = *10 5 6 = *10 6 product description: wr4 1k0 2 % re wr4 1k0 2 % re model resistance value tolerance packaging (1) wr4 wr5 1k0 = 1.0 k ? 51r0 = 51.0 ? 2 % 5 % a1 (g73) a1 (g77) re (g73) rp 02 10 1fd 0 k2 50 w 70 0 0 c 09 10 0j5 0 k8 c0 w 20 2 0 0 04 10 1gf 0 r4 e0 w 40 1 0 a
document number: 20128 for technical questions, contact: filmresistorsleaded@vishay.com www.vishay.com revision: 26-may-10 3 wk/wr high power metal oxide leaded resistors vishay draloric dimensions notes ? taping in acc. with iec 60286-1 ? d and l measured in acc. with iec 60294 ? d according to iec 60301 (1) 9 mm for wr5/wk8 packaging model reel box pieces/reel code min. order qty packaging units pieces/box code min. order qty packaging units wk2 5000 r5 1 5000 2000 a5 a2 1 1 wr4 2500 re 2 1000 a1 (g73) 2 wr5 1500 rp 2 1000 a1 (g77) 2 wk8 1000 r1 2 500 ac 2 l 1 l d d b e 6 mm (1) model dimensions (in millimeters) dll 1 max. bde wk2 2.5 - 0.5 6.5 - 0.5 8.0 53 1 0.6 7.5 wr4 3.9 - 0.5 10.0 - 1.6 12.0 73 1 0.8 15.0 wr5 6.0 - 0.5 16.5 - 1.5 20.0 77 1 0.8 17.5 wk8 9.0 - 0.5 20.0 - 1.5 24.0 77 1 0.8 22.5 120 100 8 0 60 40 20 0 - 55 0 40 8 0 120 160 200 240 2 8 0 320 360 70 ambient temperature in c derating % n i r e w o p d e t a r 300 250 200 150 100 50 0 0 1.0 2.0 3.0 4.0 5.0 power in w temperature rise c n i e s i r e r u t a r e p m e t wr4 wk2 wr5 wk 8 wr 5 wr 4 wk 8 wk 2 10 wr 5 wr 4 wk 8 wk 2 10 -5 10 -4 10 0 10 -1 10 0 10 10 1 10 -1 10 -2 10 0 10 -3 10 2 10 -1 10 -5 10 -4 10 -3 10 -2 10 3 ] w [ p g n i t a r r e w o p ] w [ g n i t a r r e w o p pulse rating o secondary conditions: a) ? b) ? u 70 c c) ? max. see diagram below d) ~ 10r secondary conditions: a) 70 (permissible constant power at ? u = 70 c) b) ? u 70 c c) ? max. see diagram below d) ~ 10r p square pulse i [s] t square pulse i [s] t p pulse rating 70 pp p pp wk2 wr4 wr5 wk 8 10 0 10 1 10 2 10 -1 10 3
www.vishay.com for technical questions, contact: filmresistorsleaded@vishay.com document number: 20128 4 revision: 26-may-10 wk/wr vishay draloric high power metal oxide leaded resistors note (1) limits for change of resistance at test non-linearity ] b d [ 3 a y t i r a e n i l - n o n 130 120 110 100 90 1k 10k 100k 1m 10m resistance value in wr4 wr5/wk 8 current noise 10 1 0.1 0.01 e s i o n t n e r r u c v / v wr4 10k 100k 1m 10m resistance value in 2000 1000 0 wr 5/wk 8 wr 4 max. pulse voltage wk 2 10 -5 10 -4 10 -2 10 -3 10 -1 10 10 0 wr5/wk 8 secondary conditions: a) max. see diagram below b) see diagram below c) ? u 70 c p ? max. [v] e g a t l o v e s l u p ? square pulse i [s] t performance test conditions of test requirements ( ? r max.) (1) rated dissipation, p 70 iec 60115-1, 4.25.1 1000 h at 70 c 1.5 h on, 0.5 h off wk2 ? (5 % r + 0.1 ? ) wk8 ? (2 % r + 0.1 ? ) wr4, wr5 ? (5 % r + 0.1 ? ) endurance at uct iec 60115-1, 4.25.3 1000 h at 200 c without load wk2, wr4 ? (5 % r + 0.1 ? ) wr5, wk8 ? (1 % r + 0.1 ? ) overload test iec 60115-1, 4.13 short time overload 5 s at 2.5 x rated voltage or ? twice the limiting element voltage ? (0.25 % r + 0.05 ? ) thermal shock iec 60115-1, 4.19 rapid change between upper an d lower category temperature ? (0.25 % r + 0.05 ? ) climatic sequence iec 60115-1, 4.23 dry heat, damp heat cycle, cold, low air pressure ? (0.5 % r + 0.1 ? ) damp heat steady state iec 60115-1, 4.24 56 days; 40 c; 90 % to 95 % rh; loaded with 0.01 p 70 ? (1.5 % r + 0.1 ? ) resistance to soldering heat iec 60115-1, 4.18 10 s at 260 c solder bath temperature ? (0.25 % r + 0.05 ? ) robustness of terminations iec 60115-1, 4.16 tensile, bending and torsion ? (0.25 % r + 0.05 ? ) vibration iec 60115-1, 4.22 frequency 10 hz to 500 hz; displacement 1.5 mm or acceleration 10 g; th ree directions; 6 h ? (0.25 % r + 0.05 ? ) applicable specifications ? en140100, en60115-1, iec 60115-1
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of 170A3909J5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X