Part Number Hot Search : 
PS120 M45PE16 D1004 VB9010 CY7C344 ISL28 MAX2055 CXA1786N
Product Description
Full Text Search
 

To Download 122138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tnc coaxial connectors tnc coaxial connectors 95 the connex tnc connectors are made to a high quality level. medium size coaxial connectors with thread coupling. 50 ohm impedance for applications up to 11 ghz and 75 ohm impedance up to 1 ghz. cable entires full crimp or clamp type with soldered or crimp center contact. 75 ohm series within the internationally standardized tnc mating face dimensions, a perfect 75 ohm characteristic impedance cannot be realized. however, at frequencies up to 1 ghz, the small impedance deviation is negligible for practical applications. a typical swr of 1.15:1 at 1 ghz is achieved. all 75 ohm tnc connectors and 50 ohm tnc connectors are intermateable. note: silverplated bodies are available by adding ??to end of part number. nexcote (white bronze) plating with no nickel under body or center contact is available by adding ?ex?to end of part number. impedance 50 ohm 75 ohm frequency range 0?1 ghz 0? ghz working voltage 500 volts rms. 500 volts rms. dielectric withstanding voltage 1500 volts rms. 1500 volts rms. vswr 1.3 max. 0?1 ghz 1.05 + 0.1f (ghz) dc to 1 ghz contact resistance center contact 1.5 milliohm center contact 1.5 milliohm outer contact 0.2 milliohm outer contact 0.2 milliohm insulation resistance 5000 megohms (min) 5000 megohms (min) parts name material finish center male brass gold or silver plated contact female phosphor bronze (nominal) or gold or silver plated beryllium copper metal parts brass nickel* insulators teflon, delrin, pbt polyester none clamp gaskets silicone rubber, synthetic rubber none crimp ferrule annealed copper nickel* electrical specifications material specifications tnc.4 11/27/01 4:55 pm page 95
tnc coaxial connectors tnc coaxial connectors 96 interface mating dimensions note 1: i.d. to meet vswr and contact resistance when mated with 1.32/1.37 mm dia. pin. letter millimeters [inches} minimum maximum a 9.60 [.378] 9.70 [.382] b 8.79 [.346] 9.04 [.356] c 8.31 [.327] 8.46 [.333] d 8.10 [.319] 8.15 [.321] e 4.72 [.186] f 1.73 [.068] 2.24 [.088] g 8.31 [.327] 8.51 [.335] h 4.75 [.187] j 4.72 [.186] 5.23 [.206] k 0.15 [.006] l 4.95 [.195] m 2.06 [.081] 2.21 [.087] n 6.50 [.256] p 4.78 [.188] 5.28 [.208] r 10.52 [.414] s 0.38 [.015] 0.76 [.030] letter millimeters [inches} minimum maximum a 11.18 [.440] b flared to meet good electrical contact c 4.83 [.190] d 1.32 [.052] 1.37 [.054] e 5.33 [.210] 5.84 [.230] f 0.15 [.006] 0.46 [.018] g 5.28 [.208] 5.79 [.228] h 0.08 [.003] 1.02 [.040] j 2.06 [.081] 2.21 [.087] k 1.98 [.078] m 1.98 [.078] n 1.60 [.063] p 3.96 [.156] q 0.64 [.025] plug jack tnc.4 11/27/01 4:55 pm page 96
122100 01 nickel delrin 50 e 122103 03 nickel delrin 75 e 122104 02 nickel delrin 50 e 122107 04 nickel delrin 75 e remark: only for solid center conductor cable cable crimp p.n. group finish insulation impedance tool straight crimp plug ?single crimp tnc coaxial connectors plug crimp attachments for flexible and semi-rigid cable 122108 01 nickel delrin 50 a 122372 01a nickel delrin 50 a 122410 01b nickel delrin 50 a 122110 03 nickel delrin 50 a 122111 03 nickel delrin 75 a 122426 03a nickel delrin 75 a 122394 07 nickel teflon 50 d 122398 07a nickel teflon 50 d 122408 07b nickel delrin 50 a 122393 07c nickel teflon 50 l 122470 07f nickel teflon 75 d 122390 08 nickel delrin 75 e 122465 08a nickel teflon 75 a/h 122391 15 nickel delrin 75 e 122417 17 nickel teflon 50 .610 hex 122951* 18 nickel teflon 75 a 122950* 19 nickel teflon 75 b 122471 nickel teflon 50 n/a times lmr300 *center contact .053" diameter, 30? au. true 75 ohm. use .044 hex or 12-indent crimp cable crimp p.n. group finish insulation impedance tool straight crimp plug standard cable 97 tnc coaxial connectors all connector bodies, unless otherwise noted, are nickel plated. center contacts are 3" gold plated. insulators are delrin, unless otherwise noted. silver plating and teflon insulators are available on virtually all tnc connectors. please contact connex for samples and quotes. all dimensions in millimeters and [inches]. for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 01 58/ 58a/ 58c/ 141/ 303/ lmr195 / b7806a 01a 55/ 142/ 223/ 400 01b lmr200 / b7807a 02 58 plenum/thinnet/ 122u/ b88240/ b89907 03 59/ 62/ 140/ 210 03a 59/ u-20awg 04 59/ u plenum 04a 59/ u plenum-20awg 05 174/ 188a/ 316/ b7805a 05a 316/ u double braided 06 179/ 187/ b9221 06a 179/ u double braided 07 8/ 8a/ 213/ 393 07a 214 07b 8x/ lmr240 / b7808a 07c b9913/ lmr400 / b7810a/ b8214 07d b89913 07e 11 07f 11/ u-14awg/ b8213/ b9292/ b7731/ b1859a 08 6/ 143/ 212 08a b1694a/ b9248 08b 6 plenum/ b1695a 09 b8227/ 89207 10 .141 semi-rigid/ 402/u 11 .085 semi-rigid/ 405/u 12 .250 semi-rigid 13 .047 semi-rigid/ b1674a 14 178/ 196 15 b8281/ b9231/ b9141 15a b88281 16 180/ 195/ 122/ b8218/ b1865a/ b1855 17 lmr6oo 18 at&t734a/ b1505a 19 at&t735a/ b735a1 cable group legend tnc.4 11/27/01 4:55 pm page 97
tnc coaxial connectors 122387 11 nickel/gold teflon 50 n/a 122386 10 nickel/gold teflon 50 n/a 122386hex 10 nickel/gold teflon 50 n/a hex coupling nut cable crimp p.n. group finish insulation impedance tool straight solder plug semi-rigid cable 122116 05 nickel delrin 50 b 122395 05 nickel teflon 50 b high frequency 122375 05a nickel delrin 50 b 122117 06 nickel delrin 75 b 122447 06a nickel delrin 75 b 122457 16 nickel teflon 75 b remark: with teflon sleeve, hex. crimp size .178" cable crimp p.n. group finish insulation impedance tool straight crimp plug miniature cable plug crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 98 for cable group legend, see page 97 122387 122386 122112 02 nickel delrin 50 a 122114 04 nickel delrin 50 a 122115 04 nickel delrin 75 a 122472 04a nickel delrin 75 a cable crimp p.n. group finish insulation impedance tool straight crimp plug plenum cable tnc.4 11/27/01 4:55 pm page 98
tnc coaxial connectors 122118 05 nickel delrin 50 b 122119 06 nickel delrin 75 b 122429 14 nickel delrin 50 b remark: hex. crimp size .128" cable crimp p.n. group finish insulation impedance tool straight crimp plug pin-in-pin miniature cable 122120 06 nickel tpx 75 b remark: tpx insulator/75 ohm available only cable crimp p.n. group finish insulation impedance tool straight crimp plug miniature cable 99 plug crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 ferrule crimp tool crimped size .128" tool no. 47-10150 4 way indent crimp tool no. 47001 tnc.4 11/27/01 4:55 pm page 99
tnc coaxial connectors right angle plug crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 100 for cable group legend, see page 97 122140 01 nickel delrin 50 a 122430 01a nickel delrin 50 a 122142 03 nickel delrin 50 a 122143 03 nickel delrin 75 a 122411 01b nickel delrin 50 a 122414 07b nickel teflon 50 a 122416 07c nickel teflon 50 l 122464 17 nickel teflon 50 .610 hex remark: cable center conductor solder to pin directly cable crimp p.n. group finish insulation impedance tool right angle crimp/solder plug standard cable 122144 02 nickel delrin 50 a 122146 04 nickel delrin 50 a 122147 04 nickel delrin 75 a remark: cable center conductor solder to pin directly cable crimp p.n. group finish insulation impedance tool right angle crimp/solder plug plenum cable 122148 05 nickel delrin 50 b 122407 05a nickel delrin 50 b 122149 06 nickel delrin 75 b 122448 06a nickel delrin 75 b remark: cable center conductor solder to pin directly, hex. crimp size .178" cable crimp p.n. group finish insulation impedance tool right angle crimp/solder plug miniature cable 122150 01 nickel delrin 50 a 122152 03 nickel delrin 50 a 122153 03 nickel delrin 75 a 122365 01a nickel delrin 50 a cable crimp p.n. group finish insulation impedance tool right angle crimp/crimp plug standard cable tnc.4 11/27/01 4:55 pm page 100
tnc coaxial connectors 101 right angle plug crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 122420 11nickel/gold teflon 50 n/a 122422 10nickel/gold teflon 50 n/a cable crimp p.n. group finish insulation impedance tool right angle solder plug semi-rigid cable 122154 02 nickel delrin 50 a 122156 04 nickel delrin 50 a 122157 04 nickel delrin 75 a remark: crimp/crimp type cable crimp p.n. group finish insulation impedance tool right angle crimp/crimp plug plenum cable 122158 05 nickel delrin 50 b 122159 06 nickel delrin 75 b 122376 05a nickel delrin 50 b remark: with teflon sleeve, hex. crimp size .178 , crimp/crimp type cable crimp p.n. group finish insulation impedance tool right angle crimp/crimp plug miniature cable tnc.4 11/27/01 4:55 pm page 101
tnc coaxial connectors jack crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 102 for cable group legend, see page 97 teflon/captured 122122 01 nickel teflon 50 a 122124 03 nickel teflon 50 a 122125 03 nickel teflon 75 a 122373 01a nickel delrin 50 a 122412 01b nickel teflon 50 a 122392 07c nickel teflon 50 l 122409 07b nickel delrin 50 a 122453 15 nickel teflon 50 e 122418 17 nickel teflon 50 .610 hex cable crimp p.n. group finish insulation impedance tool straight crimp jack standard cable teflon/captured 122130 02 nickel teflon 50 a 122132 04 nickel teflon 50 a 122133 04 nickel teflon 75 a 122473 04a nickel teflon 75 a cable crimp p.n. group finish insulation impedance tool straight crimp jack plenum cable 122138 05 nickel delrin 50 b 122377 05a nickel delrin 50 b 122139 06 nickel delrin 75 b 122449 06a nickel delrin 75 b 122424 16 nickel delrin 75 b remark: with teflon sleeve, hex. crimp size .178" cable crimp p.n. group finish insulation impedance tool straight crimp jack miniature cable 122421 11nickel/gold teflon 50 n/a 122423 10nickel/gold teflon 50 n/a cable crimp p.n. group finish insulation impedance tool straight crimp jack semi-rigid cable tnc.4 11/27/01 4:55 pm page 102
teflon/captured 122168 01 nickel teflon 50 a 122170 03 nickel teflon 50 a 122171 03 nickel teflon 75 a remark: 6.5 [.256] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead crimp jack standard cable tnc coaxial connectors teflon/captured 122160 01 nickel teflon 50 a 122162 03 nickel teflon 50 a 122163 03 nickel teflon 75 a 122363 01a nickel delrin 50 a 122413 01b nickel delrin 50 a 122415 07b nickel teflon 50 a 122405 07c nickel delrin 50 l 122382 08 nickel teflon 75 e 122466 08a nickel teflon 75 a/h 122425 19 nickel teflon 75 b remark: 3.5 [.138] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead crimp jack standard cable teflon/captured 122176 02 nickel teflon 50 a 122178 04 nickel teflon 50 a 122179 04 nickel teflon 75 a remark: 3.5 [.138] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead crimp jack plenum cable teflon/captured 122184 02 nickel teflon 50 b 122186 04 nickel teflon 50 b 122187 04 nickel teflon 75 b remark: 6.5 [.256] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead crimp jack plenum cable 103 bulkhead jack crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 103
122401 10 nickel/gold teflon 50 n/a 122400 11 nickel/gold teflon 50 n/a 122463 11 nickel/gold teflon 75 n/a front mount cable crimp p.n. group finish insulation impedance tool bulkhead solder jack semi-rigid cable rear mount tnc coaxial connectors 122406 10 nickel/gold teflon 50 n/a 122469 10 nickel/gold teflon 50 n/a front mount cable crimp p.n. group finish insulation impedance tool bulkhead solder jack semi-rigid cable front mount 122192 05 nickel delrin 50 b 122428 05 nickel teflon 50 b for 6.5 [.256] panel 122358 05a nickel delrin 50 b 122193 06 nickel delrin 75 b 122450 06a nickel delrin 75 b 122370 14 nickel delrin 50 b 122403 14 nickel delrin 50 b for 6.5 [.256] panel 122441 16 nickel teflon 75 b remark: with teflon sleeve, hex. crimp size .178", 3.5 [.138] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead crimp jack miniature cable bulkhead jack crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 104 for cable group legend, see page 97 122202 01 nickel teflon 50 a 122204 03 nickel teflon 50 a 122205 03 nickel teflon 75 a remark: 6.0 [.236] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead isolated crimp jack standard cable 122469 tnc.4 11/27/01 4:55 pm page 104
122194 02 nickel teflon 50 a 122196 04 nickel teflon 50 a 122197 04 nickel teflon 75 a remark: 6.0 [.236] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead isolated crimp jack plenum cable tnc coaxial connectors 122210 05 nickel teflon 50 b 122211 06 nickel teflon 75 b remark: with teflon sleeve, hex. crimp size .178", 6.0 [.236] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead isolated crimp jack miniature cable 105 bulkhead jack crimp attachments for flexible and semi-rigid cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 122454 05 nickel teflon 50 b cable crimp p.n. group finish insulation impedance tool right angle bulkhead crimp jack tnc.4 11/27/01 4:55 pm page 105
teflon/captured 122238 02 nickel teflon 50 a 122240 04 nickel teflon 50 a 122241 04 nickel teflon 75 a remark: 5.0 [.197] max. panel thickness cable crimp p.n. group finish insulation impedance tool panel crimp jack plenum cable tnc coaxial connectors teflon/captured 122230 01 nickel teflon 50 a 122232 03 nickel teflon 50 a 122233 03 nickel teflon 75 a 122374 01a nickel teflon 50 a delrin/noncaptured 122234 01 nickel delrin 50 a 122236 03 nickel delrin 50 a 122237 03 nickel delrin 75 a remark: 5.0 [.197] max. panel thickness cable crimp p.n. group finish insulation impedance tool panel crimp jack standard cable 122246 05 nickel delrin 50 b 122379 05a nickel delrin 50 b 122247 06 nickel delrin 75 b 122442 14 nickel delrin 50 b 122460 16 nickel delrin 75 b remark: with teflon sleeve, hex. crimp size .178", 5.0 [.197] max. panel thickness cable crimp p.n. group finish insulation impedance tool panel crimp jack miniature cable 122419 10 nickel/gold teflon 50 n/a 122389 11 nickel/gold teflon 50 n/a cable crimp p.n. group finish insulation impedance tool panel solder jack semi-rigid cable panel jack crimp attachments for flexible and semi-rigid cable/receptacle for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 106 for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 106
122258 01 nickel delrin 50 n/a 122260 03 nickel delrin 50 n/a 122261 03 nickel delrin 75 n/a 122262 02 nickel delrin 50 n/a 122264 04 nickel delrin 50 n/a 122265 04 nickel delrin 75 n/a remark: only for solid center conductor cable cable crimp p.n. group finish insulation impedance tool twist-on jack tnc coaxial connectors 122250 01 nickel delrin 50 n/a 122252 03 nickel delrin 50 n/a 122253 03 nickel delrin 75 n/a 122254 02 nickel delrin 50 n/a 122256 04 nickel delrin 50 n/a 122257 04 nickel delrin 75 n/a remark: only for solid center conductor cable cable crimp p.n. group finish insulation impedance tool twist-on plug 122266 01 nickel delrin 50 n/a 122268 03 nickel delrin 50 n/a 122269 03 nickel delrin 75 n/a 122270 02 nickel delrin 50 n/a 122272 04 nickel delrin 50 n/a 122273 04 nickel delrin 75 n/a remark: only for solid center conductor cable cable crimp p.n. group finish insulation impedance tool right angle twist-on plug 107 panel jack crimp attachments for flexible and semi-rigid cable/receptacle for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 122458rp 05 nickel teflon 50 b 122459rp 14 nickel teflon 50 b cable crimp p.n. group finish insulation impedance tool 2-hole flange panel jack (reverse polarized) threaded holes twist-on attachments for flexible cable tnc.4 11/27/01 4:55 pm page 107
122282 01 nickel delrin 50 n/a 122284 03 nickel delrin 50 n/a 122285 03 nickel delrin 75 n/a 122402 05 nickel delrin 50 n/a cable crimp p.n. group finish insulation impedance tool straight clamp plug tnc coaxial connectors 122274 01 nickel delrin 50 n/a 122276 03 nickel delrin 50 n/a 122277 03 nickel delrin 75 n/a 122278 02 nickel delrin 50 n/a 122280 04 nickel delrin 50 n/a 122281 04 nickel delrin 75 n/a 122381 07 nickel teflon 50 n/a 122397 07c nickel teflon 50 n/a remark: barrel o.d., 12.5 mm cable crimp p.n. group finish insulation impedance tool straight clamp plug captive contact 122286 01 nickel delrin 50 n/a 122288 03 nickel delrin 50 n/a 122289 03 nickel delrin 75 n/a 122290 02 nickel delrin 50 n/a 122292 04 nickel delrin 50 n/a 122293 04 nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool right angle clamp plug 122294 01 nickel teflon 50 n/a 122296 03 nickel teflon 50 n/a 122297 03 nickel teflon 75 n/a 122298 02 nickel teflon 50 n/a 122300 04 nickel teflon 50 n/a 122301 04 nickel teflon 75 n/a 122446 07 nickel teflon 50 n/a cable crimp p.n. group finish insulation impedance tool straight clamp jack captive contact clamp attachments for flexible cable for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 108 for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 108
cable crimp p.n. group finish insulation impedance tool tnc coaxial connectors cable crimp p.n. group finish insulation impedance tool 109 for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 122310 01 nickel teflon 50 n/a 122312 03 nickel teflon 50 n/a 122313 03 nickel teflon 75 n/a 122314 02 nickel teflon 50 n/a 122316 04 nickel teflon 50 n/a 122317 04 nickel teflon 75 n/a remark: with wedge contact wedge compression jack 122302 01 nickel delrin 50 n/a 122304 03 nickel delrin 50 n/a 122305 03 nickel delrin 75 n/a 122306 02 nickel delrin 50 n/a 122308 04 nickel delrin 50 n/a 122309 04 nickel delrin 75 n/a remark: with wedge pin wedge compression plug clamp attachments for flexible cable 122452 05 nickel teflon 50 n/a cable crimp p.n. group finish insulation impedance tool bulkhead clamp jack wedge compression attachments for flexible cable tnc.4 11/27/01 4:55 pm page 109
tnc coaxial connectors cable crimp p.n. group finish insulation impedance tool cable crimp p.n. group finish insulation impedance tool 122396 n/a nickel teflon 50 n/a note: consult factory for other lengths available. cable crimp p.n. group finish insulation impedance tool panel receptacle extended teflon post 122443 n/a nickel teflon 50 n/a note: consult factory for other lengths available. cable crimp p.n. group finish insulation impedance tool panel receptacle extended teflon post gasket seal for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 110 for cable group legend, see page 97 122385 n/a nickel teflon 50 n/a note: consult factory for other lengths available. panel receptacle extended teflon post 0.500 flange 122248 n/a nickel teflon 50 n/a 122249 n/a nickel teflon 75 n/a panel receptacle jack panel receptacles tnc.4 11/27/01 4:55 pm page 110
high profile, 15.88 mm white 122322 n/a nickel polypropylene 50 n/a 122323 n/a nickel polypropylene 75 n/a high profile, 15.88 mm black 122324 n/a nickel polypropylene 50 n/a 122325 n/a nickel polypropylene 75 n/a 122384 n/a nickel diecast body 50 n/a low profile, 13.1 mm white 122326 n/a nickel polypropylene 50 n/a 122327 n/a nickel polypropylene 75 n/a low profile, 13.1 mm black 122328 n/a nickel polypropylene 50 n/a 122329 n/a nickel polypropylene 75 n/a cable crimp p.n. group finish insulation impedance tool commercial right angle pcb mount jack tnc coaxial connectors white housing 122318 n/a nickel polypropylene 50 n/a 122319 n/a nickel polypropylene 75 n/a black housing 122320 n/a nickel polypropylene 50 n/a 122321 n/a nickel polypropylene 75 n/a 122383 n/a nickel diecast body 50 n/a cable crimp p.n. group finish insulation impedance tool commercial straight pcb mount jack 122440 n/a nickel teflon 50 n/a 122439 n/a nickel teflon 75 n/a cable crimp p.n. group finish insulation impedance tool straight pcb mount receptacle jack 111 printed circuit board/straight r/a terminals for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 mounting hole dia. see type g page 185 mounting hole dia. see type h page 185 122368 n/a nickel teflon 50 n/a cable crimp p.n. group finish insulation impedance tool right angle bulkhead receptacle tnc.4 11/27/01 4:55 pm page 111
l = 3.2 [.126] panel thickness, l = 26.7 [1.05] 122332 n/a nickel delrin 50 n/a 122333 n/a nickel delrin 75 n/a l = 6.5 [.256] panel thickness, l = 30.0 [1.18] 122334 n/a nickel delrin 50 n/a 122335 n/a nickel delrin 75 n/a l1 = 9.5 [.374] panel thickness, l = 33.0 [1.30] 122336 n/a nickel delrin 50 n/a 122337 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool bulkhead receptacle jack tnc coaxial connectors 122330 n/a nickel delrin 50 n/a 122331 n/a nickel delrin 75 n/a remark: 4.5 [.177] max. panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead receptacle plug 122338 n/a nickel nylon 50 n/a 122339 n/a nickel nylon 75 n/a remark: isolated from ground, 3.2 [.126] max.panel thickness cable crimp p.n. group finish insulation impedance tool bulkhead receptacle isolated jack bulkhead receptacle/solder pot terminals for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 112 for cable group legend, see page 97 122462 n/a nickel teflon 50 n/a cable crimp p.n. group finish insulation impedance tool right angle pcb mount receptacle metal body tnc.4 11/27/01 4:55 pm page 112
122342 n/a nickel delrin 50 n/a 122343 n/a nickel delrin 75 n/a remark: 7.0 mm max. panel thickness cable crimp p.n. group finish insulation impedance tool jack-to-jack bulkhead adapter tnc coaxial connectors 122340 n/a nickel delrin 50 n/a 122341 n/a nickel delrin 75 n/a remark: 8.0 mm max. panel thickness cable crimp p.n. group finish insulation impedance tool jack-to-jack bulkhead adapter 122344 n/a nickel delrin 50 n/a 122345 n/a nickel delrin 75 n/a remark: without gasket, 5.5 mm max. panel thickness cable crimp p.n. group finish insulation impedance tool jack-to-jack bulkhead adapter 113 bulkhead feedthrough adapters for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 113
122380 n/a nickel teflon 75 n/a cable crimp p.n. group finish insulation impedance tool jack-to-plug bulkhead adapter push on tnc coaxial connectors 122346 n/a nickel delrin 50 n/a 122347 n/a nickel delrin 75 n/a remark: with isolated bushing, 4.5 mm max. panel thickness cable crimp p.n. group finish insulation impedance tool jack-to-jack bulkhead isolated adapter bulkhead feedthrough adapters for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 114 for cable group legend, see page 97 122427 n/a nickel tefon 50 n/a cable crimp p.n. group finish insulation impedance tool bulkhead right angle tnc female to mcx female adapter tnc.4 11/27/01 4:55 pm page 114
122350 n/a nickel delrin 50 n/a 122351 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool plug-to-plug adapter tnc coaxial connectors 122348 n/a nickel delrin 50 n/a 122349 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool jack-to-jack adapter 122352 n/a nickel delrin 50 n/a 122353 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool right angle adapter plug-to-jack 115 adapters for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 115
122356 n/a nickel delrin 50 n/a 122357 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool tee adapter jack-to-plug-to-jack tnc coaxial connectors 122354 n/a nickel delrin 50 n/a 122355 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool tee adapter jack-to-jack-to-jack tee adapters for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. 116 for cable group legend, see page 97 tnc.4 11/27/01 4:55 pm page 116
tnc coaxial connectors 117 terminators for reverse polarized connecters, add rp to standard part number. contact connex marketing for availability. for reverse threaded connecters, add rt to standard part number. contact connex marketing for availability. for crimp tool information, see page 183. for cable group legend, see page 97 202117 n/a nickel delrin 50 n/a 202118 n/a nickel delrin 75 n/a cable crimp p.n. group finish insulation impedance tool tnc terminator plug 202101 n/a nickel n/a n/a n/a remark: chain length 100 mm cable crimp p.n. group finish insulation impedance tool tnc male cap & chain accessories tnc.4 11/27/01 4:55 pm page 117
tnc.4 11/27/01 4:55 pm page 118


▲Up To Search▲   

 
Price & Availability of 122138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X