Part Number Hot Search : 
BTA086 ISL5123 IRKD166 BA4558 D2495 112VD SRA22 BA4558
Product Description
Full Text Search
 

To Download 104MABA01KG13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features good dvdt C high frequency electronic ballasts C motor run C smps motor speed control applications general purpose ac application C switching capacitor for industrial controls mab ac/motor run film capacitors operating temperature range 40c to +105c without use of approvals range -25c to +85c for use of approvals capacitance tolerance 10% at 1 khz, 20c rated voltage see voltage code table. voltage must be derated by 1.25% per c exceeding 85c. self inductance <1 nano-henry per mm of body length and lead length dissipation factor (max) at 20c freq (khz) c2.2f 2.2f22f 1 .06% .1% .12% .14% insulation resistance @20c (<70% rh) for 1 minute at 100vdc > 10,000m x f for c<1f. > 3,000m x f for c 1f. dialectric strength 160% of rated vac for 60 seconds at 20c between leads. 200% of rated vac for 60 seconds at 20c between leads. for en 60252-1 approval. 3kv at 60hz for 60 seconds between leads and case. self inductance <1nh/mm of lead spacing and lead wire length. capacitance drift <1.0% up to 40c after 2 years temperature coeffcient -200ppm/ c +/- 100ppm/ c load life test capacitance change 3% 125% of rated voltage at +85c 200 hrs. for class d (1,000 hours expected life, continuous service) 600 hrs. for class c (3,000 hours expected life, continuous service) 2,000 hrs. for class b (10,000 hours expected life, continuous service) 6,000 hrs. for class a (30,000 hours expected life, continuous service) dielectric polypropylene electrodes vacuum deposited metal layers construction metallized film leads solid or stranded tinned copper wire coating solvent resistant plastic box (ul 94-v1) with epoxy flls (ul 94v-0) your global source for world-class capacitors ? 2013 illinois capacitor, inc. illinois capacitor, inc. ? north america asia tel: 847.675.1760 tel: 852.2793 0931 sales@illcap.com sales@illcap.com.hk
mab ac/motor run film capacitors s 5mm 1mm solid tinned copper leads l 30mm 5mm solid tinned copper leads c customer specifed insulated solid tinned copper leads m customer specifed stranded insulated tinned copper wire voltage code wvdc/svdc vac (50/60 hz) agency standard description approval classifcation a04 350/425 ul 810/csa 22.2 construction only (e192977)/190-m-1985 a04 180 10,000 hrs. continuous service class b a04 200 1,000 hrs. continuous service class d a03 475/550 ul 810/csa 22.2 construction only (e192977)/190-m-1985 a03 250 10,000 hrs. continuous service class b a03 320 1,000 hrs. continuous service class d a02 575/680 ul 810/csa 22.2 construction only (e192977)/190-m-1985 a02 320 en 60252-1 30,000 hrs. continuous service class a a02 400 en 60252-1 10,000 hrs. continuous service class b a02 430 en 60252-1 1,000 hrs. continuous service class d a01 775/925 432 en 60252-1 10,000 hrs. continuous service class b a01 400 en 60252-1 30,000 hrs. continuous service class a a01 500 en 60252-1 3000 hrs. continuous service class c a01 ul 810/csa 22.2 construction only (e192977)/190-m-1985 a05 1150/1350 ul 810/csa 22.2 construction only (e192977)/190-m-1985 a05 800 3000 hrs. continuous service class c a05 500 10,000 hrs. continuous service class b l 26.5 32 39.5 42.5 s 22.5 27.5 35 37.5 d 0.8 0.8 0.8 1.0 approval codes terminal style selection lead spacing your global source for world-class capacitors ? 2013 illinois capacitor, inc. illinois capacitor, inc. ? north america asia tel: 847.675.1760 tel: 852.2793 0931 sales@illcap.com sales@illcap.com.hk
mab radial leaded box capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 0.1 775 104maba01kg# 120 26.5x16x7 22.5 0.8 0.1 1150 104maba05kg# 175 26.5x16x7 22.5 0.8 0.12 775 124maba01kg# 120 26.5x16x7 22.5 0.8 0.12 1150 124maba05kg# 175 26.5x17x8.5 22.5 0.8 0.15 775 154maba01kg# 120 26.5x17x8.5 22.5 0.8 0.15 1150 154maba05kg# 175 26.5x17x8.5 22.5 0.8 0.18 1150 184maba05kg# 175 26.5x18.5x10 22.5 0.8 0.22 775 224maba01kg# 120 26.5x18.5x10 22.5 0.8 0.22 775 224maba01kh# 100 32x20x11 27.5 0.8 0.22 1150 224maba05kg# 175 26.5x20x11 22.5 0.8 0.22 1150 224maba05kh# 145 32x20x11 27.5 0.8 0.27 775 274maba01kg# 120 26.5x18.5x10 22.5 0.8 0.27 1150 274maba05kg# 175 26.5x22x13 22.5 0.8 0.27 1150 274maba05kh# 145 32x20x11 27.5 0.8 0.33 575 334maba02kg# 90 26.5x16x7 22.5 0.8 0.33 775 334maba01kg# 120 26.5x18.5x10 22.5 0.8 0.33 775 334maba01kh# 100 32x20x11 27.5 0.8 0.33 1150 334maba05kh# 145 32x22x13 27.5 0.8 0.39 575 394maba02kg# 90 26.5x16x7 22.5 0.8 0.39 775 394maba01kh# 100 32x20x11 27.5 0.8 0.39 775 394maba01kg# 120 26.5x18.5x10 22.5 0.8 0.39 1150 394maba05kh# 145 32x22x13 27.5 0.8 0.47 575 474maba02kg# 90 26.5x17x8.5 22.5 0.8 0.47 775 474maba01kg# 120 26.5x20x11 22.5 0.8 0.47 775 474maba01kh# 100 32x20x11 27.5 0.8 0.47 1150 474maba05kh# 145 32x28x14 27.5 0.8 0.56 575 564maba02kg# 90 26.5x17x8.5 22.5 0.8 0.56 775 564maba01kh# 100 32x20x11 27.5 0.8 0.56 775 564maba01kh# 100 32x20x11 27.5 0.8 0.56 1150 564maba05kh# 145 32x28x14 27.5 0.8 0.62 775 624maba01kh# 100 32x20x11 27.5 0.8 0.62 775 624maba01ki# 70 39.5x26x15 35 0.8 0.62 775 624maba01kg# 120 26.5x22x13 22.5 0.8 0.68 475 684maba03kg# 60 26.5x16x7 22.5 0.8 0.68 575 684maba02kg# 90 26.5x18.5x10 22.5 0.8 0.68 575 684maba02kh# 70 32x20x11 27.5 0.8 0.68 775 684maba01ki# 70 39.5x26x15 35 0.8 0.68 775 684maba01ki# 70 39.5x26x15 27.5 0.8 0.68 775 684maba01kh# 100 32x20x11 27.5 0.8 0.68 1150 684maba05kh# 145 32x33x18 27.5 0.8 0.75 475 754maba03kg# 60 26.5x17x8.5 22.5 0.8 0.75 775 754maba01kh# 100 32x22x13 27.5 0.8 0.75 775 754maba01ki# 70 39.5x26x15 35 0.8 0.75 1150 754maba05kh# 145 32x33x18 27.5 0.8 0.82 475 824maba03kg# 60 26.5x17x8.5 22.5 0.8 0.82 575 824maba02kh# 70 32x20x11 27.5 0.8 0.82 575 824maba02kh# 70 32x20x11 27.5 0.8 0.82 775 824maba01kh# 100 32x22x13 27.5 0.8 0.82 775 824maba01ki# 70 39.5x26x15 35 0.8 0.82 1150 824maba05kh# 145 32x33x18 27.5 0.8 1 350 105maba04kg# 50 26.5x16x7 22.5 0.8 1 475 105maba03kg# 60 26.5x18.5x10 22.5 0.8 1 575 105maba02kh# 70 32x20x11 27.5 0.8 1 575 105maba02kh# 70 32x20x11 27.5 0.8 1 775 105maba01kh# 100 32x24.5x15 27.5 0.8 1 775 105maba01ki# 70 39.5x26x15 35 0.8 1 1150 105maba05kj# 90 42.5x28x17 37.5 0.8 1.2 350 125maba04kg# 50 26.5x17x8.5 22.5 0.8 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 1.2 475 125maba03kh# 50 32x17x9 27.5 0.8 1.2 500 125maba03kg# 60 26.5x20x11 22.5 0.8 1.2 575 125maba02kh# 70 32x20x11 27.5 0.8 1.2 775 125maba01kh# 100 32x24.5x15 27.5 0.8 1.2 775 125maba01ki# 70 39.5x26x15 35 0.8 1.2 1150 125maba05kj# 90 42.5x30x22 37.5 1 1.5 350 155maba04kg# 50 26.5x17x8.5 22.5 0.8 1.5 475 155maba03kg# 60 26.5x22x13 22.5 0.8 1.5 475 155maba03kh# 50 32x22x11 27.5 0.8 1.5 575 155maba02kh# 70 32x22x13 27.5 0.8 1.5 775 155maba01kh# 100 32x33x18 27.5 0.8 1.5 775 155maba01ki# 70 39.5x26x15 35 0.8 1.5 1150 155maba05kj# 90 42.5x30x22 37.5 1 1.8 350 185maba04kg# 50 26.5x18.5x10 22.5 0.8 1.8 350 185maba04kh# 40 32x17x9 27.5 0.8 1.8 475 185maba03kh# 50 32x22x11 27.5 0.8 1.8 575 185maba02kh# 70 32x28x14 27.5 0.8 1.8 775 185maba01kh# 70 32x33x18 27.5 0.8 1.8 775 185maba01kj# 65 42.5x28x17 37.5 0.8 1.8 1150 185maba05kj# 90 42.5x37x28 37.5 1 2 350 205maba04kh# 40 32x17x9 27.5 0.8 2 350 205maba04kg# 50 26.5x20x11 22.5 0.8 2 475 205maba03kh# 50 32x22x13 27.5 0.8 2 575 205maba02kh# 70 32x28x14 27.5 0.8 2 575 205maba02ki# 50 39.5x26x15 35 0.8 2 775 205maba01kh# 65 32x33x18 27.5 0.8 2 775 205maba01kj# 65 42.5x28x17 37.5 0.8 2 1150 205maba05kj# 90 42.5x37x28 37.5 1 2.2 350 225maba04kg# 50 26.5x20x11 22.5 0.8 2.2 350 225maba04kh# 40 32x20x11 27.5 0.8 2.2 475 225maba03kh# 50 32x22x13 27.5 0.8 2.2 575 225maba02kh# 70 32x28x14 27.5 0.8 2.2 575 225maba02ki# 50 39.5x26x15 35 0.8 2.2 775 225maba01kh# 65 32x33x18 27.5 0.8 2.2 775 225maba01kj# 65 42.5x28x17 37.5 0.8 2.2 1150 225maba05kj# 90 42.5x37x28 37.5 1 2.5 350 255maba04kh# 40 32x20x11 27.5 0.8 2.5 350 255maba04kg# 50 26.5x22x13 22.5 0.8 2.5 475 255maba03kh# 50 32x22x13 27.5 0.8 2.5 575 255maba02kh# 70 32x28x14 27.5 0.8 2.5 575 255maba02ki# 50 39.5x26x15 35 0.8 2.5 775 255maba01kj# 65 42.5x28x17 37.5 0.8 2.5 1150 255maba05kj# 90 42.5x37x28 37.5 1 2.7 350 275maba04kg# 50 26.5x22x13 22.5 0.8 2.7 350 275maba04kh# 40 32x20x11 27.5 0.8 2.7 475 275maba03kh# 50 32x22x13 27.5 0.8 2.7 575 275maba02ki# 50 39.5x26x15 35 0.8 2.7 575 275maba02kh# 70 32x28x14 27.5 0.8 2.7 775 275maba01kj# 65 42.5x30x22 37.5 1 2.7 1150 275maba05kj# 90 42.5x45x30 37.5 1 3 350 305maba04kh# 40 32x22x13 27.5 0.8 3 475 305maba03kh# 50 32x24.5x15 27.5 0.8 3 575 305maba02kh# 70 32x33x18 27.5 0.8 3 575 305maba02ki# 50 39.5x26x15 35 0.8 3 575 305maba02kj# 50 42.5x28x17 37.5 1 3 775 305maba01kj# 65 42.5x30x22 37.5 1 3 1150 305maba05kj# 90 42.5x45x30 37.5 1 3.15 475 315maba03kh# 50 32x24.5x15 27.5 0.8
mab radial leaded box capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 3.15 475 315maba03ki# 40 39.5x26x15 35 0.8 3.3 350 335maba04kh# 40 32x22x13 27.5 0.8 3.3 475 335maba03kh# 50 32x24.5x15 27.5 0.8 3.3 475 335maba03ki# 40 39.5x26x15 35 0.8 3.3 575 335maba02kh# 70 32x33x18 27.5 0.8 3.3 575 335maba02kj# 50 42.5x28x17 37.5 1 3.3 575 335maba02ki# 50 39.5x26x15 35 0.8 3.3 775 335maba01kj# 65 42.5x30x22 37.5 1 3.3 1150 335maba05kj# 90 42.5x45x30 37.5 1 3.5 350 355maba04kh# 40 32x22x13 27.5 0.8 3.5 475 355maba03kh# 50 32x24.5x15 27.5 0.8 3.5 475 355maba03ki# 40 39.5x26x15 35 0.8 3.5 575 355maba02kh# 70 32x33x18 27.5 0.8 3.5 575 355maba02kj# 50 42.5x28x17 37.5 0.8 3.5 775 355maba01kj# 65 42.5x33.5x22 37.5 1 3.5 1150 355maba05kj# 90 42.5x45x30 37.5 1 4 350 405maba04kh# 40 32x22x13 27.5 0.8 4 475 405maba03ki# 40 39.5x26x15 35 0.8 4 475 405maba03kh# 50 32x33x18 27.5 0.8 4 575 405maba02kh# 70 32x33x18 27.5 0.8 4 575 405maba02kj# 50 42.5x28x17 37.5 0.8 4 775 405maba01kj# 65 42.5x33.5x22 37.5 1 4.5 350 455maba04kh# 40 32x24.5x15 27.5 0.8 4.5 475 455maba03kh# 50 32x33x18 27.5 0.8 4.5 475 455maba03kj# 35 42.5x28x17 37.5 0.8 4.5 575 455maba02kj# 50 42.5x30x22 37.5 1 4.5 775 455maba01kj# 65 42.5x33.5x22 37.5 1 4.7 350 475maba04kh# 40 32x28x14 27.5 0.8 4.7 475 475maba03kh# 50 32x33x18 27.5 0.8 4.7 475 475maba03kj# 35 42.5x28x17 37.5 0.8 4.7 575 475maba02kj# 50 42.5x30x22 37.5 1 4.7 775 475maba01kj# 65 42.5x37x28 37.5 1 5 350 505maba04kh# 40 32x28x14 27.5 0.8 5 475 505maba03kh# 50 32x33x18 27.5 0.8 5 475 505maba03kj# 35 42.5x28x17 37.5 0.8 5 575 505maba02kj# 50 42.5x30x22 37.5 1 5 775 505maba01kj# 65 42.5x37x28 37.5 1 5.5 775 555maba01kj# 65 42.5x37x28 37.5 1 6 350 605maba04kh# 40 32x33x18 27.5 0.8 6 350 605maba04ki# 30 39.5x26x15 35 0.8 6 475 605maba03kj# 35 42.5x28x17 37.5 0.8 capacitance (f) wvdc ic part number dv/dt (v/ sec.) dims lxhxt (mm) s (mm) d (mm) 6 575 605maba02kj# 50 42.5x30x22 37.5 1 6 775 605maba01kj# 65 42.5x37x28 37.5 1 6.3 575 635maba02kj# 50 42.5x30x22 37.5 1 6.3 775 635maba01kj# 65 42.5x37x28 37.5 1 6.5 475 655maba03kj# 35 42.5x28x17 37.5 0.8 6.8 350 685maba04kj# 25 42.5x28x17 37.5 0.8 6.8 350 685maba04kh# 40 32x33x18 27.5 0.8 6.8 350 685maba04ki# 30 39.5x26x15 35 0.8 6.8 575 685maba02kj# 50 42.5x33.5x22 37.5 1 7 350 705maba04kj# 25 42.5x28x17 37.5 0.8 7 350 705maba04kh# 40 32x33x18 27.5 0.8 7 350 705maba04ki# 30 39.5x26x15 35 0.8 7 775 705maba01kj# 65 42.5x45x30 37.5 1 8 350 805maba04kh# 40 32x33x18 27.5 0.8 8 350 805maba04kj# 25 42.5x28x17 37.5 0.8 8 475 805maba03kj# 35 42.5x30x22 37.5 1 8 575 805maba02kj# 50 42.5x33.5x22 37.5 1 8 775 805maba01kj# 65 42.5x45x30 37.5 1 8.5 775 855maba01kj# 65 42.5x45x30 37.5 1 10 350 106maba04kj# 25 42.5x28x17 37.5 0.8 10 475 106maba03kj# 35 42.5x30x22 37.5 1 10 575 106maba02kj# 50 42.5x37x28 37.5 1 11 575 116maba02kj# 50 42.5x45x30 37.5 1 12 350 126maba04kj# 25 42.5x30x22 37.5 1 12 475 126maba03kj# 35 42.5x37x28 37.5 1 12 575 126maba02kj# 50 42.5x45x30 37.5 1 13 575 136maba02kj# 50 42.5x45x30 37.5 1 14 575 146maba02kj# 50 42.5x45x30 37.5 1 15 350 156maba04kj# 25 42.5x30x22 37.5 1 15 475 156maba03kj# 35 42.5x37x28 37.5 1 15 575 156maba02kj# 50 42.5x45x30 37.5 1 18 350 186maba04kj# 25 42.5x37x28 37.5 1 18 475 186maba03kj# 35 42.5x45x30 37.5 1 20 350 206maba04kj# 25 42.5x37x28 37.5 1 20 475 206maba03kj# 35 42.5x45x30 37.5 1 22 350 226maba04kj# 25 42.5x37x28 37.5 1 22 475 226maba03kj# 35 42.5x45x30 37.5 1 25 350 256maba04kj# 25 42.5x37x28 37.5 1 27 350 276maba04kj# 25 42.5x45x30 37.5 1 30 350 306maba04kj# 25 42.5x45x30 37.5 1 33 350 336maba04kj# 25 42.5x45x30 37.5 1


▲Up To Search▲   

 
Price & Availability of 104MABA01KG13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X