Part Number Hot Search : 
TPS563 T111027 1N5352B SF165A IRF630 IRF630 21E15AB EE08449
Product Description
Full Text Search
 

To Download WCS-6020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  WCS-6020 version: 1 2-megapixel day/night wireless p/t network camera - ir leds the levelone WCS-6020 is a quality yet cost-effective surveillance solution for the home and office. it is designed for easy and flexible installation, provides a choice of either a 150mbps wireless or wired connection and a wps (wi-fi protected setup) button to secure the wireless connection with just the push of a button, and the motorized pan and tilt provides a viewing angle of 355 pan and 135 tilt. equipped with a 2-megapixel sensor and built-in ir cut filter/ir illuminator leds, the camera provides high resolution quality and sharp sensitivity ? ideal for security applications both day and night. the WCS-6020 is equipped with many advanced features such as level1dns? service, di/do for external alarm and sensor, a micro sd/sdhc card slot and usb interface for local storage, built-in microphone and external speaker for 2-way audio communications. moreover, users can also set up 16 motion-detection regions with the camera, each with adjustable size and sensitivity. when motion is detected at the specified regions, the system can send an e-mail alert or send captured images via ftp upload to a designated storage server. the WCS-6020 is indisputably the top choice for reliable and high performance surveillance. key features - 2-megapixel (1920 x 1080) high-definition resolution - compatible with ieee 802.11b/g/n wireless standards - built-in infrared leds for night viewing up to 10m - supports 355 pan and 135 tilt www.level1.com page 1 of 6
- supports 2 video streams simultaneously - compression: h.264/mpeg-4/mjpeg - simple wireless connectivity and security with wps push button - removable ir-cut filter for day and night surveillance - built-in microphone and external speaker for 2-way audio communication - built-in sd/sdhc card slot for local storage - digital input/output (1di/1do) for sensor and alarm - supports motion detection and event notification via e-mail or ftp - free 64-channel monitoring software included (supports icamsecure app) highlight free bundled 64-channel management software we aim to offer you the most versatile and comprehensive surveillance solutions. our free ip camsecure software coming allows you to monitor up to 64 ip cameras simultaneously on one screen to enhance scalability. for added convenience and flexibility, the software includes various advanced features such as scheduling recording, event alert, and heaps more. in addition, simply install our free icamsecure app to your smartphone and connect to the pc with ip camsecure software installed, you will easily turn your iphone/android smartphone into a portable surveillance system for real-time monitoring and snapshot. specifications system specifications image sensor: 2-megapixel 1/2.7" progressive scan cmos connectors and cabling: 1 x rj-45 10/100 mbps port 1 x 3.5mm line out 1 x 3.5mm mic/line in 1 x usb port (for optional usb flash drive) 1 x dc power jack i/o terminal block (1 di/1 do) modularity: 1 x sd/sdhc card slot button: wps button, reset button indicator: power, link lens: board lens, fixed-focal, f=4.0 mm, f2.0 ir cut filter: removable infrared-cut filter for day & night function ir led: 12 ir leds for illumination up to 10m shutter time: 1 ~ 1/10,000 sec. angle of view: 62? pan/tilt/zoom: pan range: 355?(-177.5~177.5) tilt range: 135? (-45~ 90) www.level1.com page 2 of 6
auto pan mode auto patrol mode video compression: h.264 / mpeg4 / mjpeg resolution: 1080p (1920x1080) / sxga (1280x1024) / wxga (1280x800) / vga (640x480) / qvga (320x240) / qcif (176x144) video format: avi audio compression: g.711 / amr power: power consumption: 12w power input: dc12v 1.5a standards & protocols: ieee 802.3 10-base-t, ethernet ieee 802.3u 100-base-tx, fast ethernet ieee 802.11b, ieee 802.11g, ieee 802.11n wireless networking tcp/ip, http, smtp, ftp, ddns, upnp, telnet, ntp, pppoe, dns, dhcp, rtsp, samba wireless encryption: wep 64/128-bit web share key encryption wpa-psk, wpa2-psk channel: ch.1 ~ 11 usa ch.1 ~ 13 eu antenna: 2x 2dbi antennas frequency band (ghz): 2.412 ~ 2.472 ghz features general: backup: sd/sdhc card slot & usb port for local storage dns: easy internet monitoring via configuration free level1dns? service security: alarm and notification: alarm: motion detection; di/do notification: ftp, smtp, samba access control: multi-level user access with password protection ip address filtering https encrypted data transmission video: image setting: - adjustable image size, quality and bit rate - configurable brightness, sharpness, contrast, saturation, white balance and exposure - agc/awb/aes - flip & mirror - time stamp streaming: up to 2 video streams motion detection: 16 detection zones audio: streaming: 2-way audio www.level1.com page 3 of 6
input/output: built-in microphone mic/line input, line output performance number of clients: 20 data transfer rate: lan- 10/100mbps ieee 802.11n: 150mbps(20mhz); 300mbps (40mhz) ieee 802.11g: 6,9,12,18,24,36,48,54 mbps ieee 802.11b: 1,2,5.5,11 mbps frame rate: up to 30 fps at 1920x1080 minimum illumination: color: 1.5 lux at f2.0 b/w: 1.0 lux at f2.0 environment temperature (c): operating: 0c ~ 40c humidity (non-condensing): operating: 10% ~ 80% physical specifications dimensions (w x d x h mm): 105 x 110 x 105 mm weight (g): 356 g others approval and compliance: ce, fcc deployment: desktop/ceiling mount operation systems: microsoft windows 7/vista/xp viewing system requirements: browser: internet explorer 6.x or above, firefox, chrome, safari cell phone: 3gpp player real player: 10.5 or above quick time 6.5 or above www.level1.com page 4 of 6
diagram order information WCS-6020 package contents power adapter antenna (x2) rj45 ethernet cable stand kit quick installation guide resource cd (user manual, utility, 64-ch monitoring software) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 5 of 6
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 6 of 6


▲Up To Search▲   

 
Price & Availability of WCS-6020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X